Part Number Hot Search : 
T87C5101 2SD2461 BCM8022 LTC24 8018SA LT1017CS HD1A4M 000AE
Product Description
Full Text Search
 

To Download ML9XX19 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ML9XX19 series type name ml925b19f mitsubishi laser diodes 2.5gb p s ingaasp dfb laser diode description ML9XX19 series are uncooled dfb (distributed feedback) laser diodes for 2.5gbps transmission emitting light beam at 1550nm. /4 shifted grating structure is employed to obtain excellent smsr p erformance under 2.5gbps modulation. furthermore, ML9XX19 can operate in the wide temperature range form 0oc to 70oc without any temperature control. features 2.5gbps long-haul transmission application absolute maximum ratings /4 phase shifted grating structure high side-mode-suppression-ratio (typical 45db) wide temperature range operation ( 0oc to 70oc ) high resonance frequency (typical 11ghz) electrical/optical characteristics tc=25oc threshold current operation current operating voltage peak wavelength beam divergence angle (parallel) (perpendicular) side mode suppression ratio monitoring current (pd) rise and fall time(10%-90%) s y mbol parameter conditions min. typ. max. unit ith cw -1530ma io p cw,po=5mw - 40 60 ma v vo p cw,po=5mw 1.1 1.8 p cw,po=5mw,tc=0oc +70oc 1550 nm cw,po=5mw - 25 47 deg. cw,po=5mw,vrd=1v - 11 - 20 - smsr fr 2.48832gbps, ibias=ith,ipp=40ma 40 - 30 deg. 35 45 pf resonance frequency tr,t f 2.0 ma db 150 ghz 1530 1570 - limits ma cw,tc=70oc cw,po=5mw,tc=70oc cw,po=5mw 2.48832gbps, ibias=ith,ipp=40ma not including package im id ct capacitance (pd) vrd=5v vrd=5v,f=1mhz - 35 50 - 70 100 ma mw/ma 0.200.15 - cw,po=5mw 100 - psec 0.1 - 1.0 a cw,po=5mw,tc=0oc +70oc - - 10 - slope efficiency dark current (pd) symbol parameter conditions ratings unit if laser forward current 200 ma vrl laser reverse voltage - 2 v tc operation temperature - 0~+70 tstg storage temperature - -40 ~+100 oc oc vrd - 20 v po output powe r cw 6 mw pd reverse voltage ird pd forward current - 2 ma - mitsubishi electric
ml725b16f ld pd (3) (2) (1) (4) case (1) 1.0min. 2.0min. 3.550.1 5.6 +0 -0.03 1.27 0.03 0.250.03 glass 18 1 2.10.15 1.2 0.1 4- 0.450.05 (2) 10.1 2-90 2.00.25 (p.c.d.) 4.25 (3) (4) (0.25) (0.25) reference plane emitting facet (1) (2) mm outline drawings ml925b19f ML9XX19 series mitsubishi laser diodes 2.5gb p s ingaasp dfb laser diode ml925b19f
0.0 0.2 0.4 0.6 0.8 1.0 1.2 -60 -40 -20 0 20 40 60 angle () relative light output q^ q// po=5mw tc=25c -90 -80 -70 -60 -50 -40 -30 1530 1540 1550 1560 1570 forward current if (ma) relative intensity (db) 0c 25c 70c po=5mw,cw 0 2 4 6 8 10 0 20 40 60 80 100 forward current if (ma) light output po (mw) 0c 25c 70c ML9XX19 series mitsubishi laser diodes 2.5 gbps ingaasp dfb laser diode typical characteristics fig. 1 light output v.s. forward current fig. 2 spectrum fig. 3 far field pattern


▲Up To Search▲   

 
Price & Availability of ML9XX19

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X