Part Number Hot Search : 
C74VHC2 IRFS610A PJ14126L HT2830 S1100 OM6206 EGL34K F1G59
Product Description
Full Text Search
 

To Download MENB1020A0503F01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ___________________________________________________ ___________________________________________________ ________________________ 1 of 2 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com rohs specifications all specifications are typical at nominal input, fu ll load at 25 c unless otherwise stated . ac input 100-240vac, -/-10%, 47-63 hz, 1 ? mtbf 100,000 hours (calculated) input current 100vac: 0.45a hold - up time 18 ms min. @ 115vac, 60 ms min. @ 230 vac inrush current inrush limiting provided, 60 a peak overload protection hiccup mode input fuse internal primary current fuse provided: 3.15a, 25 0vac short circuit protection hiccup mode efficiency meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii topology switching ? fixed frequency flyback output volta ge see chart safety standards en/iec/csa/ul60601- 1 output power see chart emc, radiated & conducted see chart below ripple and noise 1% pk-pk max., 20mhz bw dielectric withstand input-output: 5,656vdc, input- ground: 1,500vac, output-ground: 500vdc line & load voltage regulation line: +/- 1%, load: +/-5% operating temperature 0 to 40 c, no derating minimum load not required storage temperature -30 to +85 c transient response 500 us max, 5 0% load step relative humidity 5% to 95%, non-condensing case dimensions 84 x 47 x 32mm. see outline drawing altitude 0 to 10,000 ft case material black 94v0 polycarbonate turn - on time 2 sec max, 115/230 vac weight 150g output cab le 5v ? 9v outputs: #18awg (spt-1), 1500mm, 2 conduct or 12v ? 48v outputs: #20awg ( ul1185), 1500mm, 2 conductor output connector 2.5mm barrel type (ault #3), center contact (+) emc specifications conducted emissions en55011 class b, fcc part 15, class b. radiated emissions en55011 class b, fcc part 15, class b. line frequency harmonics en61000-3-2, class a voltage fluctuations/flicker en61000-3-3 static discharge immunity en61000-4-2, 6kv contact discharge, 8kv air dischar ge radiated rf immunity en61000-4-3, 3v/m. eft/burst immunity en61000-4-4, 2kv/5khz. line surge immunity en61000-4-5, 1kv differential, 2kv common-mode conducted rf immunity en61000-4-6, 3vrms power frequency magnetic field immunity en61000-4-8, 3a/m voltage dip immunity en61000-4-11, criteria a menb1020 universal 20 watt series medical switch-mode power supply 3 year warranty ? 100-240vac universal input range ? meets eisa2007, cec efficiency level v, eu (ec) no 278/2009 phase ii ? desktop & wall plug styles ? 5v to 48v single output models, up to 20w ? modified and custom designs available ? regulated output with low ripple ? impact-resistant polycarbonate enclosure ? no load power consumption <0.3w ? limited power source ? certified to ul/en60 601 - 1
___________________________________________________ ___________________________________________________ ________________________ 2 of 2 sl power electronics corp ? 6050 king drive ventura, ca 93003 ? phone 805.486.4565 ? fax 858.712.2040 ? email: info@slpower.com ? www.slpower.com model number volts (v) output current (max) max watts ripple (vp-p max) menb1020a0303f01 3.3 v 3.00 a 9.9 w 50 mv MENB1020A0503F01 5 v 3.00 a 15.0 w 50 mv menb1020a0603f01 6 v 2.50 a 15.0 w 60 mv menb1020a0703f01 7.5 v 2.00 a 15.0 w 75 mv menb1020a0903f01 9 v 2.00 a 18.0 w 90mv menb1020a1203f01 12 v 1.50 a 18.0 w 120mv menb1020a1403f01 14 v 1.20 a 16.8 w 140mv menb1020a1503f01 15 v 1.20 a 18.0 w 150mv menb1020a1803f01 18 v 1.00 a 18.0 w 180mv menb1020a2403f01 24 v 0.75 a 18.0 w 240mv menb1020a4803f01 48 v 0.40 a 19.2 w 440mv notes: part numbers above include #3 output connec tor and iec320 c14 grounded input receptacle. see below for other options. model number key vv 03 menb 01 1 020 a f "01" = standard. "02" and higher indicates a m odif ied m odel. model output voltage: "05" = 5vdc, "12" = 12vdc, "24" = 24vdc, etc. input connector: "f" = iec320 c14 grounded, other options available, see below output connector: "03" = 2.5m m barrel type connector. other options available, contact factory. model "a" = original configuration product fam ily : "m" = medical, "e" = external, "nb" = model serie s designator output pow er: "020" = 20 watts # of outputs "1" = single output iec320 - c14 iec320 - c18 iec320 - c8 n. am erica n. am e rica europe united australia class i class ii class ii japan japan kingdom grounded ungro unde d "shaver" int e rc ha nga ble fixed fixed fixed fixed (f) (q) (n) (b) (c) (m) (g) (h) notes: notes: 1. ault #3 connector, center contact (+). 2. connector is sw itchcraft 760 plug or equivalent. mating connector is sw itchcraft 712a or equival ent. 3. other connector options are available. contact your local sl pow er representative for details. output connector the receptacle chosen. the n. a. blade versio n (b) w ill be an interchangeable blade. 3. blade kit is available w hich w ill include one e ach of a eu, uk, and australian blade. kit part # 2. for wall-plug options, choose the applicable le tter above and the unit w ill be fitted w ith is kt1027k. these can be used w ith the (b) ve rsion, to allow blades to be changed. the other options (c), (m), (g), and (h) w ill b e fixed blades m olded in the case. ac input receptacle options desktop 1. for desktop options, choose applicable letter a bove. wall-plug desktop style wall-plug style (option ?b? shown) data sheet ? 2010 sl power electronics corp. the i nformation and specifications contained herein are believed to be correct at the time of publication. rev. 12-22-2010 however, sl power accepts no responsibility for con sequences arising from reproduction errors or inacc uracies. specifications are subject to change with out notice. outline drawing ite switch mode power supply 3 year warranty menb1020 universal 20 watt series date code medical switch mode power supply 3 year warranty date code


▲Up To Search▲   

 
Price & Availability of MENB1020A0503F01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X