Part Number Hot Search : 
125HS ISL28 CAPA110 P0501 2N6028G M16A12T RTL8181 YG901C2R
Product Description
Full Text Search
 

To Download MBRF30L45CT11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? high surge current capability ? metal silicon junction, majority condution mbrf30lxxct = specific device code g = green compound y = year ww = work week rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a i rrm a dv/dt v/us cj pf r jc o c/w t j o c t stg o c note3: measure at 1mhz and applied reverse voltage of 4.0v d.c. typical junction capacitance (note 3) 700 45 31 1 220 maximum average forward rectified current ? guard-ring for transient protection 30 mbrf30l45ct note2: pulse test : 300us pulse width, 1% duty cycle -65 to + 150 10,000 -65 to + 150 features maximum thermal resistance per leg voltage rate of change (rated v r ) type number ? case: jedec ito-220ab modled plastic maximum ratings and electrical characteristics ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed i fsm maximum reverse current at rated dc blocking voltage t a =25 t a =125 i r mbrf30l45ct ito-220ab version:i11 45 30.0amps isolated low v f schottky barrier rectifie r operating temperature range storage temperature range 1 peak repetitive reverse surge current (note 1) note1: 2.0us pulse width, f=1.0khz, continues 10 cycles marking diagram dimensions in inches and (millimeters) maximum dc blocking voltage peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum rms voltage maximum repetitive peak reverse voltage ? weight: 1.72 grams ? plastic material used carries underwriters laboratory classifications 94v-0 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 / 10 seconds, 0.375"(9.5mm) lead lengths 5 lbs tension ? polarity: as marked ? mounting torque: 5 in-lbs. max. mechanical data ? mounting position: any ? green compound with suffix "g" on packing code & prefix "g" on datecode ma a maximum instantaneous forward voltage at (note 2) if = 15a, t a =25 if = 15a, t a =125 if = 30a, t a =25 if = 30a, t a =125 v f v 0.55 0.50 0.74 0.67 0.4 200 pb rohs compliance rohs compliance
version:i11 ratings and characteristic curves (mbrf30l45ct) fig.1 maximum forward current derating curve 0 5 10 15 20 25 30 35 0 25 50 75 100 125 150 175 case temperature ( ) average forward current (a) resister or inductive load fig. 2 maximum non-repetitive forward surge current 0 25 50 75 100 125 150 175 200 225 1 10 100 number of cycles at 60 hz peak forward surge current(a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics 0.1 1 10 100 1000 10000 100000 10 20 30 40 50 60 70 80 90 100 percent of vr (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 3 typical forward characteristics 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward voltage (v) instantaneous forward current (a) ta=125 ta=25 fig. 6 typical transient thermal impedance 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance( / w) fig. 5 typical junction capacitance 100 1000 10000 0.1 1 10 100 reverse voltage (v) capacitance (pf) ta=25 f=1.0mhz vsig=50mvp-p


▲Up To Search▲   

 
Price & Availability of MBRF30L45CT11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X