Part Number Hot Search : 
KA75420Z SB360S 52000 EDB2820 SMBG5932 PT116 2SC5245A M5R15TLJ
Product Description
Full Text Search
 

To Download MBR10X150CTH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 http:// www.sirectsemi.com power schottky rectifier - 10amp 150vol t features -plastic package has underwriters laboratory flammability classifications 94v-0 -high junction temperature capability -low forward voltage, high current capability -high surge capacity -low power loss, high efficiency -esd performance human body mode > 4 kv -halogen-free application -ac/dc switching adaptor and other switching power supply absolute maximum ratings symbol ratings unit conditions i f(av) 10 a average forward current v rrm 150 v repetitive peak reverse voltage i fsm 120 a peak forward surge current v f 0.59 v forward voltage drop t j, t stg -40 to +150 o c operating and storage temperature electrical characteristics parameters symbol ratings conditions typ. max. maximum instantaneous forward voltage v f 0.74v 0.59v 0.79v 0.68v per leg at i f = 5a tc = 25 o c tc = 125 o c typ. max. maximum reverse leakage current i r 0.2ma 15ma 1.0ma 30ma per leg at v r = 150v tc = 25 o c tc = 125 o c typical thermal resistance,junction to case r (j-c) 2.2 o c/w 4.5 o c/w per leg to-220ab ito-220ab june 2012 / rev.6.9 e l e c t r o n i c MBR10X150CTH/fcth
2 http:// www.sirectsemi.com average forward current amperes 0 1 3 5 175 ambient temperature (o c ) figure 1. forward current derating curve 2 150 125 100 75 50 25 4 peak forward surge current amperes number of cycles at 60hz figure 2. maximum non-repetitive surge current 100 50 20 10 5 2 1 0 60 150 90 120 30 8.3ms single half-sine-wave (jedec method) instantaneous reverse current, (ma) 0.01 0.1 1 10 100 1000 20 40 60 80 100 percent of rated peak reverse voltage, (%) figure 3. typical reverse characteristics 0 t j =25oc t j =125oc t j =75oc instantaneous forward current, (a) instantaneous forward voltage, volts figure 4. typical forward characteristics 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10 100 t j = 25oc t j =75oc t j = 125oc capacitance, (pf) reverse voltage, volts figure 5. typical junction capacitance 0.1 1 10 100 100 1000 10000 t j = 25o c f = 1mhz sirectifier global corp., delaware, u.s.a. u.s.a.: sgc@sirectsemi.com france: ss@sirectsemi.com taiwan: se@sirectsemi.com hong kong: hk@sirectsemi.com china: st@sirectsemi.com ? thailand: th@sirectsemi.com philippines: aiac@sirectsemi.com belize: belize@sirectsemi.com MBR10X150CTH/fcth
3 http:// www.sirectsemi.com MBR10X150CTH to-220ab b d e f h h i c n j g a m l k o a1 a2 k dimensions inches mm dim min max min max note a .579 .606 14.70 15.40 b .392 .411 9.95 10.45 c .104 .116 2.65 2.95 d .248 .272 6.30 6.90 e .325 .350 8.25 8.90 f .126 .157 3.20 4.00 g .492 .551 12.50 14.00 h .096 .108 2.45 2.75 i .028 .039 0.70 1.00 j .010 .022 0.25 0.55 k .146 .157 3.70 4.00 l .167 .187 4.25 4.75 m .045 .057 1.15 1.45 n .089 .114 2.25 2.90 o .047 .055 1.20 1.40 mbr10x150fcth ito-220ab a 1 a2 k dimensions inches mm dim min max min max note a .600 .630 15.25 16.00 b .386 .406 9.80 10.30 c .104 .132 2.65 3.35 d .258 .274 6.55 6.95 e .331 .370 8.40 9.40 f .110 .161 2.80 4.10 g .508 .551 12.90 14.00 h .089 .106 2.25 2.70 i .028 .039 0.70 1.00 j .020 .028 0.50 0.70 k .120 .138 3.05 3.50 l .167 .193 4.25 4.90 m .028 .057 0.70 1.45 n .079 .112 2.00 2.85 o .043 .055 1.10 1.40 MBR10X150CTH/fcth


▲Up To Search▲   

 
Price & Availability of MBR10X150CTH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X