Part Number Hot Search : 
S1280 4HCT0 F6071K5F 180CA A510C 01089 PLCSS412 220MC
Product Description
Full Text Search
 

To Download MAX9502GEXKT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max9502 small, low-power video amplifier with integrated reconstruction filter operates from a supply voltage as low as 2.5v. the small size and the low mini- mum supply voltage make the max9502 ideal for portable applications or small, low-power applications. the max9502 dc-couples the input and the output, resulting in a very small solution. the max9502 input can be directly connected to the output of a video digital-to- analog converter (dac). the reconstruction filter is imple- mented as a 4th-order chebyshev with a minimum passband of 5.5mhz, 3db attenuation at 8mhz, and 55db attenuation at 27mhz. the output amplifier provides a closed-loop gain of +6db (max9502g) or +12db (max9502m), and can drive a 2v p-p video signal into a 150 ? load to ground. the output signal is level-shifted so the sync tip is 110mv (typ) above ground. the max9502 operates from a 2.5v to 3.6v single supply and consumes only 5.3ma quiescent supply current. an active-low shutdown mode reduces the supply current to 0.01?. the max9502 is available in tiny 6-pin ?fn (1mm x 1.5mm x 0.8mm) and 5-pin sc70 packages. the device is specified over the -40? to +85? extended and -40? to +125? automotive temperature ranges. applications mobile phones digital still cameras portable video automotive security/cctv features tiny 6-pin dfn (1mm x 1.5mm x 0.8mm) and 5-pin sc70 packages dc-coupled input and output save board space 4-pole chebyshev filter 5.5mhz passband 55db attenuation at 27mhz 0.01a low-current shutdown mode 2.5v to 3.6v single-supply operation video amplifier with fixed gains of +6db (max9502g) or +12db (max9502m) max9502 2.5v video amplifier with reconstruction filter ________________________________________________________________ maxim integrated products 1 ordering information 19-3674; rev 1; 6/06 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. part pin-package temp range gain top mark pkg code max9502gaalt+t 6 dfn-6 -40 c to +125 c +6 li l611-1 max9502gaaxk+t 5 sc70-5 -40 c to +125 c +6 aso x5-1 max9502gelt+t 6 dfn-6 -40 c to +85 c +6 au l611-1 max9502gexk+t 5 sc70-5 -40 c to +85 c +6 arv x5-1 pin configurations appear at end of data sheet. ordering information continued at end of data sheet. + denotes lead-free package. other portable video amplifiers product features max9503 directdrive , lpf, tqfn max9505 directdrive, lpf, analog switch, tqfn max4090 input clamp, dfn, sot23, sc70 max9504 optional dc offset bias, dfn, sot23 max9502 video amp gain = +6db max9502g gain = +12db max9502m shutdown circuit lowpass filter z0 = 75 ? 75 ? out gnd 75 ? television shdn in on off video dac video asic 0.1 f v cc typical operating circuit evaluation kit available
max9502 2.5v video amplifier with reconstruction filter 2 _______________________________________________________________________________________ absolute maximum ratings dc electrical characteristics (v cc = shdn = 3.0v, gnd = 0v, no load, t a = t min to t max , unless otherwise noted. typical values are at t a = +25 c, unless otherwise noted.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. v cc to gnd ..............................................................-0.3v to +4v shdn , in, out to gnd..............................-0.3v to (v cc + 0.3v) out short-circuit duration to v cc , gnd ............continuous continuous power dissipation (t a = +70 c) 5-pin sc70 (derate 3.1mw/ c above +70 c) .. .247mw 6-pin dfn (derate 2.1mw/ c above +70 c) ...168mw operating temperature ranges: max9502ge/me ...............................................-40 c to +85 c max9502ga/ma.............................................-40 c to +125 c junction temperature ......................................................+150 c storage temperature range .............................-65 c to +150 c lead temperature (soldering, 10s) .................................+300 c parameter symbol conditions min typ max units supply voltage range v cc guaranteed by psrr 2.5 3.6 v v in = 0v, 2.5v v cc 3.6v, shdn = v cc , t a = -40 c to +85 c 5.3 9 quiescent supply current i cc v in = 0v, 2.5v v cc 3.6v, shdn = v cc , t a = -40 c to +125 c 11 ma shutdown supply current i shdn v shdn = 0v 0.01 1a v cc = 2.5v 0 1.05 guaranteed by dc voltage gain (max9502g) v cc = 3.0v 0 1.2 v cc = 2.5v 0 0.525 input voltage range v in guaranteed by dc voltage gain (max9502m) v cc = 3.0v 0 0.6 v input current i in v in = 0v 3.5 10 a input resistance r in ? v in / ? i in 17 m ? max9502g 5.5 6 6.5 dc voltage gain (note 2) a v r l = 150 ? to gnd, v cc = 2.5v to 3v max9502m 11.5 12 12.5 db output sync-tip level v stip measured at out, v in = 0v, r l = 150 ? to gnd 110 230 mv v cc = 2.5v, 0 v in 1.05v 1.97 2.1 2.23 max9502g, r l = 150 ? to gnd v cc = 3.0v, 0 v in 1.2v 2.26 2.4 2.54 v cc = 2.5v, 0 v in 0.525v 1.97 2.1 2.23 output voltage swing v out max9502m, r l = 150 ? to gnd v cc = 3.0v, 0 v in 0.6v 2.26 2.4 2.54 v p-p output short-circuit current threshold i sc sourcing (note 3) 95 ma output resistance r out 0.15 ? shutdown output impedance r out ( off ) v shdn = 0v 4 k ? v cc 3.6v 50 90 db logic inputs ( shdn ) t a = -40 c to +85 c 0.8 logic-low level v il t a = -40 c to +125 c 0.65 v logic-high level v ih 2.0 v logic input current i il shdn = gnd and v cc 1a
max9502 2.5v video amplifier with reconstruction filter _______________________________________________________________________________________ 3 parameter symbol conditions min typ max units passband flatness v out = 2v p-p , f = 100khz to 5.5mhz, flatness is referred to 100khz -1 +1 db f = 8mhz 3 attenuation f dt v out = 2v p-p , attenuation is referred to 100khz f = 27mhz 35 55 db power-supply rejection ratio psrr f = 100khz 56 db output impedance z out v out = 1.5v dc; f = 5mhz 2.5 ? max9502g 0.4 differential gain error dg ntsc, v out = 2v p-p max9502m 0.4 % max9502g 0.4 differential phase error dp ntsc, v out = 2v p-p max9502m 0.4 degrees 2t pulse-to-bar k rating 2t = 250ns; bar time is 18s; the beginning 2.5% and the ending 2.5% of the bar time are ignored 0.2 k% 2t pulse response 2t = 250ns 0.3 k% 2t bar response 2t = 250ns; bar time is 18s; the beginning 2.5% and the ending 2.5% of the bar time are ignored 0.4 k% nonlinearity 5-step staircase 0.4 % line time distortion 0% field time distortion 0% max9502g 30 group-delay variation ? (d ? /d ) f = 100khz to 5.5mhz max9502m 30 ns max9502g 68 peak signal to rms noise snr v out = 2v p-p , 100khz to 5mhz max9502m 65 db max9502g (v in = 1v) 800 enable time t on v shdn = 3v, v out settled to within 1% of the final voltage max9502m (v in = 0.5v) 800 ns max9502g (v in = 1v) 220 disable time t off v shdn = 0v, v out settled to below 1% of the output voltage max9502m (v in = 0.5v) 175 ns note 1: all devices are 100% production tested at t a = +25 c. specifications over temperature limits are guaranteed by design. note 2: dc voltage gain (a v ) is a two-point measurement in which the output voltage swing is divided by the input voltage swing. note 3: short-circuit current is the trip current for the protection. during the protection, out is switched alternatively on and off. ac electrical characteristics (v cc = shdn = 3.0v, gnd = 0v, r l = 150 ? to gnd, t a = +25 c, unless otherwise noted.) (note 1)
max9502 2.5v video amplifier with reconstruction filter 4 _______________________________________________________________________________________ typical operating characteristics (v cc = shdn = 3.0v, gnd = 0v, r l = 150 ? to gnd.) max9502g small-signal bandwidth max9502 toc01 frequency (mhz) response (db) 10 1 -50 -40 -30 -20 -10 0 10 20 -60 0.1 100 v out = 100mv p-p max9502m small-signal bandwidth max9502 toc02 frequency (mhz) response (db) 10 1 -50 -40 -30 -20 -10 0 10 20 -60 0.1 100 v out = 100mv p-p max9502g small-signal gain flatness max9502 toc03 frequency (mhz) response (db) 1 4 5 6 7 8 9 3 0.1 10 v out = 100mv p-p max9502m small-signal gain flatness max9502 toc04 frequency (mhz) response (db) 1 10 11 12 13 14 15 9 0.1 10 v out = 100mv p-p max9502g large-signal bandwidth max9502 toc05 frequency (mhz) response (db) 10 1 0.1 100 v out = 2v p-p -50 -40 -30 -20 -10 0 10 20 -60 max9502m large-signal bandwidth max9502 toc06 frequency (mhz) response (db) 10 1 -50 -40 -30 -20 -10 0 10 20 -60 0.1 100 v out = 2v p-p max9502g large-signal gain flatness max9502 toc07 frequency (mhz) response (db) 1 4 5 6 7 8 9 3 0.1 10 v out = 2v p-p max9502m large-signal gain flatness max9502 toc08 frequency (mhz) response (db) 1 10 11 12 13 14 15 9 0.1 10 v out = 2v p-p max9502g group delay max9502 toc09 frequency (mhz) delay (ns) 1 60 80 100 120 140 160 180 200 40 0.1 10
max9502 2.5v video amplifier with reconstruction filter _______________________________________________________________________________________ 5 max9502m group delay max9502 toc10 frequency (mhz) delay (ns) 1 60 80 100 120 140 160 180 200 40 0.1 10 max9502g power-supply rejection ratio max9502 toc11 frequency (mhz) response (db) 1 0.1 0.001 0.01 -90 -80 -70 -50 -60 -40 -30 -20 -10 0 -100 0.0001 10 max9502m power-supply rejection ratio max9502 toc12 frequency (mhz) response (db) 1 0.1 0.001 0.01 -90 -70 -80 -60 -50 -40 -30 -20 -10 0 -100 0.0001 10 supply current vs. temperature max9502 toc13 temperature ( c) supply current (ma) 60 35 -15 10 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 3.0 -40 85 max9502g max9502m supply current vs. shdn input voltage max9502 toc14 shdn input voltage (v) supply current (ma) 2.5 2.0 1.5 1.0 0.5 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 0 3.0 v shdn = rising shutdown logic threshold vs. supply voltage max9502 toc15 supply voltage (v) shutdown logic threshold (v) 3.5 3.4 3.3 3.2 3.1 3.0 2.9 2.8 2.7 2.6 0.5 1.0 1.5 2.0 2.5 3.0 0 2.5 3.6 v shdn = rising max9502g voltage gain vs. temperature max9502 toc16 temperature ( c) gain (db) 60 35 10 -15 5.7 5.9 6.1 6.3 6.5 5.5 -40 85 max9502m voltage gain vs. temperature max9502 toc17 temperature ( c) gain (db) 60 35 10 -15 11.7 11.9 12.1 12.3 12.5 11.5 -40 85 max9502g differential gain and phase max9502 toc18 differential gain (%) 6 5 4 3 2 0.2 0.1 -0.3 -0.1 0.4 -0.4 17 differential phase (deg) 6 5 4 3 2 0.4 0 -0.4 0.8 -0.8 17 typical operating characteristics (continued) (v cc = shdn = 3.0v, gnd = 0v, r l = 150 ? to gnd.)
max9502 2.5v video amplifier with reconstruction filter 6 _______________________________________________________________________________________ typical operating characteristics (continued) (v cc = shdn = 3.0v, gnd = 0v, r l = 150 ? to gnd.) max9502m differential gain and phase max9502 toc19 differential gain (%) 6 5 4 3 2 0.2 0 -0.2 0.4 -0.4 17 differential phase (deg) 6 5 4 3 2 0.4 0 -0.4 0.8 -0.8 17 max9502g 2t response max9502 toc20 in 200mv/div out 400mv/div 100ns/div max9502m 2t response max9502 toc21 out 400mv/div in 100mv/div 100ns/div max9502g modulated 12.5t response max9502 toc22 in 200mv/div out 400mv/div 400ns/div max9502m modulated 12.5t response max9502 toc23 out 400mv/div in 100mv/div 400ns/div max9502g ntc-7 composite response max9502 toc24 in 500mv/div 0v 0v out 1v/div 10 s/div
max9502 2.5v video amplifier with reconstruction filter _______________________________________________________________________________________ 7 max9502m ntc-7 composite response max9502 toc25 out 1v/div in 250mv/div 10 s/div 0v 0v max9502g multiburst response max9502 toc26 out 1v/div in 500mv/div 10 s/div 0v 0v max9502m multiburst response max9502 toc27 out 1v/div in 250mv/div 10 s/div 0v 0v max9502g field square-wave response max9502 toc28 out 1v/div in 500mv/div 2ms/div 0v 0v max9502m field square-wave response max9502 toc29 out 1v/div in 250mv/div 2ms/div 0v 0v typical operating characteristics (continued) (v cc = shdn = 3.0v, gnd = 0v, r l = 150 ? to gnd.) pin description pin dfn sc70 name function 1 1 in video input 2 2 gnd ground 33 shdn active-low shutdown input. connect to gnd to shutdown. 44v cc positive power supply 5 n.c. no connection. not internally connected. 6 5 out video output
max9502 detailed description the max9502 filters and amplifies the video dac output in applications such as digital still cameras and mobile phones. the max9502 consists of a lowpass filter and an output video buffer capable of driving a standard 150 ? video load to ground. the max9502g output buffer pro- vides a fixed gain of +6db, while the max9502m output buffer provides a fixed gain of +12db. filter the max9502 contains a 4th-order chebyshev recon- struction filter. the chebyshev-type response features a 0.4db flat passband for ntsc and pal signals. the stopband offers 55db (typ) of attenuation at 27mhz and above (see the typical operating characteristics ). output amplifier the max9502g features a +6db gain, while the max9502m features a +12db gain. operating from a 2.5v to 3.0v supply, the output amplifier is able to drive a 2v signal into a 150 ? video load to ground. operating from a 3.0v to 3.6v supply, the output amplifier is able to drive a 2.4v p-p signal into a 150 ? video load to ground. the output is typically offset 110mv above ground to guarantee linear operation of the amplifier. the max9502 output only sources current; all loads should be connect- ed to ground. short-circuit protection the max9502 typical application circuit includes a 75 ? back-termination resistor that limits short-circuit currents for an external short applied at the video output. the max9502 features internal output short-circuit protection to prevent device damage in prototyping and applica- tions where the amplifier output can be directly shorted. short-circuit protection activates if the output is short-cir- cuited and the output current exceeds 95ma. during short-circuit protection, the output of the max9502 is shut off for 12s and then turns on for 0.8s. if the short is still present, the max9502 output shuts off again. extended short circuits result in a pulsed output. the device resumes normal operation after the short is removed. applications information input considerations the max9502 input is dc-coupled. when the supply voltage is between a 2.5v and 3v supply, the input volt- age range extends from ground to 1.05v for the max9502g and from ground to 0.525v for the max9502m. when the supply voltage is between 3v and 3.6v, the input voltage range extends from ground to 1.2v for the max9502g and from ground to 0.6v for the max9502m. the max9502g accepts a composite video signal with a sync tip from 0 to 50mv and the max9502m accepts a composite video signal with a sync tip from 0 to 25mv. a typical current-output dac that operates from a single supply usually creates a composite video signal with a sync tip very close to ground. hence, the dac output can be directly connected to the max9502 input. keep the board trace as short as possible to mini- mize parasitic stray capacitance and prevent uninten- tional high-frequency attenuation. output considerations the max9502 output must be dc-coupled. no ac-cou- pling capacitors are allowed. the max9502 connects directly to the video cable through a 75 ? series back- termination resistor. the other end of the cable should be properly terminated with a 75 ? resistor as well. because of this configuration, the peak-to-peak ampli- tude as well as the dc level of the signal is divided by two. the max9502 output signal is level-shifted up so the sync tip is around 110mv. power-supply bypassing and layout considerations the max9502 operates from a single-supply voltage down to 2.5v, allowing for low-power consumption. bypass v cc to gnd with a 0.1f capacitor. place all external components as close to the device as possible. 2.5v video amplifier with reconstruction filter 8 _______________________________________________________________________________________
max9502 2.5v video amplifier with reconstruction filter _______________________________________________________________________________________ 9 chip information process: bicmos ordering information (continued) part pin-package temp range gain top mark pkg code max9502maalt+t 6 dfn-6 -40 c to +125 c +12 lj l611-1 max9502maaxk+t 5 sc70-5 -40 c to +125 c +12 asp x5-1 max9502melt+t 6 dfn-6 -40 c to +85 c +12 av l611-1 max9502mexk+t 5 sc70-5 -40 c to +85 c +12 arw x5-1 pin configurations top view sc70 gnd v cc shdn 1 5 out in max9502 2 34 gnd v cc 1 6 out 5 n.c. in max9502 dfn 23 4 shdn + denotes lead-free package.
max9502 2.5v video amplifier with reconstruction filter 10 ______________________________________________________________________________________ package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) 6l udfn.eps -drawing not to scale- document control no. approval title: rev. package outline, 6l udfn, 1.5x1.0x0.8mm 21-0147 2 2 d 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 calendar year legend: marked with bar blank space - no bar required 06-11 payweek 12-17 18-23 24-29 30-35 36-41 42-47 48-51 52-05 table 2 translation table for payweek binary coding table 1 translation table for calendar year code legend: marked with bar blank space - no bar required
max9502 2.5v video amplifier with reconstruction filter maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 11 ? 2006 maxim integrated products printed usa is a registered trademark of maxim integrated products, inc. package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) sc70, 5l.eps package outline, 5l sc70 21-0076 1 1 e


▲Up To Search▲   

 
Price & Availability of MAX9502GEXKT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X