|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 lt1580/lt1580-2.5 n low dropout, 540mv at 7a output current n fast transient response n remote sense n 1mv load regulation n fixed 2.5v output and adjustable output n no supply sequencing problems in dual supply mode the lt ?1580 is a 7a low dropout regulator designed to power the new generation of microprocessors. the drop- out voltage of this device is 100mv at light loads rising to just 540mv at 7a. to achieve this dropout, a second low current input voltage 1v greater than the output voltage, is required. the device can also be used as a single supply device where dropout is comparable to an lt1584. several other new features have been added to the lt1580. a remote sense pin is brought out. this feature virtually eliminates output voltage variations due to load changes. typical load regulation, measured at the sense pin, for a load current step of 100ma to 7a is less than 1mv. the lt1580 has fast transient response, equal to the lt1584. on fixed voltage devices, the adj pin is brought out. a small capacitor on the adj pin further improves transient response. this device is ideal for generating processor supplies of 2v to 3v on motherboards where both 5v and 3.3v supplies are available. 7a, very low dropout regulator features descriptio n u , ltc and lt are registered trademarks of linear technology corporation. pentium is a registered trademark of intel corporation. powerpc is a trademark of ibm corporation. applicatio n s u n microprocessor supplies n post regulators for switching supplies n high current regulators n 5v to 3.xxv for pentium ? processors operating at 90mhz to 166mhz and beyond n 3.3v to 2.9v for portable pentium processor n powerpc tm series power supplies output current (a) 0 minimum power voltage (v) 1.0 0 1 5 7 1580 g03 4 2 3 6 0.5 data sheet limit t j = 25 c t j = 125 c indicates guaranteed test points 0 c t j 125 c dropout voltage minimum power voltage typical applicatio n u 2.5v microprocessor supply v out sense adj gnd 0.1 m f 1580 ta01 10 m f tant 330 m f os-con 2.5v/7a lt1580-2.5 100 m f tant avx tps 7 v power 3.3v 7a 5v 0.2a v control + + +
2 lt1580/lt1580-2.5 absolute m axi m u m ratings w ww u v power input voltage ................................................ 6v v control input voltage ........................................... 13v storage temperature ............................ C 65 c to 150 c operating junction temperature range control section lt1580c ........................................... 0 c to 125 c lt1580i ........................................ C 40 c to 125 c power transistor lt1580c ........................................... 0 c to 150 c lt1580i ........................................ C 40 c to 150 c lead temperature (soldering, 10 sec).................. 300 c preco n ditio n i n g u u u 100% thermal limit functional test electrical characteristics (note 1) parameter conditions min typ max units output voltage: lt1580-2.5 v control = 5v, v power = 3.3v, i load = 0ma 2.485 2.500 2.515 v v control = 4v to 12v, v power = 3v to 5.5v, i load = 0ma to 4a l 2.475 2.500 2.525 v v control = 4v to 12v, v power = 3v to 5.5v, 2.475 2.500 2.525 v i load = 0ma to 7a, 0 c t j 125 c v control = 4v to 12v, v power = 3v to 5.5v, 2.460 2.500 2.525 v i load = 0ma to 6.5a, C 40 c t j < 0 c reference voltage: lt1580 v control = 2.75v, v power = 2v, i load = 10ma 1.243 1.250 1.257 v (v adj = 0v) v control = 2.7v to 12v, v power = 1.75v to 5.5v, i load = 10ma to 4a l 1.237 1.250 1.263 v v control = 2.7v to 12v, v power = 2.05v to 5.5v, 1.237 1.250 1.263 v i load = 10ma to 7a, 0 c t j 125 c v control = 2.7v to 12v, v power = 2.05v to 5.5v, 1.232 1.250 1.263 v i load = 10ma to 6.5a, C 40 c t j < 0 c line regulation: lt1580-2.5 v control = 3.65v to 12v, v power = 3v to 5.5v, i load = 10ma l 13 mv lt1580 v control = 2.5v to 12v, v power = 1.75v to 5.5v, i load = 10ma l 13 mv package/order i n for m atio n w u u order part number order part number lt1580ct lt1580it lt1580cq lt1580iq order part number order part number lt1580ct7-2.5 lt1580it7-2.5 lt1580cr-2.5 lt1580ir-2.5 consult factory for military grade parts. q ja = 30 c/ w r package 7-lead plastic dd front view nc v power adj v out v control gnd sense 7 6 5 4 3 2 1 tab is output q ja = 30 c/ w q package 5-lead plastic dd tab is output front view v power v control v out adj sense 5 4 3 2 1 q ja = 50 c/ w t package 5-lead plastic to-220 v power v control v out adj sense front view 5 4 3 2 1 tab is output t7 package 7-lead plastic to-220 nc v power adj v out v control gnd sense front view 7 6 5 4 3 2 1 tab is output q ja = 50 c/ w 3 lt1580/lt1580-2.5 electrical characteristics parameter conditions min typ max units load regulation: lt1580-2.5 v control = 5v, v power = 3.3v, i load = 0ma to 7a l 15mv lt1580 (v adj = 0v) v control = 2.75v, v power = 2.1v, i load = 10ma to 7a l 15mv minimum load current: lt1580 v control = 5v, v power = 3.3v, v adj = 0v (note 3) l 510 ma control pin current: lt1580-2.5 v control = 5v, v power = 3.3v, i load = 100ma, 0 c t j 125 c610ma (note 4) v control = 5v, v power = 3.3v, i load = 100ma, C 40 c t j < 0 c12ma v control = 5v, v power = 3.3v, i load = 4a, 0 c t j 125 c3060ma v control = 5v, v power = 3.3v, i load = 4a, C 40 c t j < 0 c70ma v control = 5v, v power = 3v, i load = 4a, 0 c t j 125 c3370ma v control = 5v, v power = 3v, i load = 4a, C 40 c t j < 0 c80ma v control = 5v, v power = 3.3v, i load = 7a, 0 c t j 125 c 60 120 ma v control = 5v, v power = 3.3v, i load = 6.5a, C 40 c t j < 0 c 130 ma control pin current: lt1580 v control = 2.75v, v power = 2.05v, i load = 100ma, 0 c t j 125 c610ma (note 4) v control = 2.75v, v power = 2.05v, i load = 100ma, C 40 c t j < 0 c12ma v control = 2.75v, v power = 2.05v, i load = 4a, 0 c t j 125 c3060ma v control = 2.75v, v power = 2.05v, i load = 4a, C 40 c t j < 0 c70ma v control = 2.75v, v power = 1.75v, i load = 4a, 0 c t j 125 c3370ma v control = 2.75v, v power = 1.75v, i load = 4a, C 40 c t j < 0 c80ma v control = 2.75v, v power = 2.05v, i load = 7a, 0 c t j 125 c 60 120 ma v control = 2.75v, v power = 2.05v, i load = 6.5a, C 40 c t j < 0 c 130 ma ground pin current: lt1580-2.5 v control = 5v, v power = 3.3v, i load = 0ma l 610 ma adj pin current: lt1580 (v adj = 0v) v control = 2.75v, v power = 2.05v, i load = 10ma l 50 120 m a current limit: lt1580-2.5 v control = 5v, v power = 3.3v, d v out = 100mv, 0 c t j 125 c 7.1 8 a v control = 5v, v power = 3.3v, d v out = 100mv, C 40 c t j < 0 c 6.6 a lt1580 (v adj = 0v) v control = 2.75v, v power = 2.05v, d v out = 100mv, 0 c t j 125 c 7.1 8 a v control = 2.75v, v power = 2.05v, d v out = 100mv, C 40 c t j < 0 c 6.6 a ripple rejection: lt1580-2.5 v c = v p = 5v avg, v ripple = 1v p-p , i out = 4a, t j = 25 c6080db lt1580 v c = v p = 3.75v avg, v ripple = 1v p-p , v adj = 0v, i out = 4a, t j = 25 c6080 db thermal regulation 30ms pulse 0.002 0.020 %/w thermal resistance, junction-to-case t, t7 packages, control circuitry/power transistor 0.65/2.70 c/w dropout voltage (note 2) minimum v control : lt1580-2.5 v power = 3.3v, i load = 100ma, 0 c t j 125 c 1.00 1.15 v (v control C v out )v power = 3.3v, i load = 100ma, C 40 c t j < 0 c 1.20 v v power = 3.3v, i load = 1a, 0 c t j 125 c 1.00 1.15 v v power = 3.3v, i load = 1a, C 40 c t j < 0 c 1.20 v v power = 3.3v, i load = 4a, 0 c t j 125 c 1.06 1.20 v v power = 3.3v, i load = 4a, C 40 c t j < 0 c 1.25 v v power = 3.3v, i load = 7a, 0 c t j 125 c 1.15 1.30 v v power = 3.3v, i load = 6.5a, C 40 c t j < 0 c 1.35 v minimum v control : lt1580 v power = 2.05v, i load = 100ma, 0 c t j 125 c 1.00 1.15 v (v control C v out )v power = 2.05v, i load = 100ma, C 40 c t j < 0 c 1.20 v (v adj = 0v) v power = 2.05v, i load = 1a, 0 c t j 125 c 1.00 1.15 v v power = 2.05v, i load = 1a, C 40 c t j < 0 c 1.20 v v power = 2.05v, i load = 2.75a, 0 c t j 125 c 1.05 1.18 v v power = 2.05v, i load = 2.75a, C 40 c t j < 0 c 1.23 v v power = 2.05v, i load = 4a, 0 c t j 125 c 1.06 1.20 v v power = 2.05v, i load = 4a, C 40 c t j < 0 c 1.25 v v power = 2.05v, i load = 7a, 0 c t j 125 c 1.15 1.30 v v power = 2.05v, i load = 6.5a, C 40 c t j < 0 c 1.35 v 4 lt1580/lt1580-2.5 parameter conditions min typ max units minimum v power : lt1580-2.5 v control = 5v, i load = 100ma l 0.10 0.17 v (v power C v out )v control = 5v, i load = 1a l 0.15 0.22 v v control = 5v, i load = 4a, t j = 25 c 0.34 0.40 v v control = 5v, i load = 4a l 0.50 v v control = 5v, i load = 7a, t j = 25 c 0.54 0.62 v v control = 5v, i load = 7a, 0 c t j 125 c 0.70 0.80 v v control = 5v, i load = 6.5a, C 40 c t j 0 c 0.70 0.80 v minimum v power : lt1580 v control = 2.75v, i load = 100ma l 0.10 0.17 v (v power C v out )v control = 2.75v, i load = 1a l 0.15 0.22 v (v adj = 0v) v control = 2.75v, i load 2.75a l 0.26 0.38 v v control = 2.75v, i load = 4a, t j = 25 c 0.34 0.40 v v control = 2.75v, i load = 4a l 0.50 v v control = 2.75v, i load = 7a, t j = 25 c 0.54 0.62 v v control = 2.75v, i load = 7a, 0 c t j 125 c 0.70 0.80 v v control = 2.75v, i load = 6.5a, C 40 c t j 0 c 0.70 0.80 v electrical characteristics the l denotes specifications which apply over the full operating temperature range. note 1: unless otherwise specified v out = v sense . for the lt1580 adjustable device v adj = 0v. note 2: for the lt1580, dropout is caused by either minimum control voltage (v control ) or minimum power voltage (v power ). both parameters are specified with respect to the output voltage. the specifications represent the minimum input/output voltage required to maintain 1% regulation. note 3: for the lt1580 adjustable device the minimum load current is the minimum current required to maintain regulation. normally the current in the resistor divider used to set the output voltage is selected to meet the minimum load current requirement. note 4: the control pin current is the drive current required for the output transistor. this current will track output current with roughly a 1:100 ratio. the minimum value is equal to the quiescent current of the device. output current (a) 0 minimum power voltage (v) 1.0 0 1 5 7 1580 g03 4 2 3 6 0.5 data sheet limit t j = 25 c t j = 125 c indicates guaranteed test points 0 c t j 125 c output current (a) 0 minimum control voltage (v control ?v out ) (v) 2 0 1 5 7 1580 g02 4 2 3 6 1 data sheet limit t j = 25 c t j = 125 c indicates guaranteed test points 0 c t j 125 c dropout voltage minimum power voltage control pin current vs output current output current (a) 0 140 120 100 80 60 40 20 0 35 1580 g01 12 467 control pin current (ma) data sheet limit typical device indicates guaranteed test points 0 c t j 125 c minimum control voltage typical perfor m a n ce characteristics uw 5 lt1580/lt1580-2.5 typical perfor m a n ce characteristics uw temperature ( c) ?0 25 output voltage (v) 150 1580 g05 0 25 75 125 50 100 2.508 2.506 2.504 2.502 2.500 2.498 2.496 2.494 2.492 temperature ( c) ?0 25 reference voltage (v) 150 1580 g04 0 25 75 125 50 100 1.258 1.256 1.254 1.252 1.250 1.248 1.246 1.244 1.242 lt1580 reference voltage vs temperature 400ma lt1580-2.5 output voltage vs temperature 7a v out 50mv/div load 50 m s/div 1580 ta02 load current step response pi n fu n ctio n s uuu (5-lead/7-lead) sense (pin 1): this pin is the positive side of the reference voltage for the device. with this pin it is possible to kelvin sense the output voltage at the load. adj (pin 2/5): this pin is the negative side of the reference voltage for the device. transient response can be improved by adding a small bypass capacitor from the adj pin to ground. for fixed voltage devices the adj pin is also brought out to allow the user to add a bypass capacitor . gnd (pin 2, 7-lead only): for fixed voltage devices this is the bottom of the resistor divider that sets the output voltage. v power (pin 5/6): this is the collector to the power device of the lt1580. the output load current is supplied through this pin. for the device to regulate, the voltage at this pin must be between 0.1v and 0.8v greater than the output voltage (see dropout specifications). v control (pin 4/3): this pin is the supply pin for the control circuitry of the device. the current flow into this pin will be about 1% of the output current. for the device to regulate, the voltage at this pin must be between 1.0v and 1.3v greater than the output voltage (see dropout specifications). v out (pin 3/4): this is the power output of the device. 6 lt1580/lt1580-2.5 block diagra w + v control v power sense v out 1580 bd for fixed voltage device gnd adj applicatio n s i n for m atio n wu u u the lt1580 is a low dropout regulator designed to power the new generation of microprocessors. low dropout regulators have become more common in desktop com- puter systems as microprocessor manufacturers have moved away from 5v only cpus. a wide range of supply requirements exists today with new voltages just over the horizon. in many cases the input-output differential is very small, effectively disqualifying many of the low dropout regulators on the market today. the lt1580 is designed to make use of multiple power supplies, present in most systems, to reduce the dropout voltage. this two supply approach maximizes efficiency. the second supply, at least 1v greater than the output voltage, is used to provide power for the control circuitry and supply the drive current to the npn output transistor. this allows the npn to be driven into saturation, thereby reducing the dropout voltage by a v be compared to conventional designs. the current requirement for the control voltage is relatively small, equal to approximately 1% of the output current or about 70ma for a 7a load. the bulk of this current is drive current for the npn output transistor. this drive current becomes part of the output current. the control voltage must be at least 1v greater than the output voltage to obtain optimum performance. the maxi- mum voltage on the v control pin is 13v. the maximum voltage at the v power pin is limited to 7v. gdn pin current for fixed voltage devices is 6ma (typ) and is constant as a function of load. adj pin current for adjustable devices is 60 m a at 25 c and varies proportional to absolute tempera- ture. 7 lt1580/lt1580-2.5 applicatio n s i n for m atio n wu u u the lt1580 has improved frequency compensation which permits the use of capacitors with very low esr. this is critical in addressing the needs of modern, low voltage, high speed microprocessors. current generation micro- processors cycle load current from several hundred mil- liamperes to several amperes in tens of nanoseconds. output voltage tolerances are tighter and include transient response as part of the specification. the lt1580 is designed to meet the fast current load step requirements of these microprocessors and saves total cost by needing less output capacitance to maintain regulation. careful design has eliminated any supply sequencing issues associated with a dual supply system. the output voltage will not turn on until both supplies are operating. if the control voltage comes up first, the output current will be limited to a few milliamperes until the power input voltage comes up. if the power input comes up first the output will not turn on at all until the control voltage comes up. the output can never come up unregulated. the lt1580 can also be operated as a single supply device by tying the control and power inputs together. dropout in single supply operation will be determined by the mini- mum control voltage. the lt1580 includes several innovative features that require additional pins over the traditional 3-terminal regulator. both the fixed and adjustable devices have remote sense pins, permitting very accurate regulation of output voltage at the load, where it counts, rather than at the regulator. as a result the typical load regulation over an output current range of 100ma to 7a with a 2.5v output is typically less than 1mv. for the fixed voltage devices the adj pin is also brought out. this allows the user to improve transient response by bypassing the internal resistor divider. in the past fixed output voltage devices did not provide this capability. bypassing the adj pin with a capacitor in the range of 0.1 m f to 1 m f will provide optimum transient response. the value chosen will de- pend on the amount of output capacitance in the system. in addition to the enhancements mentioned above the reference accuracy has been improved by a factor of two with a guaranteed initial tolerance of 0.6% at 25 c. temperature drift is also very well controlled. when com- bined with ratiometrically accurate internal divider resis- tors the part can easily hold 1% output accuracy over the full temperature range and load current range, guaran- teed, while operating with an input/output differential of well under 1v. typical applications for the lt1580 include 3.3v to 2.5v conversion with a 5v control supply, 5v to 4.2v conver- sion with a 12v control supply or 5v to 3.6v conversion with a 12v control supply. it is easy to obtain dropout voltages of less than 0.5v at 4a along with excellent static and dynamic specifications. the lt1580 is capable of 7a of output current with a maximum dropout of 0.8v. the lt1580 has fast transient response that allows it to handle the large current changes associated with todays micro- processors. the device is fully protected against overcurrent and overtemperature conditions. both fixed voltage (2.5v) and adjustable output versions are avail- able. the device is available in a multilead to-220 package with five leads for the adjustable device and seven leads for the fixed voltage device. grounding and output sensing the lt1580 allows true kelvin sensing for both the high and low side of the load. this means that the voltage regulation at the load can be easily optimized. voltage drops due to parasitic resistances between the regulator and the load which would normally degrade regulation can be placed inside the regulation loop of the lt1580. figures 1 through 3 illustrate the advantages of remote sensing. figure 1 shows the lt1580 connected as a conventional 3-terminal regulator with the sense lead connected di- rectly to the output of the device. r p represents the parasitic resistance of the connections between the lt1580 and the load. the load is typically a microprocessor and r p is made up of the pc traces and/or connector resis- tances, in the case of a modular regulator, between the regulator and the processor. the effect of r p can be seen in trace a of figure 3. very small resistances cause significant load regulation steps. for example, at 7a out- put current the output voltage will shift by 7mv for every 0.001 w of resistance. in figure 2 the lt1580 is connected to take advantage of the remote sense feature. the sense 8 lt1580/lt1580-2.5 applicatio n s i n for m atio n wu u u values of r p . trace b of figure 3 illustrates the effect on output regulation. it is important to note that the voltage drops due to r p are not eliminated. they will add to the dropout voltage of the regulator regardless of whether they are inside the loop as in figure 2 or outside the loop as in figure 1. this means that the lt1580 can control the voltage at the load as long as the input-output voltage is greater than the total of the dropout voltage of the lt1580 plus the voltage drop across r p . stability the lt1580 requires the use of an output capacitor as part of the device frequency compensation. the device re- quires a minimum of 22 m f tantalum or 150 m f of aluminum electrolytic to ensure stability. larger capacitor values increase stability and improve transient performance. many different types of capacitors are available and have widely varying characteristics. these capacitors differ in capacitor tolerance (sometimes up to 100%), equivalent series resistance, equivalent series inductance and ca- pacitance temperature coefficient. the lt1580 frequency compensation optimizes frequency response with low esr capacitors. in general, use capacitors with an esr of less than 1 w . for microprocessor applications larger value capacitors will be needed to meet the transient requirements of the processor. processor manufacturers require tight voltage tolerances on the power supply. high quality bypass capacitors must be used to limit the high frequency noise generated by the processor. multiple small ceramic ca- pacitors in addition to high quality bulk tantalum capaci- tors are typically required to limit parasitic inductance (esl) and resistance (esr) in the capacitors to acceptable levels. the lt1580 is stable with the type of capacitors recommended by processor manufacturers. bypassing the adjust terminal on the lt1580 improves ripple rejection and transient response. the adj pin is brought out on the fixed voltage device specifically to allow this capability. capacitor values on the order of several hundred microfar- ads are used to ensure good transient response with heavy pin and the top of the resistor divider are connected to the top of the load. the bottom of the resistor divider is connected to the bottom of the load. r p is now effectively connected inside the regulating loop of the lt1580 and the load regulation at the load will be negligible for reasonable v out sense adj r2 r1 1580 f02 r p r p lt1580 v power 3.3v 5v v control load v out + v out sense adj r2 r1 1580 f01 r p r p lt1580 v power 3.3v 5v v control load v out + figure 1. conventional load sensing figure 3. remote sensing improves load regulation v out figure 1 ( ? i out )(r p ) time 1580 f03 v out figure 2 i out figure 2. remote load sensing 9 lt1580/lt1580-2.5 applicatio n s i n for m atio n wu u u load current changes. output capacitance can increase without limit and larger values of output capacitance further improve the stability and transient response of the lt1580. modern microprocessors generate large high frequency current transients. the load current step contains higher order frequency components that the output coupling network must handle until the regulator throttles to the load current level. capacitors are not ideal elements and contain parasitic resistance and inductance. these para- sitic elements dominate the change in output voltage at the beginning of a transient load step change. the esr of the output capacitors produces an instantaneous step in out- put voltage ( d v = d i)(esr). the esl of the output capaci- tors produces a droop proportional to the rate of change of the output current (v = l)( d i/ d t). the output capaci- tance produces a change in output voltage proportional to the time until the regulator can respond ( d v = d t)( d i/ c). these transient effects are illustrated in figure 4 . esr effects 1580 f04 esl effects capacitance effects point at which regulator takes control slope, = v t d i c the use of capacitors with low esr, low esl and good high frequency characteristics is critical in meeting the output voltage tolerances of these high speed micropro- cessors. these requirements dictate a combination of high quality, surface mount, tantalum and ceramic capaci- tors. the location of the decoupling network is critical to transient performance. place the decoupling network as close to the processor pins as possible because trace runs from the decoupling capacitors to the processor pins are inductive. the ideal location for the decoupling network is actually inside the microprocessor socket cavity. in addi- tion, use large power and ground plane areas to minimize distribution drops. output voltage the adjustable version of the lt1580 develops a 1.25v reference voltage between the sense pin and the adj pin (see figure 5). placing a resistor r1 between these two terminals causes a constant current to flow through r1 and down through r2 to set the overall output voltage. normally r1 is chosen so that this current is the specified minimum load current of 10ma. the current out of the adj pin adds to the current from r1. the adj pin current is small, typically 50 m a. the output voltage contribution of the adj pin current is small and only needs to be consid- ered when very precise output voltage setting is required. note that the top of the resistor divider should be con- nected directly to the sense pin for best regulation. see the section on grounding and kelvin sensing above. v out sense adj r2 i adj = 50 m a 1580 f05 lt1580 v power v power v control v ref v control r1 v out v out = v ref 1 + + i adj (r2) r2 r1 ( ) + + + figure 4 figure 5. setting output voltage protection diodes in normal operation the lt1580 does not require protec- tion diodes. older 3-terminal regulators require protection diodes between the v out pin and the input pin or between the adj pin and the v out pin to prevent die overstress. on the lt1580, internal resistors limit internal current paths on the adj pin. therefore even with bypass capaci- tors on the adj pin, no protection diode is needed to ensure device safety under short-circuit conditions. the adj pin can be driven on a transient basis 7v with respect to the output without any device degradation. 10 lt1580/lt1580-2.5 if the lt1580 is connected as a single supply device with the v control and v power input pins shorted together the internal diode between the v out and the v power input pin will protect the v control input pin. like any other regulator exceeding the maximum input to output differential can cause the internal transistors to break down and none of the internal protection circuitry is then functional. thermal considerations the lt1580 has internal current and thermal limiting designed to protect the device under overload conditions. for continuous normal load conditions maximum junction temperature ratings must not be exceeded. it is important to give careful consideration to all sources of thermal resistance from junction to ambient. this includes junc- tion-to-case, case-to-heat sink interface and heat sink resistance itself. thermal resistance specifications are given in the electrical characteristics for both the control section and the power section of the device. the thermal resistance of the control section is given as 0.65 c/w and junction temperature of the control section is allowed to run at up to 125 c. the thermal resistance of the power section is given as 2.7 c/w and the junction temperature of the power section is allowed to run at up to 150 c. the difference in thermal resistances between control and power sections is due to thermal gradients between the power transistor and the control circuitry. virtually all of the power dissipated by the device is dissipated in the power transistor. the temperature rise in the power transistor will be greater than the temperature rise in the control section so the effective thermal resis- tance, temperature rise per watt dissipated, will be lower in the control section. at power levels below 12w the temperature gradient will be less than 25 c and the maximum ambient temperature will be determined by the junction temperature of the control section. this is due to the lower maximum junction temperature in the control section. at power levels greater than 12w the temperature gradient will be greater than 25 c and the maximum ambient temperature will be determined by the power section. for both cases the junction temperature is deter- mined by the total power dissipated in the device. for most applicatio n s i n for m atio n wu u u a protection diode between the v out pin and the v power pin is usually not needed. an internal diode between the v out pin and the v power pin on the lt1580 can handle microsecond surge currents of 50a to 100a. even with large value output capacitors it is difficult to obtain those values of surge currents in normal operation. only with large values of output capacitance, such as 1000 m f to 5000 m f, and with the v power pin instantaneously shorted to ground can damage occur. a crowbar circuit at the power input can generate those levels of current, and a diode from output to power input is then recommended. this is shown in figure 6. normal power supply cycling or system hot plugging and unplugging will not do any damage. v out sense adj r2 1580 f06 lt1580 v power v power v control v control r1 v out d1* d2* *optional diodes: 1n4002 + + + figure 6. optional clamp diodes protect against input crowbar circuits a protection diode between the v out pin and the v control pin is usually not needed. an internal diode between the v out pin and the v control pin on the lt1580 can handle microsecond surge currents of 1a to 10a. this can only occur if the v control pin is instantaneously shorted to ground with a crowbar circuit with large value output capacitors. since the v control pin is usually a low current supply, this condition is unlikely. a protection diode from the v out pin to the v control pin is recommended if the v control pin can be instantaneously shorted to ground. this is shown in figure 6. normal power supply cycling or system hot plugging and unplugging will not do any damage. 11 lt1580/lt1580-2.5 applicatio n s i n for m atio n wu u u low dropout applications the power dissipation will be less than 12w. the power in the device is made up of two main compo- nents: the power in the output transistor and the power in the drive circuit. the additional power in the control circuit is negligible. the power in the drive circuit will be equal to: p drive = (v control C v out )(i control ) where i control is equal to between i out /100 (typ) and i out /58 (max). i control is a function of output current. a curve of i control vs i out can be found in the typical performance characteristics curves. the power in the output transistor is equal to: p output = (v power C v out )(i out ) the total power is equal to: p total = p drive + p output junction-to-case thermal resistance is specified from the ic junction to the bottom of the case directly below the die. this is the lowest resistance path for heat flow. proper mounting is required to ensure the best possible thermal flow from this area of the package to the heat sink. thermal compound at the case-to-heat sink interface is strongly recommended. if the case of the device must be electroni- cally isolated, a thermally conductive spacer can be used as long as the added contribution to thermal resistance is considered. please consult linear technologys mount- ing considerations for power semiconductors, 1990 linear applications handbook, volume 1 , pages rr3-1 to rr3-20. note that the case of the lt1580 is electrically connected to the output. the following example illustrates how to calculate maximum junction temperature. using an lt1580 and assuming: v control (max continuous) = 5.25v (5v + 5%), v power (max continuous) = 3.465v (3.3v + 5%), v out = 2.5v, iout = 4a, t a = 70 c, q heatsink = 4 c/w, q case-heatsink = 1 c/w (with thermal compound) power dissipation under these conditions is equal to: total power dissipation = p drive + p output p drive = (v control C v out ) (i control ) i control = i out /58 = 4a/58 = 69ma p drive = (5.25v C 2.5v)(69ma) = 190mw p output = (v power C v out )(i out ) = ( 3.465v C 2.5v)(4a) = 3.9w total power dissipation = 4.05w junction temperature will be equal to: t j = t a + p total ( q heatsink + q case-heatsink + q jc ) for the control section: t j = 70 c + 4.05w(4 c/w + 1 c/w + 0.65 c/w) = 93 c 93 c < 125 c = t jmax for control section for the power section: t j = 70 c + 4.05w (4 c/w + 1 c/w + 2.7 c/w) = 101 c 101 c < 150 c = t jmax for power section in both cases the junction temperature is below the maximum rating for the respective sections, ensuring reliable operation. 12 lt1580/lt1580-2.5 typical applicatio n u 2.5v/6a regulator 1580 ta03 + + + c2 220 m f 10v v power 1 3 2 v ss 4 v cont 5 3.3v 5v rtn sense v out adj r1 110 w 1% v out = 2.5v lt1580 c3 22 m f 25v c4 0.33 m f r2 110 w 1% c1 100 m f 10v + v cc 100 m f 10v 2 1 m f 25v 10 microprocessor socket 13 lt1580/lt1580-2.5 package descriptio n u dimensions in inches (millimeters) unless otherwise noted. q package 5-lead plastic dd pak (ltc dwg # 05-08-1461) q(dd5) 0396 0.028 ?0.038 (0.711 ?0.965) 0.143 +0.012 0.020 () 3.632 +0.305 0.508 0.057 ?0.077 (1.447 ?1.955) 0.013 ?0.023 (0.330 ?0.584) 0.095 ?0.115 (2.413 ?2.921) 0.004 +0.008 0.004 () 0.102 +0.203 0.102 0.050 0.012 (1.270 0.305) 0.059 (1.499) typ 0.045 ?0.055 (1.143 ?1.397) 0.165 ?0.180 (4.191 ?4.572) 0.330 ?0.370 (8.382 ?9.398) 0.060 (1.524) typ 0.390 ?0.415 (9.906 ?10.541) 15 typ 0.300 (7.620) 0.075 (1.905) 0.183 (4.648) 0.060 (1.524) 0.060 (1.524) 0.256 (6.502) bottom view of dd pak hatched area is solder plated copper heat sink r package 7-lead plastic dd pak (ltc dwg # 05-08-1462) r (dd7) 0396 0.026 ?0.036 (0.660 ?0.914) 0.143 +0.012 0.020 () 3.632 +0.305 0.508 0.040 ?0.060 (1.016 ?1.524) 0.013 ?0.023 (0.330 ?0.584) 0.095 ?0.115 (2.413 ?2.921) 0.004 +0.008 0.004 () 0.102 +0.203 0.102 0.050 0.012 (1.270 0.305) 0.059 (1.499) typ 0.045 ?0.055 (1.143 ?1.397) 0.165 ?0.180 (4.191 ?4.572) 0.330 ?0.370 (8.382 ?9.398) 0.060 (1.524) typ 0.390 ?0.415 (9.906 ?10.541) 15 typ 0.300 (7.620) 0.075 (1.905) 0.183 (4.648) 0.060 (1.524) 0.060 (1.524) 0.256 (6.502) bottom view of dd pak hatched area is solder plated copper heat sink 14 lt1580/lt1580-2.5 package descriptio n u dimensions in inches (millimeters) unless otherwise noted. t package 5-lead plastic to-220 (standard) (ltc dwg # 05-08-1421) t5 (to-220) 0398 0.028 ?0.038 (0.711 ?0.965) 0.057 ?0.077 (1.448 ?1.956) 0.135 ?0.165 (3.429 ?4.191) 0.700 ?0.728 (17.78 ?18.491) 0.045 ?0.055 (1.143 ?1.397) 0.095 ?0.115 (2.413 ?2.921) 0.013 ?0.023 (0.330 ?0.584) 0.620 (15.75) typ 0.155 ?0.195 (3.937 ?4.953) 0.152 ?0.202 (3.861 ?5.131) 0.260 ?0.320 (6.60 ?8.13) 0.165 ?0.180 (4.191 ?4.572) 0.147 ?0.155 (3.734 ?3.937) dia 0.390 ?0.415 (9.906 ?10.541) 0.330 ?0.370 (8.382 ?9.398) 0.460 ?0.500 (11.684 ?12.700) 0.570 ?0.620 (14.478 ?15.748) 0.230 ?0.270 (5.842 ?6.858) 15 lt1580/lt1580-2.5 dimensions in inches (millimeters) unless otherwise noted. package descriptio n u t7 package 7-lead plastic to-220 (standard) (ltc dwg # 05-08-1422) 0.040 ?0.060 (1.016 ?1.524) 0.026 ?0.036 (0.660 ?0.914) t7 ( to-220 ) ( formed ) 1197 0.135 ?0.165 (3.429 ?4.191) 0.700 ?0.728 (17.780 ?18.491) 0.045 ?0.055 (1.143 ?1.397) 0.165 ?0.180 (4.191 ?4.572) 0.095 ?0.115 (2.413 ?2.921) 0.013 ?0.023 (0.330 ?0.584) 0.620 (15.75) typ 0.155 ?0.195 (3.937 ?4.953) 0.152 ?0.202 (3.860 ?5.130) 0.260 ?0.320 (6.604 ?8.128) 0.147 ?0.155 (3.734 ?3.937) dia 0.390 ?0.415 (9.906 ?10.541) 0.330 ?0.370 (8.382 ?9.398) 0.460 ?0.500 (11.684 ?12.700) 0.570 ?0.620 (14.478 ?15.748) 0.230 ?0.270 (5.842 ?6.858) information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. 16 lt1580/lt1580-2.5 ? linear technology corporation 1995 typical applicatio n u dual regulators power pentium processor or upgrade cpu part number description comments ltc ? 1266 synchronous switching controller >90% efficient high current microprocessor supply ltc1267 dual high efficiency synchronous switching regulator >90% efficiency with fixed 5v, 3.3v or adjustable outputs ltc1430 high power synchronous step-down switching regulator >90% efficient high current microprocessor supply lt1584 7a low dropout fast transient response regulator for high performance microprocessors lt1585 4.6a low dropout fast transient response regulator for high performance microprocessors lt1587 3a low dropout fast transient response regulator for high performance microprocessors related parts c1 220 m f 10v c3 220 m f 10v c10 1 m f c9 220 m f 10v c2 220 m f 10v c5 0.33 m f c11 22 m f 35v lt1587 adj v in v out + i/o supply 3.5v/3.3v c8 0.1 m f c4 0.33 m f c6 0.01 m f r3 110 w 1% r11 10k r2 470 w r14, 2 w r13 0.005 w * r8 107 w 0.35% r12 0.0075 w * d1 1n4148 d2 1n4148 r4 178 w 1% r1 10k 5v 5v 12v r10 10k r7 107 w 0.25% r5 10k e3 to cpu voltage select pin 5v r9 10k r6 89.8 w 0.5% q1 zvn4206 q2 2n3904 q3 2n7002 q3 2n7002 1580 ta04 12v 1 3 2 core supply 3.5v/2.5v lt1006 c7 330 m f 6.3v lt1580 4 5 v control v power sense v out adj *resistors are implemented as copper traces on pcb if 1 oz copper, trace widths are 0.05 inch if 2 oz copper, trace widths are 0.025 inch r13 is 0.83 inches long, r12 is 1.24 inches long e3 0 1 cpu type p55c p54c + + + + + + 158025fas, sn158025 lt/gp 0598 2k rev a ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear-tech.com |
Price & Availability of LT1580IQTRPBF |