Part Number Hot Search : 
REEL1 4H56043 CR4802AC TS822ILT AMS41221 11SRWA MNR4G 24C54
Product Description
Full Text Search
 

To Download GPM55-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, diferential mode. measured with noise probe directly across output terminals of the power supply. transient response main output500 s typical response time for return to within 0.5% of fnal value for a 50% load step change. ?i/?t<0.2 a/s. maximum voltage deviation is 3.5%. startup/shutdown overshoot less than 3%. voltage adjustment built-in potentiometer adjusts voltage 5% on outputs 1 & 2. emi/emc compliance all models include built-in emi fltering to meet the following emissions require - ments: ac input 85-264 vac, 47-63 hz single phase. input current maximum input current at 120 vac, 60 hz with full rated output load: 1.7 a hold-up time 20 ms minimum from loss of ac input at full load, nominal line (115 vac). output power 55 w continuous, 70 w peak. peak ratings are for 60 s maximum duration, 10% duty cycle. during peak load condition, output regulation may exceed total regulation limits. overload protection fully protected against short circuit and output overload. short circuit protec - tion is cycling type power limit on outputs 1 & 2; foldback type on outputs 3 & 4. recovery after fault is automatic. see output ratings chart for additional notes or conditions. factory set to begin power limiting at ap - proximately 75 w. overvoltage protection main outputs: 124% + 12% efciency 70% at full rated load, nominal input voltage, depending on model and load distribution. input protection internal ac fuse provided. designed to blow only if a catastrophic failure oc - curs in the unit. inrush current inrush is limited by internal thermistors. inrush at 240 vac under cold start conditions will not exceed 34 a. temperature coefcient 0.03%/c typical on all outputs. environmental designed for 0 to 50c operation at full rated output power; derate output current and total output power by 2.5% per c above 50c. see environmen - tal and packaging specifcations on next page. gpc55 commercial/gpm55 medical 55 watt global performance switchers ? wide-range ac input 85-264 vac ? 2-year warranty ? conducted emi complies with fcc class b and cispr 22 class b (commercial models) and cispr 11 class b (medical models) ? commercial approved to ul1950, iec950 and csa22.2-234 l3 ? medical approved to ul2601-1, iec601-1 and csa22.2 no. 601 ? complies with en61000-3-2 class a ? single and multiple outputs global performance switchers all specifcations are typical at nominal input, full load at 25 o c unless otherwise stated features: d c p o w e r s u p p l i e s specifications ? marked to lvd ? rohs compliant model available (g sufx) emi specifications compliance level conducted emissions gpc55 static conducted emissions gpm55 static discharge rf field susceptibility fast transients/bursts surge susceptibility line frequency harmonics en55022 class b; fcc class b en55011 class b; fcc class b en61000-4-2, 6 kv contact, 8 kv air en61000-4-3, 3 v/meter en61000-4-4, 2 kv, 5 khz en61000-4-5, 1 kv dif., 2 kv com. en61000-3-2 class a commercial leakage current 0.7 ma 254 vac @ 60 hz input. commercial safety approved to ul1950, csa22.2 no. 234 level 3, iec950 and en60950. ul fle #e135803 commercial; csa #lr46516 all models. all dc outputs are selv under normal and single fault conditions. medical leakage current 35 a 254 vac @ 60 hz input. medical safety approved to ul2601, csa22.2 no. 601 level 3 and iec601. ul fle e116994; csa #lr46516. the output(s) are intended for safety earthed signal output and intermediate circuits only. the output(s) are not acceptable for patient connection without additional isolation. all dc outputs are selv under normal and single fault conditions.
sl power electronics corp.. 6050 king drive, bldg. a, ventura, ca 93003, usa. phone:(805) 486 4565 fax:(805) 487 8911 www.slpower.com rev. 5/08. data sheet ? 2008 sl power electronics corp. the information and specifcations contained in this data sheet are believed to be correct at time of publication. however, condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifcations are subject to change without notice. environmental specifications operating non-operating temperature (a) see individual specs -40 to +85c humidity (a) 0 to 95% rh 0 to 95% rh shock (b) 20 g pk 40 g pk altitude -500 to 10,000 ft -500 to 40,000 ft vibration (c) 1.5 g rms 0.003 g 2 /hz 5 g rms 0.026 g 2 /hz gpc55/gpm55 mechanical specifications a. units should be allowed to warm up/operate under non-condensing conditions before application of power. b. shock testinghalf-sinusoidal, 10 3 ms duration, direction, 3 orthogonal axes, total 6 shocks. c. random vibration10 to 2000hz, 6db/octave roll-of from 350 to 2000hz, 3 orthogonal axes. tested for 10 min./axis operating and 1 hr./axis non-operating. commercial model medical model output no. output output minimum output maximun output peak noise p-p total regulation (a) gpc55a gpm55a 1 2 3 4 +5 v +12 v +12 v -12 v 0.7 a 0 a 0 a 0 a 6 a 3 a 1 a 1 a 8 a 5 a 1.2 a 1.2 a 50 mv 120 mv 120 mv 120 mv 2% 2% 3% 3% gpc55b gpm55b 1 2 3 4 +5 v +12 v -5 v -12 v 0.7 a 0 a 0 a 0 a 6 a 3 a 1 a 1 a 8 a 5 a 1.2 a 1.2 a 50 mv 120 mv 50 mv 120 mv 2% 2% 3% 3% gpc55c gpm55c 1 2 3 4 +5 v +15 v -5 v -15 v 0.7 a 0 a 0 a 0 a 6 a 3 a 1 a 1 a 8 a 5 a 1.2 a 1.2 a 50 mv 150 mv 50 mv 150 mv 2% 2% 3% 3% gpc55d gpm55d 1 2 3 4 +5 v +24 v +12 v -12 v 0.7 a 0 a 0 a 0 a 6 a 1.5 a 1 a 1 a 8 a 5 a 1.2 a 1.2 a 50 mv 240 mv 120 mv 120 mv 2% 2% 3% 3% gpc55e gpm55e 1 2 3 4 +5 v +24 v +15 v -15 v 0.7 a 0 a 0 a 0 a 6 a 1.5 a 1 a 1 a 8 a 5 a 1.2 a 1.2 a 50 mv 120 mv 150 mv 150 mv 2% 2% 3% 3% gpc55f gpm55f 1 2 3 4 +5 v +12 v +15 v -15 v 0.7 a 0 a 0 a 0 a 6 a 3 a 1 a 1 a 8 a 5 a 1.2 a 11 50 mv 120 mv 150 mv 150 mv 2% 2% 3% 3% gpc55-5 gpm55-5 1 5 v 0 a 11 a 14 a 50 mv 2% gpc55-12 GPM55-12 1 12 v 0 a 4.7 a 5.8 a 120 mv 2% gpc55-15 gpm55-15 1 15 v 0 a 3.7 a 4.7 a 150 mv 2% gpc55-24 gpm55-24 1 24 v 0 a 2.3 a 2.9 a 240 mv 2% gpc55-28 gpm55-28 1 28 v 0 a 2.0 a 2.4 a 280 mv 2% gpc55-48 1 48 v 0 a 1.5 a 1.5 a 480 mv 2% a. total regulation is defned as the maximum deviation from the nominal voltage for all steady-state conditions of initial voltage setting, input line voltage and output load. b. add g sufx to model to indicate rohs compliant moel.


▲Up To Search▲   

 
Price & Availability of GPM55-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X