Part Number Hot Search : 
00005 00005 C9014 D6562 39216 73600 2SD21 T857APAI
Product Description
Full Text Search
 

To Download GPM55-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  41-32494-0001 rev. l sl power electronics corp. 6050 king drive, bdlg a ventura, ca 93003 + 805-486-4565 internet: www.slpower.com ratings input: 100-240 vac, 1.7 a, 50/60 hz outputs: 55 watts maximum continuous power - tota l of all outputs. model output #1 i sc output #2 i sc output #3 i sc output #4 i sc gp m 5 5 a +5 vdc 6 a 4 a +1 2 vdc 3 a 4 a +1 2 vdc 1 a 3 a -1 2 vdc 1 a 3 a gp m 5 5 b +5 vdc 6 a 4 a +1 2 vdc 3 a 4 a -5 vdc 1 a 3 a -1 2 vdc 1 a 3 a gp m 5 5 c +5 vdc 6 a 4 a +1 5 vdc 3 a 4 a -5 vdc 1 a 3 a -1 5 vdc 1 a 3 a gp m 5 5 d +5 vdc 6 a 4 a +2 4 vdc 1 . 5 a 2 a +1 2 vdc 1 a 3 a -1 2 vd c 1 a 3 a gp m 5 5 e +5 vdc 6 a 4 a +2 4 vdc 1 . 5 a 2 a +1 5 vdc 1 a 3 a -1 5 vd c 1 a 3 a gp m 5 5 f +5 vdc 6 a 4 a +1 2 vdc 3 a 2 a +1 5 vdc 1 a 3 a -1 5 vdc 1 a 3 a gp m 5 5 -5 5 vdc 1 1 a 5 a notes: gp m 5 5 -1 2 1 2 vdc 4 . 7 a 2 a 1. i sc = maximum output short circuit current. gp m 5 5 -1 5 1 5 vdc 3 . 7 a 2 a 2. maximum ambient temperature for continuous outpu t power of 55w is 50c. gp m 5 5 -2 4 2 4 vdc 2 . 3 a 1 a 3. maximum relative humidity 96%, no condensation. gp m 5 5 -2 8 2 8 vdc 2 . 0 a 1 a safety declaration: sl power electronics corp. (slpe) declares under o ur sole responsibility that all models listed above are in conformity with the applicable requirements of en60950-1 following the provisions of the low voltage directive 2006/95/ec. all models are certified to be in compliance with the applicable requirements of csa 22.2 no. 234 (level 3) (with additional tests to c22.2 no 601.1-m90 per t.i.l. ca-08), en/iec/ul 60601-1. classification: (5.1) protection against electric shock = class i (in accordance with sub- (5.2) degree of protection against electric shock = signal output or intermed iate clause 5 of iec 60601-1) (5.3) protection against h armful ingress of water = ordinary (no protection) (5.5) have not been evaluated for use in the prese nce of a flammable anaesthetic mixture with air, oxygen, or nitrous oxide. this evaluation is made on the end equipment by the oem. (5.6) mode of operation = continuous caution: when performing dielectric strength tests, catastro phic failure of the unit may result if a dielectric strength test voltage greater than 1800 vac is applied betwe en primary and secondary circuits. the components providing isolation from primary to secondary cannot be tested while in stalled in the power supply without overstressing b asic (primary to ground) insulation. all isolating components are i ndividually 100% tested at 4800 vac prior to instal lation. isolation: the creepage distance between primary and ground is 4 mm minimum; between primary and secondary circuits is 8 mm minimum. secondary to ground cree page is not defined or controlled. the output comm on is bypassed to ground using a 0.01 f 1kv capacitor. the required creepage and clearan ce distances from primary circuits to ground and secondary circuits must be maintained after install ation to preserve the intended safety. grounding: the protective earth (ground) terminal j1, pin 1 an d all of the pads around the mounting holes must be bonded to protective earth in the host equipment. metallic spacers should be used to mount supply to metal surfaces. when mounting to non-metallic surfaces, connect all moun ting pads together and bond to earth. using the pr otective earth terminal on the supply for grounding the host equipment is n ot recommended. a separate dedicated grounding poi nt should be used. outputs: all output commons should be connected to protect ive earth in the end application. the output(s) ar e intended for protectively earthed signal output and intermed iate circuits only. the output(s) are not acceptab le for patient connection without additional isolation. all dc outputs are s elv under normal and single fault conditions. gpm55 series installation instructions
41-32494-0001 rev. l overvoltage protection: only output #1 is monitored for an overvoltage con dition. the trip-point for a 5 volt output is 5.6 to 6.8 volts. in some applications w here an overvoltage condition could result in a haz ard as defined in applicable safety standards, redundant or additiona l overvoltage protection may be required. consult factory for details. temperatures : the maximum operating temperatures of certain sa fety components, as defined in the applicable safet y standards, must not be exceeded after installation to preserve the intended safety. the output power, ambient air temperature and the availability, amount, direction and/or rest riction of airflow influence the temperatures of th ese components. overcurrent protection: the internal fuse is located in the phase lead only . en 60601-1 requires that both supply leads (phase and neutral) be protected again st overcurrent. complete overcurrent protection mu st be provided in the host equipment. fuse ratings must not exceed that specified for the internal fuse, must meet the requ irements of en 60601-1 and be acceptable for the country in which the host equipment is to be installed. warning! risk of fire! a blown internal fuse is an indication of catastrop hic failure of circuit component(s). repair must be performed by slpe authorized personnel. re fer to fuse marking on the supply for rating. warning! shock hazard! dangerous voltages are present on some components, printed wiring traces and heatsinks. attention, consult accompanying documents alternating current attention, dangerous voltages protective earth (ground) explanation of symbols c o n n e c t i o n s j1 ac input j2 multi-output models j2 single output models mating connectors 1) ground 1) output 2 (+) 6) common 1) output 1 (+) 6) common amp contact 770522-1 3) neutral 2) output 2 (+) 7) common 2) output 1 (+) 7) common j1 amp housing 640250-5 5) line 3) output 1 (+) 8) output 4 (-) 3) outp ut 1 (+) 8) n/c j2 amp housing 640250-9 4) output 1 (+) 9) output 3 (+/-) 4) output 1 ( +) 9) n/c 5) common 5) common caution: do not exceed 5 amps per pin on j2. slpe will not be liable for the safety, reliability or performance of these power supplies if a) any c hanges, modifications or repairs are carried out by other than authorized agents of slpe , or b) the installation of the supply is not in ac cordance with these installation instructions and the applicable ul, csa, iec and/or en safety standards.


▲Up To Search▲   

 
Price & Availability of GPM55-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X