Part Number Hot Search : 
HER301 MPX100AS RB151 A1103EUA D2150 MAX3455E 128MP AOI478
Product Description
Full Text Search
 

To Download GLC110-524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  commercial safety all glc models are approved to ul60950-1, csa22.2 no. 950-95 3rd ed, and en60950-1. medical safety all glm models are approved to ul2601-1, csa-c22.2 no. 601.1, en60601-1. transient response main output: 500 s typical response time for return to within 0.5% of fnal value for a 50% load step change, ?i/?t<0.2 a/s. maximum voltage deviation is 3.5%. startup/shutdown overshoot less than 3%. turn-on time less than 1 second at 120 vac, 25. overvoltage protection built in on main output. efciency 72-85% depending on model. input protection internal ac fuse provided on all units. designed to blow only if a catastrophic failure occurs in the unit. inrush current inrush limited by internal thermistors. inrush at 240 vac, averaged over the frst ac half-cycle under cold start conditions will not exceed 37 a. temperature coefcient 0.03%/c typical on all outputs. emi/emc compliance all models include built-in emi fltering to meet the following emissions require - ments: ac input 90-264 vac, 47-63 hz single phase. input current maximum input current at 90 vac, 60 hz with full rated output load not to exceed 2.9 a. hold-up time 20 ms minimum from loss of ac input at full load, nominal line (120 vac). output power normal continuous output power is 75 w for unrestricted natural convection, or 110 w with 26 cfm air fow. output regulation load regulation on dual output models is measured by 40% load change from 60% rated load and input voltage change from minimum to maximum ratings. output #1 requires 1a minimum load for proper regulation of other outputs. initial set tolerance is measured with all outputs at 60% of full rated load. load regulation for single-output models measured by changing load from 5% to 50% load or 50% to full load in either direction. voltage adjustment output #1 adjustment is 5%. note: output #1 must not be more than 1% below nominal to achieve full output regulation on output #2. high voltage settings may degrade the reliability of the unit due to excessive power dissipation in some outputs. overload protection fully protected against short circuit and output overload. short circuit protec - tion is cycling type power limit. factory set to begin power limiting at 120 w. output noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, diferential mode. measured with noise probe directly across output terminals of the power supply. power fail power fail signal is ttl or cmos compatible (output goes low <0.5 v) 5 ms before output voltage drops more than 4% below nominal voltage upon loss of ac power. the signal is factory set to trip on 84 to 94 vac brown-out depending upon incoming line impedance and distortion. other settings are available to the user through adjustment of built in potentiometer (consult factory for assistance). output will stay low for 20 ms minimum. glc110 commercial/glm110 medical 110 watt global performance switchers ?fcost-efectivefpowerfsource ?fsingle-fandfdual-outputfunits ?flowfheightf(1.30) ?f2-yearfwarranty ?fpowerffailfsignalfstandard ?fcommercialfapprovedftoful60950-1,fen60950-1,f fffcsa22.2fno.ff950-95f3rdfed.f ?fmedicalfapprovedftoful2601-1,fen60601-1, fffcsa-c22.2fno.f601.1 ?fcompliesfwithfen61000-3-2fclassfa ?frohsfcompliantfmodelfavailablef(gfsufx) global performance switchers all specifcations are typical at nominal input, full load at 25 o c unless otherwise stated features: ffspecifications emi specifications compliance level conducted emissions glc110 conducted emissions glm110 static discharge rf field susceptibility fast transients/bursts surge susceptibility line frequency harmonics en55022 class b; fcc class b en55011 class b: fcc class b en61000-4-2, 6 kv contact, 8 kv air en61000-4-3, 3 v/meter en61000-4-4, 2 kv, 5 khz en61000-4-5, 1 kv dif., 2 kv com. en61000-3-2 class a
sl power electronics corp, 6050 king drive, bldg. a, ventura, ca 93003, usa. phone:(805) 486 4565 fax:(805) 487 8911 email: info@slpower.com rev. 02/11/10. data sheet ? 2010 sl power electronics corp. the information and specifcations contained in this data sheet are believed to be correct at time of publication. however, sl power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifcations are subject to change without notice. environmentalffspecifications operating non-operating temperature (a) 0 to 50 -40 to +85c humidity (a) 0 to 95% rh 0 to 95% rh shock (c) 20 g pk 40 g pk altitude -500 to 10,000 ft -500 to 40,000 ft vibration (b) 1.5 g rms 0.003 g 2 /hz 5 g rms 0.026 g 2 /hz fglc110/glm110fmechanicalfspecifications a. units should be allowed to warm up/operate under non-condensing conditions before application of power. derated output current and toal output power by 2.5% per c above 50 c. b. random vibration10 to 2000hz, 6db/octave roll-of from 350 to 2000hz, 3 orthogonal axes. tested for 10 min./axis operating and 1 hr./axis non-operating. c. shock testinghalf-sinusoidal, 10 3 ms duration, direction, 3 orthogonal axes, total 6 shocks. commercial model medical model rohs sufx* output no. output output minumum output normal (a) forced air (b) output peak noise p-p ovp total regu - lation ( c ) glc110-212 glm110-212 g 1 +12 v 1 a 6.3 a 9.1 a 9.5 a 100 mv 15.6 1.1 v 2% 2 -12 v 0 a 2.5 a 3 a 4 a 120 mv 2% glc110-215 glm110-215 g 1 +15 v 1 a 5 a 7.3 a 7.7 a 120 mv 18.5 1.5 v 2% 2 -15 v 0 a 2.5 a 3 a 4 a 150 mv 2% GLC110-524 glm110-524 g 1 +24 v 1 a 3.2 a 4.6 a 4.75 a 200 mv 28 2.5 v 2% 2 +5 v 0 a 1.5 a 2 a 2.5 a 50 mv 6.2 0.6 v 2% glc110-12 glm110-12 g 1 12 v 0 a 6.3 a 9.1 a 9.5 a 120 mv 15.6 1.1 v 2% glc110-15 glm110-15 g 1 15 v 0 a 5 a 7.3 a 7.7 a 150 mv 18.5 1.5 v 2% glc110-24 glm110-24 g 1 24 v 0 a 3.2 a 4.6 a 5 a 240 mv 28 2.5 v 2% * add g sufx to part number for rohs compliant model. contact factory for availability. a. rating with unrestricted convection cooling. total power not to exceed 75 w; no output can exceed rated current. b. rating with 26 cfm forced air cooling. total power not to exceed 110 w. c. to maintain regulation v1 current must be at least 1/5 of v2. v1 must not be adjusted more than 1% below nominal and have at least 10% of rated load.


▲Up To Search▲   

 
Price & Availability of GLC110-524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X