Part Number Hot Search : 
MAX6634 366S655 FQA28N50 5KE10 PA607UA SMAJ90CA PCA9698 557R6
Product Description
Full Text Search
 

To Download EDS25-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  regulations: specifications of fieldbus foundation transmission speed: 31.25kbps transmission cycle (macro-cycle): standard; 1sec (400ms, min.) optical cable: composite cord, non-metallic cable silica fiber... core/cladding dia. 100/ 140 m or pcf fiber ... core/cladding dia. 200/230 m optical connector: fc connector or st connector transmission distance: silica; 1.2 km (at transmission loss of opti- cal cable, 4db/km) pcf; 0.7km (at transmission loss of optical cable, 6db/km) ambient temperature: silica; -30 to +70?c, pcf: -20 to +60?c, as noted in specifications for each devices number of units connected: up to 16 units including host and field de- vices (for 1 unit of star coupler) optical fieldbus system system composition devices data sheet fieldbus is used for digital transmission of the next generation, which takes over the conventional 4 to 20ma analog current transmission. the optical fieldbus using optical fiber as a fieldbus signal transmission line, has features of optical transmi ssion such as noise-resistance and thunder-resistance, in additions to the features of fieldbus. the optical fieldbus system is composed of field devices, such as a pressure transmitter, a differential pressure transmitter, temperature transmitter, and optical star coupler for blanching optical signals, and a host control system. features 1. noise-resistance, thunder-resistance optical signals are free from effects of external noise and inductive thunder, providing highly reliable transmission. the use of non-metallic cables eliminates the propagation of inductive thunder, ensuring excellent thunder-proof transmission. 2. reliability with redundancy duplex host devices are available by using 2 optical cables (between star coupler and control room) to improve the system reliability. 3. intrinsic safety explosion-proof built-in power (battery) devices can be designed for intrin- sic safety explosion-proof (intrinsic safety barrier is not re- quired). restriction of current flowing into the signal bus need not be taken into account, so any number of devices can be connected to one bus. common specifications for system example of system configuration (single system) control room field transmission distance; max. 1.2km optical fieldbus devices electrical fieldbus devices fieldbus configuration tool electrical fieldbus fieldbus connecting unit optical cable (optical fieldbus) optical star coupler wiring cable (electrical fieldbus) optical fieldbus focus system (or another manufacture's system) focus operator station control lan (ethernet) controller ics-2000 devices of this data sheet electrical fieldbus date EDS25-1A nov. 24, 1999
2 contents 1. ffx-p series transmitter .................................................................................................... ............... 3 1) pressure transmitter type: fbb 2) absolute pressure transmitter type: fbh 3) differential pressure/flow transmitter type: ffg 4) remote seal type pressure transmitter type: fbf 5) remote seal type differential pressure transmitter type ffh 6) level transmitter type: fpl 2. ffx-t series temperature transmitter ........................................................................................ .. 22 1) temperature transmitter (integrated type) type: fup 2) temperature transmitter (separated type) type: fut 3. ffx-t series multi-point temperature converter type frm ................................. 27 4. ffx-z series optical-pneumatic converter type: zlk ................................. 30 5. optical star coupler type fxb .................................. 33 optical fieldbus equipment
3 ffx-p series transmitters (tr-1) optical fieldbus equipment data sheet these transmitters are capacitance type high accuracy transmitters used for measuring the pressure, etc. of various fluids. th e transmission unit incorporates a microprocessor for digitizing signals, thereby achieving a high accuracy and an intelligent transmitter. the signal transmission path adopts an optical fiber and composes an optical fieldbus system in combination with an optical sta r coupler and host system. model configuration pressure transmitter (type: fbb) absolute pressure transmitter (type: fbh) differential pressure/flow transmitter (type: ffg) remote seal type differential pressure transmitter (type: ffh) remote seal type pressure transmitter (type: fbf) level transmitter (type: fpl) reference page common specifications tr-2 individual specifications tr-3 code symbols tr-6 outline diagram tr-13 reference page common specifications tr-2 individual specifications tr-3 code symbols tr-7 outline diagram tr-14 reference page common specifications tr-2 individual specifications tr-3 code symbols tr-8 outline diagram tr-15 reference page common specifications tr-2 individual specifications tr-4 code symbols tr-10 outline diagram tr-16 reference page common specifications tr-2 individual specifications tr-4 code symbols tr-11 outline diagram tr-18 reference page common specifications tr-2 individual specifications tr-4 code symbols tr-12 outline diagram tr-19
4 (tr-2) ffx-p series transmitter optical fieldbus equipment specifications (1) common specifications function and performance ?service: liquid, gas or vapor ?output: optical digital signal, fieldbus foundamation specification ?power supply: built-in lithium battery service life: approx. 2 years under the following conditions macro cycle; 1 sec status read cycle; 4 sec token go-round; 0.25 sec voltage read cycle; 1 hr ?explosion protection: intrinsic safety type, jis ib ii c t3 (under application) cenelec ib ii c t4 (under application) ?ambient temperature: -30 to +70?c -10 to +60?c for intrinsic safety type -10 to +60?c for fluorinated oil specifica- tion ?storage temperature: -40 to +80?c ?ambient humidity: 95% rh max. ?self-diagnosis: display on indicator and transmission to host system ?remote setting: the following items can be read and set from the host system. item reading setting tag no. serial no. range limit measuring range damping constant low cut point unit of measured value measured value item host system indicator measuring range error detection unit error amplifier error battery voltage battery voltage drop alarm ?zero point deviation: zero point can be shifted within -100 to +100% of span limit. ?response time: same as communication cycle ... at damp- ing 0 (zero) ?standard: fieldbus foundation specification (basic device, device type 411, ai function block) structure and material ?casing structure: immersion-proof type jis c 0920 (iec ip67, nema 4x or equivalent) ?process connections: rc1/4 or 1/4-18npt (as specified in code symbol) screw for oval flange; 7/16-20unf ?optical cable connections: g1/2 or 1/2-14npt (as specified in code symbol) ?mounting: on 50a (2b) pipe using u-bolt or wall mounting ?coating: epoxy/polyurethane double-coating color; silver (case cover is blue.) ?external dimensions: entered in outline diagram. ?material: refer to code symbols. optional specifications ?oxygen no-oil treatment: fluorinated oil filled in, process wetted parts cleaned by degreasing ?for chlorine measurement: fluorinated oil filled in ?nace specification: treatment against h2s complying with nace specification varies with ma- terial. so refer to code symbols. ?indicator: 5-digit lcd, % or real-scale indication (as specified in code symbol) operating temperature range; -20 to +70?c ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
5 (tr-3) optical fieldbus equipment ffx-p series transmitter (2) individual specifications pressure transmitter ?span, range and overrange limit: ? process temperature and negative pressure tolerance limit : (for details, see fig. 1.) filled oil 13th code process negative pressure temperature tolerance limit silicone oil y.g.n -40 to +120?c 2.7 kpa abs fluorinated oil w.a.d -20 to +80?c atmospheric pressure silicone oil r -15 to +120?c 2.7 kpa abs type range limit span limit [kpa] overrange [kpa] min. max. limit [kpa] fbb 01 -64 to +64 1.6 64 100 fbb 02 -100 to +500 12.5 500 1500 fbb 03 -100 to +3000 75 3000 9000 fbb 04 -100 to +10000 250 10000 15000 fbb 05 -100 to +50000 1250 50000 75000 ?accuracy rating: ?0.1 x url min.; 0.1% ?below 0.1 x url; (0.05 + 0.005 x url/cr)% url; upper range limit, cr; calibration range ?temperature effect: zero shift; (0.2 + 0.05 x url/cr)%/55?c total effect; (0.25 + 0.05 x url/cr)%/55?c note) double the effects for material code (7th digit in code symbols) other than v and w. ?overrange effect: zero shift at url 0.2%/overrange limit ?mass: 4.5 to 5 kg type range limit span limit [kpa abs] overrange [kpa abs] min. max. limit [kpa] fbh 1 0 to 16 1.6 16 500 fbh 2 0 to 130 3.25 130 500 fbh 3 0 to 500 12.5 500 1500 fbh 4 0 to 3000 75 3000 9000 absolute pressure transmitter ? process temperature and negative pressure tolerance limit : process temperature; -40 to +85?c negative pressure; depends on measur- ing range. ?accuracy rating: ?0.1 x url min.; 0.2% ?below 0.1 x url; (0.1 + 0.01 x url/ cr)% url; upper range limit, cr; calibration range ?temperature effect: zero shift; (0.25 + 0.2 x url/cr)%/55?c total effect; (0.3 + 0.2 x url/cr)%/55?c note) double the effects for material code (7th digit in code symbols) other than v and w. ?overrange effect: zero shift at url 0.2% overrange limit ?mass: 4.5 kg ?span, range and overrange limit: differential pressure/flow transmitter ?static pressure span, and overrange limit: type static pressure span limit [kpa] overrange [kpa] min. max. limit [kpa] ffg 11 -100 to +3200 0.1 1 1 ffg 22 -100 to +10000 0.15 6 6 ffg 23 0.8 32 32 ffg 24 1.6 64 64 ffg 25 3.25 130 130 ffg 26 12.5 500 500 ffg 33 -100 to +16000 0.8 32 32 ffg 34 1.6 64 64 ffg 35 3.25 130 130 ffg 36 12.5 500 500 ffg 38 75 3000 3000 ffg 43 -100 to +42000 0.8 32 32 ffg 44 1.6 64 64 ffg 45 3.25 130 130 ffg 46 12.5 500 500 ffg 47 50 2000 2000 ? process temperature and negative pressure tolerance limit : (for details, see fig. 1.) filled oil 13th code process negative pressure temperature tolerance limit silicone oil (*1) y.g.n -40 to +120?c 2.7 kpa abs fluorinated oil w.a.d -20 to +80?c atmospheric pressure silicone oil r -15 to +120?c 2.7 kpa abs note(*1) : types ffg 38 and ffg 47 cannot be used at a negative pressure. ?accuracy rating: linear output ?0.1 x url min.; 0.1% ? below 0.1 x url; (0.05 + 0.005 x url/cr)% url; upper range limit, cr; calibration range square root output ?0.1 x url min.; output 50% min. ... 0.1% output 20% min. and below 50% ... 0.25% output 10% min. and below 20% ... 0.5% ?below 0.1 x url; output 50% min. ... (0.05 + 0.005 x url/cr)% output 20% min. and below 50% ... 2.5 x (0.05 + 0.005 x url/cr)% output 10% min. and below 20% ... 5 x (0.05 + 0.005 x url/cr)% ?temperature effect: note 1; double the effects for material code (7th digit in code symbols) other than v and w. linear output square root output url; 32 kpa min. zero shift; (0.5 + 0.125 x (0.2 + 0.05 x url/cr)%/55?c url/cr)%/55?c total effect; (0.25 + 0.05 x url/cr)%/55?c url; 1 kpa, zero shift; (0.6 + 0.5 x 6 kpa (0.25 + 0.2 x url/cr)%/55?c url/cr)%/55?c total effect; (0.3 + 0.2 x url/cr)%/55?c note 1 change at 20% point
6 (tr-4) ffx-p series transmitter optical fieldbus equipment ?overrange and static pressure effects: overrange effect: zero shift at url (linear output) url; 1, 6kpa... 0.3%/1, 3.2mpa url; 32kpa... 0.3%/10, 16mpa, 0.5%/42mpa, note; double the effects for material code (7th digit in code symbols) other than v and w. static pressure effect (linear output) url; 1, 6kpa url; 32kpa ~ zero 0.2%/ 1, 3.2mpa 0.1%/ 10mpa span -0.15 0.15%/3.2mpa -0.15 0.15%/10mpa ?mass: 5.3 to 5.5 kg remote seal type pressure transmitter ?span, range and overrange limit: ? process temperature and negative pressure tolerance limit : filled oil 13th code process negative pressure temperature tolerance limit fluorinated oil w.a.d -20 to +120?c atmospheric pressure silicone oil h -15 to +250?c j +85 to +300?c y.g -40 to +120?c 2.7 kpa abs s -15 to +250?c see fig. 2. t +85 to +300?c k -15 to +200?c 0.13 kpa abs see fig. 3. ?accuracy rating: ?0.1 x url min.; 0.2% ?below 0.1 x url; (0.1 + 0.01 x url/cr)% url; upper range limit, cr; calibration range ?temperature effect: zero shift; (0.7 x url/cr)%/55?c total effect; (1.0 x url/cr)%/55?c note) double the effects for material code (7th digit in code symbols) other than w, a, b and c. ?overrange effect: zero shift at url 0.2%/flange rating pressure ?mass: 10.5 to 13.5 kg type range limit span limit [kpa] overrange [kpa] min. max. limit [kpa] fbf 01 flange rating 1.6 64 100 fbf 02 pressure 12.5 500 1500 fbf 03 75 3000 4500 fbf 04 250 10000 15000 fbf 05 1250 50000 75000 remote seal type differential pressure transmitter and level transmitter ?span, range and overrange limit: level transmitter (fpl), remote seal type differential pres- sure transmitter (ffh) type range limit span limit [kpa] overrange [kpa] min. max. limit [kpa] fpl 3 flange rating 0.8 32 32 ffh 3 pressure fpl 4 1.6 64 64 ffh 4 fpl 5 3.25 130 130 ffh 5 fpl 6 12.5 500 500 ffh 6 filled oil 13th code process negative pressure temperature tolerance limit fluorinated oil w.a.d -20 to +120?c atmospheric pressure silicone oil h -15 to +250?c j +85 to +300?c y.g -40 to +120?c 2.7 kpa abs s -15 to +250?c see fig. 2. t +85 to +300?c k -15 to +200?c 0.13 kpa abs see fig. 3. ? process temperature and negative pressure tolerance limit : ?accuracy rating: ?0.1 x url min.; 0.2% below 0.1 x url; (0.1 + 0.01 x url/ cr)% url; upper range limit, cr; calibration range ?temperature effect: zero shift; (0.7 x url/cr)%/55?c total effect; (1.0 x url/cr)%/55?c notes)1. level transmitter; double the ef- fects for material code (7th digit in code symbols) other than v and w. 2. remote seal type differential pressure transmitter; double the effects for material code (7th digit in code symbols) other than w, a, b, c and d. ?overrange effect: zero shift at url 0.3%/flange rating pressure note; double the effects for material code (7th digit in code symbols) other than v (level transmitter), w, a, b, c and d (re- mote seal type differential transmitter). ?static pressure effect: zero shift; 0.2%/1 mpa span shift; -0.15 0.15%/flange rating pressure note; zero shift is a change in url. span shift is a change in cr. ?mass: remote seal type differential pressure transmitter; 15 to 33 kg level transmitter; 10.5 to 19.5 kg
7 40 60 15 85 120 2.7 4 53.3 101 [kpa abs] [ c] process temperature filled fluid: silicone oil (code y, g, n) filled fluid: silicone oil (code r) operating pressure operating area non-operating area 101 53.3 13.3 2.7 [kpa abs] 40 15 60 85 120 200 230250 300 [ c] filled fluid: silicone oil (code y, g) filled fluid: silicone oil (code t) filled fluid: silicone oil (code s) operating pressure operating area non-operating area process temperature 101 0.27 0.13 [kpa abs] 200 15 100 [ c] filled fluid: silicone oil (code k) operating pressure operating area non- operating area process temperature fig. 1 relation between process temperature and operating pressure (pressure and differential pressure/flow transmitters) fig. 2 relation between process temperature and operating pressure (remote seal type pressure, remote seal type differential pressure and level transmitters) fig. 3 relation between process temperature and operating pressure (remote seal type pressure, remote seal type differential pressure and level transmitters) (tr-5) ffx-p series transmitter optical fieldbus equipment scope of delivery transmitter main frame and bracket for pipe mounting (as specified) accessories oval flange: used as a connection flange of pressure leading pipe connection port. for details, refer to data sheet (eds6- 10) of the oval flange. equalizing valve : refer to data sheet (eds6-10).
8 (tr-6) ffx-p series transmitter optical fieldbus equipment code symbols 1) pressure transmitter description connections (4th code) process connection rc 1 /4 1 /4 -18npt 14 15 1 0 bb f-- 12345678 101112 913 s t measurement span (6th code) 1.6........... 64kpa 12.5....... 500kpa 7.5....... 3000kpa 250.... 10000kpa 1250.. 50000kpa 1 2 3 4 5 indicator (9th code) none digital, % indication digital, actual scale indication a l p explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k o-ring material (for process cover)(14th code) viton teflon square teflon.... except when 7th code is b, l or u a b c bolt/nut (15th code) nace bolt/nut (astm a193 b7m/ a194 2hm nace bolt/nut (astm a320 l7m/ a194 2hm sus304/ sus304... (for general application) sus630/ sus304... specify when 6th code is 5. c d e f optical connector (12th code) fc type st type f s side vent/drain and mounting bracket (11th code) side vent/drain none none yes yes a c d f opt.cable connection g 1 /2 1 /2 -14npt material (7th code) process cover scs14 scs14 scs14 scs14 hastelloy c lining monel lining tantalum lining v h m t b l u diaphragm sus316l hastelloy c monel tantalum hastelloy c monel tantalum mounting bracket none yes (stainless steel) none yes (stainless steel) filled fluid silicone oil fluorinated oil silicone oil fluorinated oil ... only for 7th code v fluorinated oil ... except when 7th code is v, m or l silicone oil ... except when 6th code is 5 or 7th code is t or u silicone oil (for vacuum) other wetted parts sus316 hastelloy c monel tantalum hastelloy c monel tantalum treatment and filled fluid (13th code) treatment none none degreasing oxygen no-oil treatment chlorine service nace specification none y w g a d n r except when 6th code is 5 except when 7th code is b, l or u except when 6th code is 5
9 (tr-7) ffx-p series transmitter optical fieldbus equipment code symbols 2) absolute pressure transmitter description connections (4th code) process connection rc 1 /4 1 /4 -18npt 14 15 1 0 bh f-- 12345678 101112 913 s t measurement span (6th code) 1.6........... 64kpa abs 32.5....... 130kpa abs 12.5....... 500kpa abs 75........ 3000kpa abs 1 2 3 4 indicator (9th code) none digital, % indication digital, actual scale indication a l p explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k o-ring material (for process cover)(14th code) viton a bolt/nut (15th code) nace bolt/nut (astm a193 b7m/ a194 2hm) nace bolt/nut (astm a320 l7m/ a194 2hm) sus304/ sus304... (for general application) c d e optical connector (12th code) fc type st type f s side vent/drain and mounting bracket (11th code) side vent/drain none none yes yes a c d f opt.cable connection g 1 /2 1 /2 -14npt material (7th code) process cover scs14 scs14 scs14 scs14 v h m t pressure receiving diaphragm sus316l hastelloy c monel tantalum mounting bracket none yes (stainless steel) none yes (stainless steel) filled fluid silicone oil silicone oil silicone oil ... except when 7th code is t other wetted parts sus316 hastelloy c monel tantalum... except when 6th code is 1 treatment and filled fluid (13th code) treatment none degreasing nace specification y g n
10 (tr-8) ffx-p series transmitter optical fieldbus equipment code symbols 3) differential pressure/flow transmitter description connections (4th code) process connection rc 1 /4 1 /4 -18npt 14 15 1 fg f-- 12345678 101112 913 s t opt. cable connection g 1 /2 1 /2 -14npt material (7th code) process cover scs14 or sus316 scs14 or sus316 scs14 or sus316 scs14 or sus316 scs14 or sus316 hastelloy c lining monel lining tantalum lining v h m t w b l u diaphragm sus316l hastelloy c monel tantalum hastelloy c hastelloy c monel tantalum other wetted parts sus316 hastelloy c monel tantalum sus316 hastelloy c monel tantalum application (5/6th codes) 11, 22, 33, 34, 35, 43, 44, 45 11, 22, 33, 34, 35, 36, 43, 44, 45, 46 33, 34, 35, 36, 43, 44, 45, 46 33, 34, 35, 36 36, 38, 46, 47 23, 24, 25, 26 indicator and output (9th code) indicator none none digital, % indication digital, actual scale indication digital, % indication digital, actual scale indication v a l p q s explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k output linear square root linear linear square root square root static pressure and measurement span (5th and 6th codes) static pressure -0.1~+3.2 mpa -0.1~+10 mpa -0.1~+3.2 mpa -0.1~+4.2 mpa -0.1~+10 mpa for material codes b, l and u 1 2 3 3 3 3 3 4 4 4 4 4 2 2 2 2 1 2 3 4 5 6 8 3 4 5 6 7 3 4 5 6 measurement span 0.1.......... 1 kpa 0.15........ 6 kpa 0.8........ 32 kpa 1.6........ 64 kpa 3.25.... 130 kpa 12.5........ 500 kpa 75........... 3000 kpa 0.8.......... 32 kpa 1.6.......... 64 kpa 3.25...... 130 kpa 12.5...... 500 kpa 50....... 2000 kpa 0.8.......... 32 kpa 1.6.......... 64 kpa 3.25...... 130 kpa 12.5...... 500 kpa
11 (tr-9) ffx-p series transmitter optical fieldbus equipment code symbols description side vent/drain and mounting bracket (11th code) side vent/drain none none yes yes 14 15 1 fg f-- 12345678 101112 913 a c d f optical connector (12th code) fc type st type f s o-ring material (for process cover) (14th code) viton teflon square teflon ... except when 7th code is b, l or u a b c bolt/nut (15th code) nace bolt/nut (astm a193 b7m/ a194 2hm) nace bolt/nut (astm a320 l7m/ a194 2hm) sus304/ sus304..... (for general application) ... note 2 sus630/ sus304..... specify when 5th code is 3 or 4 c d e f mounting bracket none yes (stainless steel) none yes (stainless steel) treatment and filled fluid (13th code) treatment none none degreasing oxygen no-oil treatment chlorine service nace specification none y w g a d n r filled fluid silicone oil fluorinated oil silicone oil fluorinated oil ... only for 7th codes v and w fluorinated oil ... except when 7th code is v, m or l silicone oil ... except when 7th code is t or u silicone oil (for vacuum) except when 7th code is b, l or u note 1; static pressure is limited to 10 mpa at maximum. note 2; allowed for 5th codes 1, 2 and 3. however, static pressure is limited to 10 mpa at maximum. note 1
12 (tr-10) ffx-p series transmitter optical fieldbus equipment code symbols 4) remote seal type pressure transmitter description opt.cable connection (4th code) g 1 /2 1 /2 -14npt 1 bf f- 12345678 101112 913 s t measurement span (6th code) 1.6............ 64kpa 12.5........ 500kpa 75......... 3000kpa...... available only with 7th codes w, a, b, c, d, h, m and t 250..... 10000kpa applicable to 5th code k 1250... 50000kpa specify w as 7th code. 1 2 3 4 5 indicator (9th digit) none digital, % indication digital, actual scale indication a l p explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k optical connector (12th code) fc type st type f s capillary length (11t code) 1.5m 3m 5m 6m 7m 8m 10m a b g c h j k flanges (5th code) material sus304 none (wafer type) screw-in type rating jis 10k 80a jis 10k 100a jis 30k 50a ansi/jpi 150lb 3b ansi/jpi 150lb 4b ansi/jpi 600lb 2b for jis 80a, ansi/jpi 3b for jis 100a, ansi/jpi 4b for jis 50a, ansi/jpi 2b jis g1 thread applicable 6th code 1, 2 1, 2 3 1, 2 1, 2 3 1, 2 1, 2 3 4, 5 0 1 2 3 4 5 p q r k material and diaphragm extension (7th code) seal diaphragm sus316l sus316l sus316l sus316l sus316l hastelloy c hastelloy c hastelloy c hastelloy c hastelloy c monel tantalum titanium zirconium other wetted parts sus316 sus316 sus316 sus316 sus316 hastelloy c hastelloy c hastelloy c hastelloy c hastelloy c monel tantalum titanium zirconium diaphragm extension (mm) 0 50 100 150 200 0 50 100 150 200 0 0 0 0 w a b c d h f g k l m t p r treatment and filled fluid (13th code) treatment none none degreasing oxygen no-oil treatment chlorine service none none none none none filled fluid silicone oil fluorinated oil silicone oil fluorinated oil ... available for 7th code w, a, b, c or d fluorinated oil ... available for 7th code h, f, g, k, l or t silicone oil (for high temperature) silicone oil (for high temperature) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and high vacuum) y w g a d h j s t k when these codes are used in combination with 13th code s, t or k, only 5th codes 1, 4 and q are available. available only with 6th code 2 and 5th code 0, 3 or p available for 5th code 0, 1, 3, 4, p or q and 13th code y, w, g, a or d *1: available for 6th code 1, 2 or 3 and 7th code w, a, b, c or d *2: available for 6th code 2 and 7th code w, a, b, c or d *1 *2
13 (tr-11) ffx-p series transmitter optical fieldbus equipment code symbols 5) remote seal type differential pressure transmitter description opt.cable connection (4th code) g 1 /2 1 /2 -14npt 1 fh f- 12345678 101112 913 s t measurement span (6th code) 0.8............ 32kpa 1.6............ 64kpa 3.25........ 130kpa 12.5........ 500kpa 3 4 5 6 indicator (9th digit) none digital, % indication digital, actual scale indication a l p explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k optical connector (12th code) fc type st type f s capillary length (11t code) 1.5m 3m 5m 6m 7m 8m 10m a b g c h j k flanges (5th code) material sus304 none (wafer type) rating jis 10k 80a jis 10k 100a jis 30k 80a jis 30k 100a ansi/jpi 150lb 3b ansi/jpi 150lb 4b ansi/jpi 300lb 3b ansi/jpi 300lb 4b for jis 80a, ansi/jpi 3b for jis 100a, ansi/jpi 4b 0 1 2 3 4 5 6 7 p q material and diaphragm extension (7th code) seal diaphragm scs316l scs316l scs316l scs316l scs316l hastelloy c hastelloy c hastelloy c hastelloy c hastelloy c monel tantalum titanium zirconium other wetted parts sus316 sus316 sus316 sus316 sus316 hastelloy c hastelloy c hastelloy c hastelloy c hastelloy c monel tantalum titanium zirconium diaphragm extension (mm) 0 50 100 150 200 0 50 100 150 200 0 0 0 0 w a b c d h f g k l m t p r treatment and filled fluid (13th code) treatment none none degreasing oxygen no-oil treatment chlorine service none none none none none filled fluid silicone oil fluorinated oil silicone oil fluorinated oil ... available for 7th code w, a, b, c or d fluorinated oil ... available for 7th code h, f, g, k, l or t silicone oil (for high temperature) silicone oil (for high temperature) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and high vacuum) y w g a d h j s t k when these codes are used in combination with 13th code s, t or k, only 5th codes 1, 3, 5, 7 and q are available. available only with 5th code 0, 2, 4, 6 or p available for 13th code y, w, g, a or d *1: available for 7th code w, a, b, c or d *1
14 (tr-12) ffx-p series transmitter optical fieldbus equipment code symbols 6) level transmitter description connections (4th code) low pressure connection rc 1 /4 1 /4 -18npt opt.cable connection g 1 /2 1 /2 -14npt 1 pl f- 12345678 101112 913 s t measurement span (6th code) 0.8............ 32kpa 1.6............ 64kpa 3.25........ 130kpa 12.5........ 500kpa 3 4 5 6 indicator (9th digit) none digital, % indication digital, actual scale indication a l p explosion-proof (10th code) none (for ordinary locations) jis, intrinsic safety (under application) cenelec, intrinsic safety (under application) a g k optical connector (12th code) fc type st type f s diaphragm extension (mm)(11th code) 0...... for any 7th code 50 100 150 200 50 100 150 200 y a b c d e f g h flanges (5th code) material sus304 rating jis 10k 80a jis 10k 100a jis 30k 80a jis 30k 100a ansi/jpi 150lb 3b ansi/jpi 150lb 4b ansi/jpi 300lb 3b ansi/jpi 300lb 4b 0 1 2 3 4 5 6 7 material (7th code) high pressure side (flange side) diaphragm scs316l hastelloy c monel tantalum other wetted part sus316 hastelloy c monel tantalum process cover scs14 scs14 scs14 scs14 low pressure side diaphragm scs316l.....*1 hastelloy c monel tantalum v h m t treatment and filled fluid (13th code) treatment none none degreasing oxygen no-oil treatment chlorine service none none none none none filled fluid silicone oil fluorinated oil silicone oil fluorinated oil ... available for 7th code v fluorinated oil ... available for 7th code h or t silicone oil (for high temperature) silicone oil (for high temperature) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and vacuum) silicone oil (for high temperature and high vacuum) y w g a d h j s t k 7th code v only 7th code h only *1: hastelloy c for 6th code 6 *2: available for 7th code v *2
15 details of area b details of area a indicator (option) 290 fbbs d e rc1/4 g1/2 1/4 18npt 1/2 14npt type fbbt 70 108 241 p 80 8 70 225 15 102 mounting pipe jis 50a (2b) u-bolt (m8) 31 27 47 vent/drain plug 54 41.3 27 view from arrow p a pressure connection 4 7/16-20unf screw depth 13 15 7 e d 18.5 15 3 2.5 8 b optical cable connection 41.3 300 40 27 47 a pressure connection 2 7/16 20unf screw depth 10 54 102 12 4 16 +0.2 +0.1 2 1 0 - 0.1 details of area a s t fbb 0 1 a c v h m t s t fbb 0 1 a c b l u (tr-13) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 1) pressure transmitter
16 details of area b details of area a indicator (option) 290 fbhs d e rc1/4 g1/2 1/4 18npt 1/2 14npt type fbht 70 108 241 p 80 8 70 225 15 102 mounting pipe jis 50a (2b) u-bolt (m8) 31 27 47 vent/drain plug 54 41.3 27 view from arrow p a pressure connection 4 7/16-20unf screw depth 13 15 7 18.5 e d 15 3 2.5 8 b optical cable connection s t fbh 0 1 a c v h m t (tr-14) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 2) absolute pressure transmitter
17 details of area b details of area a indicator (option) 290 ffgs d e rc1/4 g1/2 1/4 18npt 1/2 14npt type ffgt 70 108 241 p 80 8 70 225 15 102 mounting pipe jis 50a (2b) u-bolt (m8) 37 27 47 vent/drain plug 54 41.3 27 lh view from arrow p a low pressure connection a high pressure connection 8 7/16-20unf screw depth 13 15 7 18.5 e d 15 3 2.5 8 b optical cable connection s t ffg 1 a c b l u a pressure connection vent/drain plug 4-7/16-20unf screw depth 10 28 41.3 40 54 102 300 47 27 details of area a 4 1 2 0 0.1 16 12 +0.2 +0.1 s t ffg 1 a c v h m t w (tr-15) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 3) differential pressure/flow transmitter
18 2 1 2 1 50a, 2b flange 100a, 4b 80a, 3b type 50 141 116 45.5 38 38 48 96 73 52 103 100 84 151 126 fbf * p * 1 fbf * q * 1 fbf * r 3 * 1 p t k j h view from arrow q q s inner diameter of gasket seat 131 29 8 indicator (option) b optical cable connection 15 225 70 241 80 54 102 u-bolt (m8) mounting pipe jis 50a (2b) 288 47 27 70 108 200 13.5 150 13 100 12.5 11.5 10.5 50 0 fbf * * * h1 fbf * * * w1 fbf * * * t1 fbf * * * m1 fbf * * * r1 fbf * * * p1 fbf * * * f1 fbf * * * a1 fbf * * * g1 fbf * * * b1 fbf * * * k1 fbf * * * c1 fbf * * * l1 fbf * * * d1 type l mass (kg) 1/2-14npt g1/2 e fbfs fbft type 2-m6 depth 9 p 29 54 102 288 47 27 ansi / jpi 600lb 2b ansi / jpi 150lb 4b flange ansi / jpi 150lb 3b jis-30k-50a jis-10k-100a jis-10k-80a type 8-20 8-20 4-20 8-19 8-19 8-19 50 141 116 50 141 116 45.5 44 44 42 38 38 48 96 73 48 96 73 52 103 100 52 103 100 84 151 126 84 151 126 127 190.5 152.5 130 175 150 165 229 191 165 210 185 fbf * 0 * * 1 fbf * 1* * 1 fbf * 2 * * 1 fbf * 3* * 1 fbf * 4 * * 1 fbf * 5* * 1 n- h p t k j h g f p g hole n- h details of area b e 15 3 15 s t fbf 1 0 1 2 3 4 5 1 2 3 s t fbf 1 p q r 1 2 3 j l t 20 f h k note) "s" depends on code specification. (tr-16) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 4) remote seal type pressure transmitter
19 1/2-14npt g1/2 fbft e fbfs type view from arrow q q details of area b 2 packing 20 47 100 18 2 53 g1 30 23.6 -0.1 -0.2 -0.1 -0.2 s 131 29 8 e 15 3 15 indicator (option) b optical cable connection 15 225 70 241 80 54 102 u-bolt (m8) mounting pipe jis 50a (2b) 288 47 27 70 108 s t fbf k w1 4 5 note) "s" depends on code specification. (tr-17) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 4) remote seal type pressure transmitter
20 52 103 151 49 100 126 44 103 190.5 151 100 126 195 141 116 116 141 jis-30k-100a ansi / jpi 300lb 4b 8-23 96 200 254 ansi / jpi 300lb 3b 8-23 73 168 210 ansi / jpi 150lb 4b ansi / jpi 150lb 3b flange jis-30k-80a jis-10k-100a jis-10k-80a type 8-20 4-20 8-25 8-23 8-19 8-19 116 141 141 116 44 52 48 38 38 96 73 96 73 96 73 100 103 103 100 126 151 151 126 152.5 170 175 150 229 191 240 210 210 185 n- h p t k j h g f view from arrow q q low pressure side high pressure side 131 s s p hole n- h inner diameter of gasket seat j l t 20 f h k g 131 29 8 indicator (option) b optical cable connection 15 225 70 241 80 54 102 mounting pipe jis 50a (2b) 288 47 27 70 108 lh u-bolt (m8) details of area b e 15 3 15 note) "s" depends on code specification. 200 17.5 to 33 150 17 to 32.5 100 16.5 to 32 16 to 31.5 15 to 20.5 50 0 type l mass (kg) 2-m6 depth9 p 29 54 102 288 47 27 flange type 141 116 96 73 103 100 151 126 p k j h s t 0 1 2 3 4 5 6 7 ffh 1 s t ffh 1 p q 1/2-14npt g1/2 ffht e ffhs type for jis-80a, ansi/jpi 3b for jis-100a, ansi/jpi 4b ffh * p * * 1 ffh * q * * 1 ffh * 0 * * 1 ffh * 1 * * 1 ffh * 2 * * 1 ffh * 3 * * 1 ffh * 4 * * 1 ffh * 5 * * 1 ffh * 6 * * 1 ffh * 7 * * 1 ffh * * * w1 ffh * * * h1 ffh * * * a1 ffh * * * f1 ffh * * * d1 ffh * * * l1 ffh * * * b1 ffh * * * g1 ffh * * * c1 ffh * * * k1 ffh * * * m1 ffh * * * t1 ffh * * * p1 ffh * * * r1 (tr-18) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 5) remote seal type differential pressure transmitter
21 150 365 2 1 e g1/2 1/2-14npt 200 150 l 0 50 100 359 52 103 151 49 100 126 44 103 190.5 151 100 126 195 jis-30k-100a ansi / jpi 300lb 4b 8-23 96 200 254 ansi / jpi 300lb 3b 8-23 73 168 210 ansi / jpi 150lb 4b ansi / jpi 150lb 3b flange jis-30k-80a jis-10k-100a jis-10k-80a 12.5 to 19.5 12 to 19 144 11.5 to 18.5 11 to 18 10.5 to 14 type 1/4-18npt rc1/4 fplt type 8-20 4-20 8-25 8-23 8-19 8-19 44 52 48 38 38 96 73 96 73 96 73 100 103 103 100 126 151 151 126 152.5 170 175 150 229 191 240 210 210 185 n- h t k j h g f d fpls type view from arrow q details of area a q details of area b 126 241 2 1 g n- h hole a low pressure connection 27 46.4 41.3 vent/drain plug k h f 20 t l j inner diameter of gasket seat d 18.5 7 8 2.5 8 e 15 3 15 indicator (option) b optical cable connection 15 70 54 102 fpl * 0 * * 1 fpl * 1 * * 1 fpl * 2 * * 1 fpl * 3 * * 1 fpl * 4 * * 1 fpl * 5 * * 1 fpl * 6 * * 1 fpl * 7 * * 1 fpl * * * * 1- * * y fpl * * * v1- * * a fpl * * * h1- * * e fpl * * * h1- * * f fpl * * * v1- * * b fpl * * * h1- * * g fpl * * * v1- * * c fpl * * * h1- * * h fpl * * * v1- * * d mass (kg) (tr-19) ffx-p series transmitter optical fieldbus equipment outline diagram (unit: mm) 6) level transmitter
22 optical fieldbus equipment ffx-t series temperature transmitter data sheet functional specifications integrated type (fup) separated type (fut) j thermocouple -200 to +400?c -200 to +750?c e thermocouple -200 to +400?c -200 to +800?c k thermocouple -200 to +400?c -200 to +1200?c r thermocouple 0 to +1600?c t thermocouple -200 to +350?c resistance bulb pt100 -200 to +400?c -200 to +600?c note) when the operating temperature range is not speci- fied at the time of ordering, the transmitter will be adjusted within the maximum measuring range prior to delivery. operating pressure: flange type...flange rated pressure screw type... 4mpa or less output: optical digital signal, specifications of fieldbus foundation burnout: previous output is retained at burnout of sensor. with bad status explosion-proof: intrinsic safety explosion-proof, jis ib ii c t3 (under application), cenelec ib ii c t4 (under application) zero point deviation: 80% between minimum and maximum temperatures within measuring range power supply: built-in lithium battery life: about 2 years ... under the follow- ing conditions. macro-cycle: 1sec status read cycle; 4sec token go-round; 0.25sec voltage read cycle; 1hr ? ? ? ? ? ? ? ? ? ? item host indicator measuring range error sensor error amplifier fault battery voltage battery voltage-drop alarm this temperature transmitter is equipped with a thermo- couple and a platinum resistance bulb for measuring tem- peratures of various kinds of fluids. the electronic unit has a built-in micro-processor for process- ing signals in digital mode to provide highly accurate and intel- ligent measurements. the signal transmission line uses optical fiber cables to real- ize an optical fieldbus system with optical star coupler and host system. composition of models 1) temperature transmitter (integrated type); type fup 2) temperature transmitter (separated type); type fut specifications measured fluid: liquid, gas, vapor measuring range remote setting: read-out from hose devices and setting items self-diagnosis: display on indicator and transmission to host 1. sensor (for integrated type) accuracy rating: thermocouple; jis c 1604 class 2 resistance bulb; jis c 1604 class b response time (time constant): protective tube, ?.8mm... about 8sec protective tube, ?2mm... about 70sec ambient temperature: -30 to +70?c intrinsic safety explosion-proof; -10 to +60?c storage temperature: -40 to +80?c ambient humidity: 95%rh or less regulation: fieldbus foundation specifications (basic device, device type 411, ai function block) performance specifications item read-out setting tag no. serial no. maximum range measuring range damping constant unit of process variable process variable
23 ffx-t series temperature transmitter fig. 1 relation between flow velocity and insertion length (protective tube, 12mm) optical fieldbus equipment 1300 1000 100 10 1 flow velocity (m/ s) 0.1 10 100 air insertion length l (mm) water 2. electronic unit (integrated/separated type) accuracy rating: type sensor temperature accuracy range rating fup a (integrated type) j thermocouple -140 to +400?c 0.6?c fut a (separated type) under. -140?c * 1?c fut b (separated type) j thermocouple -100 to +750?c 1.1?c under. -100?c * 1.9?c fup c (integrated type) e thermocouple -200 to +400?c 0.6?c fut c (separated type) fut d (separated type) e thermocouple -80 to +800?c 1.2?c under. -80?c * 2?c fup e (integrated type) k thermocouple -150 to +400?c 0.6?c fut e (separated type) under. -150?c * 1?c fut f (separated type) k thermocouple 0 to +1200?c 1.8?c under. 0?c * 3?c fut g (separated type) r thermocouple 0 to +1600?c 4?c fut g (separated type) t thermocouple -200 to +350?c 0.8?c fup j (integrated type) pt100 -200 to +400?c 0.6?c fut l (separated type) fut k (separated type) -200 to +600?c 0.9?c m (separated type) fut n (separated type) jpt100 -200 to +400?c 0.6?c fut p (separated type) jpt100 -200 to +500?c 0.7?c reference junction compensation accuracy: 1?c (for thermocouple) ambient temperature effect: (variation at -30 to +70?c) 0.5% of max. measured temperature; 1% of the above temperature range marked "*" wiring resistance: (for separated type) thermocouple: less than 100 ? , resis- tance bulb; less than 10 ? structure and material casing: immersion-proof type, jis c 0920 (iec ip67, nema4x or equivalent) optical cable connections: g1/2 or 1/2-14npt mounting method: (1) integrated type (fup); screw or flange mounting ... according to code symbols (2) separated type (fut); 50a (2b) pipe mounting with u-bolt or wall mounting coating: epoxy/urethane, double coating color; silver (blue for case cover) mass: (1) integrated type (fup); 3 to 5kg, depending on the length of sensor (2) separated type (fut); about 2.4kg insertion length: (length of integrated type sensor) 100 to 2000 mm ... refer to the code sym- bols. minimum bending radius: (allowable bend of integrated type sensor) 14.4mm ... sheath type (?.8mm) only dimensions: see outline diagram. material: (material of integrated type sensor protective tube) sus304 or sus316... according to code symbols relation between measured fluid flow velocity and insertion length option specifications indicator: 5-digit lcd display, % or scale display operating temperature range; -20 to +70 ?c scope of delivery instrument main unit, pipe mounting brackets (for separated type) when inserting the protective tube into the fluid piping, the temperature sensor receives the stress of the flow of fluid, so the strength of the protective tube to be inserted should be taken into account. study the insertion length of the temperature sensor to be used referring to the relation between the flow velocity and insertion length shown in fig. 1. when inserting the sheath type into flow, a protective tube should be provided separately. note 1. accuracy with segmented line compensation 2. reference junction compensation error not in- cluded.
24 ffx-t series temperature transmitter optical fieldbus equipment code symbols description opt. cable connection(4th digit) g 1 /2 1 /2 -14npt 1 ut f- 12345678 9 s t explosion-proof (6th digit) for general-use (non-explosion-proof) jis intrinsic safety (under application) cenelec intrinsic safety (under application) a g k indicator (7th digit) none digital, % display digital, actual scale display a l p optical connector (9th digit) fc type st type f s input signal, measuring range (5th digit) j thermocouple -200 to 400 ? c j thermocouple -200 to 750 ? c e thermocouple -200 to 400 ? c e thermocouple -200 to 800 ? c k thermocouple -200 to 400 ? c k thermocouple -200 to 1200 ? c r thermocouple 0 to 1600 ? c t thermocouple -200 to 350 ? c 3-wire system pt 100 (1989) -200 to 400 ? c 3-wire system pt 100 (1989) -200 to 600 ? c 3-wire system pt 100 (1997) -200 to 400 ? c 3-wire system pt 100 (1997) -200 to 600 ? c 3-wire system jpt 100 -200 to 400 ? c 3-wire system jpt 100 -200 to 500 ? c a b c d e f g h j k l m n p description opt. cable connection (4th digit) g 1 /2 1 /2 -14npt 1 up f-- 12345678 9 10 11 12 13 14 s t explosion-proof (6th digit) for general-use (non-explosion-proof) jis intrinsic safety (under application) cenelec intrinsic safety (under application) a g k indicator (7th digit) none digital, % display digital, actual scale display a l p optical connector (9th digit) fc type st type f s type of protective tube (10th digit) 12 4.8(sheath type) a b protective tube material (11th digit) sus304 (10th digit b not applicable) sus316 s w mounting method (14th digit) flange jis 10k-25a rf flange jis 20k-25a rf flange jis 30k-25a rf flange jis 63k-25a rf screw-in g 3 /4 b screw-in r 3 /4 screw-in 3 /4 -14npt flange ansi 150lb, 1b flange ansi 300lb, 1b flange ansi 600lb, 1b 0 1 2 3 4 5 6 7 8 9 insertion length (mm) (12th, 13th digit) 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 2 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 0 measuring range (5th digit) j thermocouple -200 to 400 ? c e thermocouple -200 to 400 ? c k thermocouple -200 to 400 ? c 3-wire system pt 100 (1989) -200 to 400 ? c 3-wire system pt 100 (1997) -200 to 400 ? c a c e j l 10th digit a not applicable temperature transmitter (separated type) temperature transmitter (integrated type)
25 p "b" detail 223 20 l d 38 m 102 54 70 d 80 241 indicator (option) 15 70 8 122 b optical cable connection "p" view 222 l 49 t 1 54 102 d1 d2 4- d 15 3 15 a ansi 600lb,1b ansi 300lb,1b 20 88.9 124 17.5 20 1.6 88.9 124 17.5 16 79.4 108 14.5 ansi 150lb,1b 23 100 140 27 19 95 130 20 19 1.0 90 125 16 19 90 125 14 d d 2 t d 1 t jis 63k-25a rf jis 30k-25a rf jis 20k-25a rf jis 10k-25a rf flange 3 /4 -14npt rc 3 /4 g 3 /4 3 /4 -14npt rc 3 /4 g 3 /4 type m 12 4.8 (sheath type) g1/2 1/2-14npt 1/2-14npt g1/2 a 100 to 1300 (to be specified) 100 to 2000 (to be specified) l type d a b fup 1 0 17 28 39 a b fup 4 5 6 1 fups * * * 1 - * a* * * fup * * * * 1 - * * * * * 4 fup * * * * 1 - * * * * * 5 fup * * * * 1 - * * * * * 6 fup * * * * 1 - * * * * * 4 fup * * * * 1 - * * * * * 5 fup * * * * 1 - * * * * * 6 fupt * * * 1 - * a* * * fups * * * 1 - * b* * * fupt * * * 1 - * b* * * type fup * * * * 1 - * * * * * 0 fup * * * * 1 - * * * * * 1 fup * * * * 1 - * * * * * 2 fup * * * * 1 - * * * * * 3 fup * * * * 1 - * * * * * 7 fup * * * * 1 - * * * * * 8 fup * * * * 1 - * * * * * 9 ffx-t series temperature transmitter optical fieldbus equipment outline diagram 1) temperature transmitter (integrated type)
26 "b" detail 266 241 80 108 70 225 8 70 b optical cable connection 15 indicator (option) 54 102 u-bolt (m8) mounting pipe jis 50a (2b) 27 47 15 3 15 d 1/2-14npt g1/2 futt futs d type terminal block (for sensor connection) resistance bulb thermocouple connection dia g ram m3 screw 6.5 a b b ee + ffx-t series temperature transmitter optical fieldbus equipment outline diagram 2) temperature transmitter (separated type)
27 optical fieldbus equipment ffx-t series multi-point temperature converter data sheet this multi-point temperature converter is used to receive in- put signals from a maximum of 8 points of thermocouple or resistance bulb temperature sensors and convert these signals into optical digital output signals. the signal transmitter using optical fiber cables configures an optical fieldbus system together with an optical star coupler and a host system. specifications functional specifications input: thermocouple (j, e, k, r, t type) resistance bulb (pt100, jpt100, 3-wire system) input points: 8 points, max. temperature sensors should be of the same type and the same range. output: optical digital signal, fieldbus foundation specifications power supply: 24v dc (20 to 30v) or 85 to 264v ac 50/ 60 hz, according to code symbols power consumption: about 1w ... 24v dc about 5va ... 85-264v ac explosion-proof : intrinsic safety explosion-proof, jis ib ii c t3 (under application) cenelec ib ii c t4 (under application), 24v dc only used in combination with safety barrier (pwxca001) zero point deviation: 80% of minimum-maximum tempera- tures within measuring range remote setting: read-out from host system and setting items item read-out setting tag no. serial no. maximum range measuring range damping constant unit of process variable process variable measuring range: burnout: previous output value is retained at burnout of sensor. with bad status self-diagnosis: detection of faults and transmission to host system; measurement error, sensor burnout, amplifier fault ambient temperature: -30 to +60?c intrinsic safety explosion-proof; -10 to +60?c storage temperature: -40 to +70?c ambient humidity : 95%rh or less regulation: fieldbus foundation specifications (basic device, device type 411, ai function block) performance specifications accuracy rating: note) accuracy: with linearize, reference junction com- pensation error not included type sensor temperature range frm1a j thermocouple -200 to +400?c frm1b -200 to +750?c frm1c e thermocouple -200 to +400?c frm1d -200 to +800?c frm1e k thermocouple -200 to +600?c frm1f -200 to +1200?c frm1g r thermocouple 0 to +1600?c frm1h t thermocouple -200 to +350?c frm1j resistance bulb -200 to +300?c frm1l pt100 frm1k resistance bulb -200 to +600?c frm1m pt100 frm1n resistance bulb -200 to +300?c frm1p jpt100 -200 to +500?c reference junction compensation accuracy: 1?c (for thermocouple) measuring cycle : 2sec (at any input point) ambient temperature effect: (variations at -30 to +60?c) 0.5% of maximum measuring tempera- ture allowable wiring resistance: thermocouple; less than 100 ? resistance bulb; less than 10 ? insulation: fully insulated between input and output and between output and power supply by optical interface type sensor temperature range accuracy rating frm1a j thermocouple -200 to +400?c 1.2?c frm1b -200 to +75?c 2.2?c frm1c e thermocouple -200 to +400?c 1.2?c frm1d -200 to +800?c 2.4?c frm1e k thermocouple -200 to +600?c 1.8?c frm1f -200 to +1200?c 3.6?c frm1g r thermocouple 0 to +1600?c 4.8?c frm1h t thermocouple -200 to +350?c 1?c frm1 j resistance bulb -200 to +300?c 0.9?c frm1 l pt100 frm1 k resistance bulb -200 to +600?c 1.8?c frm1 m pt100 frm1n resistance bulb -200 to +300?c 0.9?c frm1p jpt100 -200 to +500?c 1.5 ?c power supply withstand-voltage insulation resistance 24v dc 500v ac, 1min more than 100m ? at 500v dc 85 to 264v ac 2000v ac, 1min more than 100m ? at 500v dc
28 ffx-t series multi-point temperature converter optical fieldbus equipment code symbols description input points (4th digit) 8 points 1 rm f- 12345678 9 10 1 explosion-proof (6th digit) for general-use (non-explosion-proof) jis intrinsic safety (under application) cenelec intrinsic safety (under application) a g k power supply (7th digit) dc24v ac85 to 264v 50/60hz 1 2 optical connector (9th digit) fc type st type f s cable connection and mounting (10th digit) cable connection g 1 /2 , 1 1 /4 g 1 /2 , 1 1 /4 npt 1 /2 , 1 1 /4 npt 1 /2 , 1 1 /4 mounting pipe mounting wall mounting pipe mounting wall mounting a b c d measuring range (5th digit) j thermocouple -200 to +400 ? c j thermocouple -200 to +750 ? c e thermocouple -200 to +400 ? c e thermocouple -200 to +800 ? c k thermocouple -200 to +600 ? c k thermocouple -200 to +1200 ? c r thermocouple 0 to +1600 ? c t thermocouple -200 to +350 ? c resistance bulb -200 to +300 ? c 3-wire system pt 100 (1989) resistance bulb -200 to +600 ? c 3-wire system pt 100 (1989) resistance bulb -200 to +300 ? c 3-wire system pt 100 (1997) resistance bulb -200 to +600 ? c 3-wire system pt 100 (1997) resistance bulb -200 to +300 ? c 3-wire system jpt 100 resistance bulb -200 to +500 ? c 3-wire system jpt 100 a b c d e f g h j k l m n p *1: not applicable for the 7th digit code 2 *1 casing: splash-proof type (iec ip65 or equivalent) optical/power cable connection port: g 1 /2 or 1 /2 -14npt ... according to code symbols sensor cable connection port: g1 1 /4 or 1 1 /4 -11npt ... according to code symbols mounting method: mounting on 50a (2b) pipe with u-bolt or wall mounting .... according to code sym- bols mass: approx. 9kg coating: epoxy/urethane double coating dimensions: see outline diagram. structure and materials scope of delivery instrument main unit, u-bolt (for pipe mounting)
29 a b g1/2 g1 1 / 4 1/2 14npt 1 1 / 4 11npt frm1 * * *1 * frm1 * * *1 * c d type de multi-point temperature converter "b" detail series u-bolt (m8) mounting pipe jis 50a (2b) blind plug 4- 9 (for mounting) 128 47.5 348.5 200 176 70 440 414 210 350 291 d 16.5 e 16.5 b power cable connection b optical cable connection a sensor cable connection 38.5 120.5 120.5 59.5 50 40 "a" detail ffx-t series multi-point temperature converter optical fieldbus equipment outline diagram
30 ? ? ? ? ? ? ? ? ? ? optical fieldbus equipment ffx-z series optical-pneumatic converter data sheet this instrument is used to convert optical digital signals into pneumatic signals proportional to the set value given from the host system for operating pneumatic actuatres such as pneumatic positioners, diaphragm valves, etc. the adoption of optical fiber cables to the signal transmission line config- ures an optical fieldbus system together with an optical star coupler and a host system. specifications functional specifications input: optical digital signal, fieldbus foundation specifications output: pneumatic output; 20 to 100kpa supply air pressure: 140kpa power supply: built-in lithium battery life: about 1.5 years ... under the follow- ing conditions macro-cycle; 1sec status read cycle; 4sec token go-round; 0.25sec voltage read cycle; 1hr explosion-proof : intrinsic safety explosion-proof, jis ib ii c t3 (under application) cenelec ib ii c t4 (under application) self-diagnosis: display on indicator and transmission to host item host indicator measuring range error detector error amplifier fault battery voltage battery voltage-drop alarm item read-out setting tag no. serial no. output value unit of output value direction of emergency operation remote setting: read-out from host device and setting items emergency operation: direction of output pneumatic operation at input off is selected from the following 3 operations ... according to code sym- bols. previous value hold / scale-out below 0% (less than 5kpa) / scale-out above 100% (more than 120kpa) ambient temperature: -20 to +60?c intrinsic safety explosion-proof; -10 to +60?c storage temperature: -30 to +70?c ambient humidity : 95%rh or less regulation: fieldbus foundation specifications (basic device, device type 411 ao func- tion block) performance specifications accuracy rating: 0.5%, full scale (output ripple; about 0.2%) response speed: 3sec or less (90% response time at load capacity 0.5 r ) input/output characteristic: linear air consumption: steady time (at steady output); 8n r /min maximum (at sudden change of output); 60n r /min structure and materials casing: splash-proof type, jis c 0920 (iec ip54 or equivalent) air piping connection port: rc 1 /4 or 1 /4 -18npt (according to code symbols) optical cable connection: g 1 /2 or 1 /2 -14npt (according to code sym- bols) mounting method: mounting on 50a (2b) pipe with u-bolt or wall mounting coating: epoxy/urethane double coating, color; silver (blue for case cover) mass: approx. 5.3kg dimensions: see outline diagram. option specifications indicator: 5-digit lcd display, % or actual scale display scope of delivery instrument main unit, pipe mounting brackets
31 ffx-z series optical-pneumatic converter optical fieldbus equipment code symbols description output air pressure/ supply pressure (4th digit) 20 to 100kpa / 140kpa 1 1 lk z- 12345678 9 10 11 1 explosion-proof (9th digit) for general-use (non-explosion-proof) jis intrinsic safety (under application) cenelec intrinsic safety (under application) a g k emergency operation (at input off) (10th digit) previous value hold scale-out below 0% scale-out above 100% a b c air set (11th digit) none with air regulater y a optical connector (6th digit) fc connector st connector f s air piping connection/ opt.cable connection (5th digit) rc 1 /4 / g 1 /2 1 /4 -18npt / 1 /2 -14npt s t indicator (7th digit) none digital, % display digital, actual scale display a l p
32 sup out "b" detail 225 64.5 108 70 130 25 pressure gauge (output) b optical cable connection indicator (option) 191 mounting pipe jis 50a (2b) u-bolt (m8) 214 64 27 47 39 2-air connection port 15 3 15 d 91 1/4-18npt 1/2-14npt g 1/2 rc 1/4 zlk1t zlk1s optical cable connection d air connection port type ffx-z series optical-pneumatic converter optical fieldbus equipment outline diagram
33 ? ? ? optical fieldbus equipment scope of delivery instrument main unit description applicable optical fiber silica; (100/140 m) pcf; (200/230 m) applicable optical connector fc connector st connector 1 00 xb f 12345678 1 2 1 2 code symbols data sheet optical star coupler this optical star coupler is used to branch optical signals; sig- nals from the host system are branched for transmission to each field device, while signals from field devices are trans- mitted to the host system. it is a reflection type star coupler capable of communications between field devices, and configures an optical fieldbus sys- tem together with field devices and host system. specifications function/performance number of branches: 16 branches applicable optical fiber: silica fiber ... core/cladding dia. 100/140 m pcf fiber ... core/cladding dia. 200/230 m ... according to code symbols applicable optical connector: fc connector or st connector ... accord- ing to code symbols insertion loss: silica; max. 17.5db pcf; max. 18.5db ambient temperature: silica; -30 to +70?c pcf; -20 to +60?c storage temperature: silica; -40 to +80?c pcf; -30 to +70?c ambient humidity: 95%rf or less regulation: fieldbus foundation specifications silica fiber (a1d) device type 421 pcf fiber (a3c) device type 422 casing: dust-proof type jis c 0920 ... indoor-use (iec ip50 or equivalent) coating: melamine coating, color; munsell 7.5bg6/1.5 mounting method: wall mounting dimensions: see outline diagram. mass: approx. 1.8kg material: case, steel plate structure and materials ? ? ?
290 310 330 290 310 330 30 1.6 77 30 1.6 77 2 4?? (for mounting) 4?? (for mounting) 70 100 165 34 34 34 34 34 34 34 13 20 receptacle (for fc connector) 9 70 100 165 34 34 34 34 34 34 34 13 20 fxb 2 fxb 1 receptacle (for st connector) optical star coupler optical fieldbus equipment outline diagram information in this catalog is subject to change without notice. printed in japan head office gate city ohsaki, east tower, 11-2, osaki 1-chome, shinagawa-ku, tokyo 141-0032, japan http://www.fesys.co.jp/eng instrumentation div. international sales dept. no.1, fuji-machi, hino-city, tokyo, 191-8502 japan phone: 81-42-585-6201, 6202 fax: 81-42-585-6187 http://www.fic-net.jp/eng caution on safety *before using this product, be sure to read its instruction manual in advance.


▲Up To Search▲   

 
Price & Availability of EDS25-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X