Part Number Hot Search : 
SMB3EZ11 2N700 2N700 FN341 SMAJ4467 74ACT 20N60S5 SMB30CA
Product Description
Full Text Search
 

To Download DTC143ZCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features x epitaxial planar die construction x complementary npn types available x built-in biasing resistors absolute maximum ratings @ 25 : symbol parameter min typ max unit i c collector current --- 100 --- ma v in input voltage -5 --- +30 v p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25 : symbol parameter min typ max unit v i(off) --- --- 1.3 v v i(on) input voltage (v cc =5v, i o =100 - a) (v o =0.3v, i o =5ma) 0.5 --- --- v v o(on) output voltage (i o =5ma,i i =0.25ma) --- --- 0.3 v i i input current (v i =5v) --- --- 1.8 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 - a g i dc current gain (v o =5v, i o =10ma) 80 --- --- r 1 input resistance 3.29 4.7 6.11 k ? r 2 /r 1 resistance ratio 8 10 12 f t transition frequency (v o =10v, i o =5ma, f=100mhz) -- - 250 --- mhz suggested solder pad layout .079 2.000 in ch es mm . 031 .800 .035 .900 . 037 .950 .037 .950 sot-23  x marking : e23 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. npn digital transistor DTC143ZCA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
0.1 1 10 100 0.1 1 10 100 0481 21 62 0 0 2 4 6 8 10 0.2 0.4 0.6 0.8 1.0 1e-3 0.01 0.1 1 10 0.1 1 10 100 1 10 100 1000 0.1 1 10 100 10 100 1000 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 t a =100 t a =25 30 3 0.3 on characteristics v o =0.3 3 0.3 30 output current i o (ma) input voltage v i(on) (v) v r f=1mhz t a =25 c o output capacitance c o (pf) reverse bias voltage v r (v) t a =100 t a =25 off characteristics 3e-3 3 0.3 0.03 v cc =5v output current i o (ma) input voltage v i(off) (v) i o 30 t a =25 t a =100 v o =5v 300 3 3 0.3 30 g i output current i o (ma) dc current gain g i t a =100 t a =25 i o 0.3 300 30 30 3 v o(on) i o /i i =20 output voltage v o(on) (mv) output current i o (ma) t a DTC143ZCA p d power dissipation p d (mw) ambient temperature t a ( ) 2012-0 willas electronic corp. npn digital transistor dtc143zc typical characteristics


▲Up To Search▲   

 
Price & Availability of DTC143ZCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X