Part Number Hot Search : 
16080 AD584KN H1260 AMC7150D AM8080A CX162 TFBS4711 MAX1847
Product Description
Full Text Search
 

To Download DTC143ZA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143zm / dtc143ze / dtc143zua transistors dtc143zka / dtc143zsa digital transistors (built-in resistors) dtc143zm / dtc143ze / dtc143zua / dtc143zka / dtc143zsa ! ! ! ! features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on/off conditions need to be set for operation, making device design easy. ! ! ! ! structure npn digital transistor (built-in resistor type) ! ! ! ! equivalent circuit r 1 r 2 in gnd out in gnd out ! ! ! ! external dimensions (units : mm) (1) in (2) gnd (3) out 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) rohm : vmt3 dtc143zm abbreviated symbol : e23 abbreviated symbol : e23 0.2 0.2 0.5 0.5 1.0 0.1 1.6 0.2 0.3 0.8 0.1 1.6 0.2 0.55 0.1 0.7 0.1 0.15 0.05 0.1min. (3) (2) (1) 0~0.1 ? 0.05 + 0.1 + 0.1 ? 0.05 + 0.1 ? 0.05 (1) gnd (2) in (3) out rohm : emt3 dtc143ze 3 0.2 (15min.) 4 0.2 2 0.2 0.45 0.5 0.45 5 (1) (2) (3) ? 0.05 + 0.15 + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. (1) gnd (2) out (3) in rohm : spt eiaj : sc-72 dtc143zsa abbreviated symbol : e23 0~0.1 2.8 0.2 1.6 0.3min. 1.1 0.8 0.1 0.15 0.4 2.9 0.2 1.9 0.2 0.95 0.95 + 0.2 ? 0.1 ? 0.1 + 0.2 + 0.1 ? 0.06 + 0.1 ? 0.05 (2) (1) (3) (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dtc143zka all terminals have same dimensions abbreviated symbol : e23 0~0.1 (2) (1) (3) 0.1min. 2.1 0.1 1.25 0.1 0.9 0.1 0.2 0.7 0.1 0.15 0.05 0.3 2.0 0.2 1.3 0.1 0.65 0.65 + 0.1 ? 0 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dtc143zua all terminals have same dimensions
dtc143zm / dtc143ze / dtc143zua transistors dtc143zka / dtc143zsa ! ! ! ! absolute maximum ratings (ta=25 c) limits(dtc143z ) parameter symbol v cc 150 200 300 50 ? 5~ + 30 100 100 150 ? 55~ + 150 e m uakasa v v ma mw c c v in i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature ! ! ! ! electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 1.3 ? ? ? 3.29 80 8 ? ? ? 0.1 ? ? 4.7 ? 10 250 0.5 ? 0.3 1.8 0.5 6.11 ? 12 ? v v cc = 5v, i o = 100 a v o = 0.3v, i o = 5ma i o /i i = 5ma/0.25ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 10ma v ce = 10v, i e =? 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device ! ! ! ! packaging specifications tl umt3 emt3 smt3 spt dtc143ze dtc143zm type dtc143zua 3000 t2l vmt3 8000 t106 3000 t146 3000 tp 5000 dtc143zka dtc143zsa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping code basic ordering unit (pieces)
dtc143zm / dtc143ze / dtc143zua transistors dtc143zka / dtc143zsa ! ! ! ! electrical characteristic curves v o = 0.3v 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m input voltage : v i(on) (v) output current : i o (a) fig.1 input voltage vs. output current (on characteristics) 25 c 100 c ta =? 40 c v cc = 5v 0.5 1.0 1.5 2.0 2.5 3.0 0 10m 5m 2m 1m 500 200 100 50 20 10 5 1 2 input voltage : v i(off) (v) output current : io (a) ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltage (off characteristics) v o = 5v 100 200 500 1m 2m 5m 10m 20m 50m 100m 1k 500 200 100 50 20 10 5 2 1 output current : i o (a) dc current gain : g i fig.3 dc current gain vs. output current ta = 100 c 25 c ? 40 c 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i = 20 output current : i o (a) output voltage : v o(on) (v) fig.4 output voltage vs. output current ta = 100 c 25 c ? 40 c


▲Up To Search▲   

 
Price & Availability of DTC143ZA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X