Part Number Hot Search : 
MMSZ5250 93010 001JP 74ADWR 87758 TA78L OM8507SF R3211425
Product Description
Full Text Search
 

To Download DF15005S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DF15005S thru df1510s vishay semiconductors formerly general semiconductor document number 88570 www.vishay.com 25-apr-03 1 new product miniature glass passivated single-phase surface mount bridge rectifiers reverse voltage 50 to 1000v forward current 1.5a mounting pad layout maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol DF15005S df1501s df1502s df1504s df1506s df1508s df1510s unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward output rectified current at t a = 40? (2) i f(av) 1.5 a peak forward surge current single half sine-wave superimposed on rated load (jedec method) t j = 150? i fsm 50 a rating for fusing (t < 8.3ms) i 2 t10a 2 sec typical thermal resistance per leg (2) r ja 40 ?/w r jl 15 operating junction and storage temperature range t j , t stg 55 to +150 ? electrical characteristics (t a = 25? unless otherwise noted) max. instantaneous forward voltage drop per leg at 1.5a v f 1.1 v maximum dc reverse current t a = 25? 5.0 a at rated dc blocking voltage per leg t a = 125? i r 500 typical junction capacitance per leg (1) c j 25 pf notes: (1) measured at 1.0 mhz and applied reverse voltage of 4.0 volts (2) units mounted on p.c.b. with 0.51 x 0.51 (13 x 13mm) copper pads features ?plastic package has underwriters laboratory flammability classification 94v-0 ?this series is ul listed under recognized component index, file number e54214 ?glass passivated chip junctions ?high surge overload rating of 50 amperes peak ?ideal for printed circuit boards mechanical data case: molded plastic body over passivated junctions terminals: plated leads solderable per mil-std-750, method 2026 high temperature soldering guaranteed: 260?/10 seconds at 5 lbs. (2.3kg) tension polarity: polarity symbols marked on body mounting position: any weight: 0.014 oz., 0.4 g packaging codes/options: 27/1.5k per 13" reel (16mm tape) 45/50 ea. per tube-bulk 0.255 (6.5) 0.245 (6.2) 0.013 (0.330) 0.009 (0.241) 0.060 (1.524) 0.040 (1.016) 0.404 (10.3) 0.013 (0.330) 0.003 (0.076) 0.047 (1.20) 0.040 (1.02) 0.205 (5.2) 0.195 (5.0) 0.335 (8.51) 0.320 (8.13) 0.130 (3.3) 0.120 (3.05) 45 o 0.386 (9.80) dimensions in inches and (millimeters) case style dfs 0.404 max. (10.26 max.) 0.205 (5.2) 0.195 (5.0) 0.047 min. (1.20 min.) 0.060 min. (1.52 min.)
DF15005S thru df1510s vishay semiconductors formerly general semiconductor www.vishay.com document number 88570 2 25-apr-03 ratings and characteristic curves (t a = 25 c unless otherwise noted) 20 40 60 80 100 120 140 160 0 0.5 1.0 1.5 1 10 100 0 10 20 30 40 50 60 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1 10 0 20 40 60 80 100 0.01 0.1 1 10 100 1 10 100 1 10 100 0.01 0.1 1 10 100 0.1 1 10 100 fig. 6 - typical transient thermal impedance fig. 5 - typical junction capacitance per leg transient thermal impedance ( c/w) junction capacitance (pf) t, heating time (sec.) reverse voltage (v) t j = 25 c f = 1.0 mhz vsig = 50mvp-p 1.0 cycle 60 hz resistive or inductive load p.c.b mounted on 0.51 x 0.51" (13 x 13mm) copper pads fig. 3 - typical forward characteristics per leg instantaneous forward current (a) instantaneous forward voltage (v) t j = 25 c pulse width = 300 s 1% duty cycle fig. 1 - derating curve output rectified current average forward output current (a) ambient temperature ( c) fig. 2 - maximum non-repetitive peak forward surge current per leg peak forward surge current (a) number of cycles at 60 hz t j = 150 c single sine-wave (jedec method) fig. 4 - typical reverse leakage characteristics per leg instantaneous reverse current ( a) percent of rated peak reverse voltage (v) t j = 125 c t j = 50 c


▲Up To Search▲   

 
Price & Availability of DF15005S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X