Part Number Hot Search : 
DDZ10CS C14018 LC87F AM27S L1021 DS21Q44T 5348AR BT137
Product Description
Full Text Search
 

To Download D15XB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    


 

 
    


 
   

  !
"#$
%
&  '# 
" # $
()  "**("+(%, +

(-
*#.# !
 
## 
 
#
*#.# !
('  
+#
  )  '"+/ #

0    !"#$#  #%&  
                      !  ! !  "#$  %$  &!   '  ! ! ( %$ 
 )! *  * 
+$$ * )!     ,!- ! !!  & $./   - )0 "  1 2 2  3 %$$  %  $./   - )0 "  1 2 2  3    45 6 3 ! ,!- ! !!  ,
$./   - )0 7"!  ) %  3 ) 0 (  $$  !! 8 !      %    %$   (   %%$    9 !  !2 *  !     0  %   5 3*
  !8 &   !8 : $57;  $5< 7;  =!   2 ! !                     ,!- ! *  * ,  , >50 6  !0     !  
5%5% * )! !!   *  * 
0 6  !0     !  
5%$    ( (      1 2 2  3
5%5 2!      ( (       1 2 2  3
5  ?1  ( (     1 2 2  3
5
forward voltage 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0.1 1 10 d15xbx pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a]
0 10 20 30 40 50 60 0 5 10 15 20 25 d15xbx forward power dissipation sin average rectified forward current i o [a] forward power dissipation p f [w] tj = 150 c sine wave
80 90 100 110 120 130 140 150 160 0 5 10 15 20 d15xbx derating curve sin tc tc heatsink case temperature tc [ c] average rectified forward current i o [a] sine wave r-load with heatsink
0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 d15xbx derating curve sin pcb ambient temperature ta [ c] average rectified forward current i o [a] glass-epoxy substrate soldering land 5mm f sine wave r-load free in air
peak surge forward capability 0 50 100 150 200 250 1 10 100 d15xbx 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied


▲Up To Search▲   

 
Price & Availability of D15XB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X