Part Number Hot Search : 
LMA443 CY8C2 PST7029M A1373 HT1608L ROKIT R3740 80MHZ
Product Description
Full Text Search
 

To Download CPT1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  platinum temperature sensor smd 1206 cpt 1000 revision 07/01 ? ust umweltsensortechnik gmbh 2006 subject to alterations for this information and tec hnological changes ust umweltsensortechnik gmbh dieselstr. 2, 98716 geschwenda, germany phone +49 36205 713-0 fax +49 36205 713-10 info@umweltsensortechnik.de www.umweltsensortechnik.de technical data resistance at 0c 1000  temperature coefficient (0c up to 100c) 3.85 10 -3 k -1 tolerance class to din en 60751 b operating temperature range -50 c up to 150 c measurement current (dc) at 25 c 0.1 ma maximal permissible peak current (dc) at 25 c 0.3 ma insulation resistance > 10 m  self-heating at 0 c < 0.4 k / mw thermal response time flowing water (v = 0.2 m/s) t 0.5 = 0.2 s t 0.9 = 0.5 s flowing air (v = 1 m/s) t 0.5 = 4 s t 0.9 = 10 s resistance value (class b) at 0 c 1000.00  1.2  100 c 1385.10  3.0  maximal resistance change at uct 250 h < 0.1 % construction smd 1206 specification din en 60751 technology advanced thin-film-technology (ceramic carrier with a structured platinum layer, covered with a passivating layer) conformity 2002/95/ec restriction of the use of hazardous substances directive (rohs) dimensions [mm] 0.55 + 0.25 - 0.1 0.5 0.25 protective layer solder joint ceramic carrier 0.55 + 0.25 - 0.1 0.5 0.25 0.55 + 0.25 - 0.1 0.5 0.25 protective layer solder joint ceramic carrier 1.5 + 0.25 - 0.05 3 + 0.35 - 0.1 0.5 0.25 1.5 + 0.25 - 0.05 3 + 0.35 - 0.1 0.5 0.25 functional performance according to din en 60751 0,0 1,0 2,0 3,0 4,0 5,0 -50 0 50 100 150 temperature [c] resistance tolerance [  ] 0,0 0,5 1,0 1,5 2,0 2,5 temperature tolerance [c] class b [  ] class b [c] picture 1: resistance and temperature tolerances of cpt 1000 b temperature range of -50 c up to 0 c: r t = r o (1 + a t + b t 2 + c (t ? 100 c) t 3 ) temperature range of 0c up to 150c: r t = r o (1 + a t + b t 2 ) tolerance class b to din en 60751: ? t = (0.3 + 0.005 | t |) whereby: r t ? resistance [  ] at temperature t r o ? resistance [  ] at 0 c t ? temperature [c] ? t ? permissible temperature deviation at t [c] a = 3.9083 10 -3 c -1 b = - 5.775 10 -7 c -2 c = - 4.183 10 -12 c -4 fields of application ? industrial electronics ? automotive electronics ? energy and environmental engineering ordering information please use the following code: type class of accuracy construction temperature range [c] code cpt 1000 b smd 1206 -50/150 other classes of accuracy available on request made in germany


▲Up To Search▲   

 
Price & Availability of CPT1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X