Part Number Hot Search : 
2SA111 NTE713 1N5938B PD040 ALFY455 MAX106 TISP314 HC404
Product Description
Full Text Search
 

To Download AON6408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON6408 30v n-channel mosfet general description product summary (v gs = 10v) (v gs = 10v) (v gs = 4.5v) 100% uis tested 100% rg tested symbol v ds v gs i dm i ar e ar t j , t stg symbol typ max 17 21 44 53 r q jc 3.4 4 i d = 25a r ds(on) < 6.5m w t c =25c 2.4 12.5 t c =100c 32 130 pulsed drain current c continuous drain current g junction and storage temperature range -55 to 150 c thermal characteristics units maximum junction-to-ambient a t 10s c/w parameter r q ja vv 20 gate-source voltage drain-source voltage 30 maximum units parameter absolute maximum ratings t a =25c unless otherwise noted the AON6408 combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is for pwm applications. r ds(on) < 9.5m w v ds (v) = 30v repetitive avalanche energy l=0.1mh c mj avalanche current c 11.5 continuous drain current 51 14.5 a a t a =25c i dsm a t a =70c i d 25 20 t c =25c t c =100c power dissipation b p d w power dissipation a p dsm w t a =70c 31 1.5 t a =25c maximum junction-to-case steady-state c/w steady-state c/w maximum junction-to-ambient a d g ds top view 1 2 3 4 8 7 6 5 pin1 dfn5x6 top view bottom view alpha & omega semiconductor, ltd. www.aosmd.com
AON6408 symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =125c 5 i gss 100 na v gs(th) gate threshold voltage 1.5 2 2.5 v i d(on) 130 a 5.4 6.5 t j =125c 8.4 10.1 7.5 9.5 m w g fs 70 s v sd 0.75 1 v i s 31 a c iss 1270 1590 1900 pf c oss 170 240 310 pf c rss 87 145 200 pf r g 0.8 1.5 2.3 w q g (10v) 24 30 36 nc q g (4.5v) 12 15 18 nc q gs 4.2 5.2 6.2 nc q gd 4.7 7.8 11 nc t d(on) 6.7 ns t r 3.5 ns t d(off) 22.5 ns t f 4 ns t rr 22 28 34 ns q rr 19 24 30 nc rev 1 : nov-10 components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery charge i f =20a, di/dt=500a/ m s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =10v, v ds =15v, r l =0.83 w , r gen =3 w gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =10v, v ds =15v, i d =20a gate source charge gate drain charge total gate charge m w i s =1a,v gs =0v v ds =5v, i d =20a v gs =4.5v, i d =20a forward transconductance diode forward voltage r ds(on) static drain-source on-resistance i dss m a v ds =v gs i d =250 m a v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions body diode reverse recovery time drain-source breakdown voltage on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a reverse transfer capacitance i f =20a, di/dt=500a/ m s v gs =0v, v ds =15v, f=1mhz switching parameters a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 15 0c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedence from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. g. the maximum current rating is limited by bond-wi res. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. alpha & omega semiconductor, ltd. www.aosmd.com
AON6408 typical electrical and thermal characteristics 17 52 10 0 18 40 0 20 40 60 80 100 0 1 2 3 4 5 6 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 2 4 6 8 10 12 0 5 10 15 20 25 30 35 40 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =4.5v i d =20a v gs =10v i d =20a 0 5 10 15 20 25 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =20a 25c 125c 0 20 40 60 80 100 120 140 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =3v 4v 7v 10v 4.5v 5v 3.5v 6v alpha & omega semiconductor, ltd. www.aosmd.com
AON6408 typical electrical and thermal characteristics 17 52 10 0 18 40 0 2 4 6 8 10 0 5 10 15 20 25 30 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q qq q jc normalized transient thermal resistance c oss c rss v ds =15v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t c =25c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150c t c =25c 100 m s r q jc =4c/w alpha & omega semiconductor, ltd. www.aosmd.com
AON6408 typical electrical and thermal characteristics 17 52 10 0 18 40 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) z q qq q ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 20.00 30.00 40.00 50.00 60.00 70.00 80.00 90.00 0.000001 0.00001 0.0001 0.001 time in avalanche, t a (s) figure 12: single pulse avalanche capability (note c) i ar (a) peak avalanche current 0 10 20 30 40 0 25 50 75 100 125 150 t case (c) figure 13: power de-rating (note f) power dissipation (w) 0 5 10 15 20 25 30 0 25 50 75 100 125 150 t case (c) figure 14: current de-rating (note f) current rating i d (a) t a =25c 1 10 100 1000 10000 0 0 0 0.01 0.1 1 10 100 1000 pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) power (w) t a =25c t a =150c t a =100c t a =125c r q ja =53c/w alpha & omega semiconductor, ltd. www.aosmd.com
AON6408 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr alpha & omega semiconductor, ltd. www.aosmd.com


▲Up To Search▲   

 
Price & Availability of AON6408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X