Part Number Hot Search : 
HD74AC N25P16 H341D H341D Z5246B B5A30VDC N5822 RL204
Product Description
Full Text Search
 

To Download AON6404A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON6404A v ds i d (at v gs =10v) 85a r ds(on) (at v gs =10v) < 2.3m w r ds(on) (at v gs =4.5v) < 3.0m w symbol v ds drain-source voltage 30 the AON6404A combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v g d s top view 1 2 3 4 8 7 6 5 v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 1 55 1.5 power dissipation a p dsm w t a =70c 83 1.4 t a =25c continuous drain current 180 25 60 avalanche energy l=0.1mh c w a t a =70c 280 pulsed drain current c continuous drain current g i d 85 67 t c =25c t c =100c drain-source voltage 30 v mj avalanche current c 19 a v 20 gate-source voltage a t a =25c i dsm c thermal characteristics units maximum junction-to-ambient a c/w r q ja 14 40 17 parameter typ max t c =25c 2.3 33 t c =100c junction and storage temperature range -55 to 150 power dissipation b p d g d s top view 1 2 3 4 8 7 6 5 www.freescale.net.cn 1/6 30v n-channel mosfet general description features
symbol min typ max units bv dss 30 36 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 10 ua v gs(th) gate threshold voltage 1.3 1.85 2.4 v i d(on) 280 a 1.9 2.3 t j =125c 2.8 3.4 2.4 3 m w g fs 130 s v sd 0.67 1 v i s 85 a c iss 3450 4335 5210 pf c oss 500 720 950 pf c rss 260 435 610 pf r g 1 2 3 w q g (10v) 55 71 86 nc q g (4.5v) 25 33 40 nc q gs 10 nc q gd 16 nc t d(on) 10 ns t 6.5 ns electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions m w drain-source breakdown voltage i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a on state drain current v gs =4.5v, i d =20a forward transconductance i dss m a v ds =v gs i d =250 m a v ds =0v, v gs = 16v zero gate voltage drain current gate-body leakage current gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge r ds(on) static drain-source on-resistance diode forward voltage v =10v, v =15v, r =0.75 w , reverse transfer capacitance v gs =0v, v ds =15v, f=1mhz v gs =10v, v ds =15v, i d =20a gate source charge gate drain charge total gate charge i s =1a,v gs =0v v ds =5v, i d =20a switching parameters maximum body-diode continuous current g input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time t r 6.5 ns t d(off) 75.5 ns t f 17.5 ns t rr 29 35 ns q rr 13.5 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time turn-off fall time v gs =10v, v ds =15v, r l =0.75 w , r gen =3 w body diode reverse recovery charge i f =20a, di/dt=500a/ m s turn-off delaytime i f =20a, di/dt=500a/ m s turn-on rise time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design, and the maximu m temperature of 150 c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedence from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. www.freescale.net.cn 2/6 AON6404A 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 20 40 60 80 100 1 1.5 2 2.5 3 3.5 4 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 1 2 3 4 5 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 120 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2.5v 3v 4.5v 10v 3.5v 40 0 20 40 60 80 100 1 1.5 2 2.5 3 3.5 4 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 1 2 3 4 5 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 0 1 2 3 4 5 6 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =20a 25 c 125 c 0 20 40 60 80 100 120 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2.5v 3v 4.5v 10v 3.5v www.freescale.net.cn 3/6 AON6404A 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 1000 2000 3000 4000 5000 6000 0 5 10 15 20 25 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) c oss c rss v ds =15v i d =20a t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) t j(max) =150 c t c =25 c 100 m s 40 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 1000 2000 3000 4000 5000 6000 0 5 10 15 20 25 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) c oss c rss v ds =15v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) t j(max) =150 c t c =25 c 100 m s r q jc =1.5 c/w www.freescale.net.cn 4/6 AON6404A 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 20 40 60 80 100 0 25 50 75 100 125 150 power dissipation (w) t case (c) figure 13: power de-rating (note f) 0 20 40 60 80 100 0 25 50 75 100 125 150 current rating i d (a) t case (c) figure 14: current de-rating (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) t a =25 c 1 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (no te c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 20 40 60 80 100 0 25 50 75 100 125 150 power dissipation (w) t case (c) figure 13: power de-rating (note f) 0 20 40 60 80 100 0 25 50 75 100 125 150 current rating i d (a) t case (c) figure 14: current de-rating (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) t a =25 c r q ja =55 c/w 1 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (no te c) t a =25 c t a =150 c t a =100 c t a =125 c www.freescale.net.cn 5/6 AON6404A 30v n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AON6404A 30v n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AON6404A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X