Part Number Hot Search : 
T6322 39700 LX1664 FR201G05 E5020M C1212 MA40030 HCR4148D
Product Description
Full Text Search
 

To Download 87920-2003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0879202003 status: active overview: milligrid description: 2.54mm (.100") pitch c-grid? header, surface mount, dual row, vertical, 20 circuits, tin (sn) overall plating, with pick-and-place cap, without peg, tape on reel packaging, lead-free documents: 3d model product specification ps-87920-019 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family pcb headers series 87920 application board-to-board, wire-to-board overview milligrid product name c-grid? physical breakaway yes circuits (loaded) 20 circuits (maximum) 20 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none mated height (in) 0.230 in mated height (mm) 5.84 mm material - metal copper alloy material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator no pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 98 plating min: mating (m) 2.50 plating min: termination (in) 49 plating min: termination (m) 1.25 polarized to mating part no polarized to pcb no robotic placement pick and place cap series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87920 series mates with kk? pcb receptacles like 4455. sl? idt housings like 70430. kk? idt housings like 7720 and 70400a. c-grid? pcb receptacles like 90147 and 90148
shrouded no stackable no temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 3a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 3 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-89990-479 product specification ps-87920-019 sales drawing sd-87920-001 this document was generated on 05/26/2010 please check www.molex.com for latest part information















▲Up To Search▲   

 
Price & Availability of 87920-2003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X