Part Number Hot Search : 
TA1152A 2SD1816 EGA16 200A12N2 0KGKT 2SB113 F1005 BCX71G
Product Description
Full Text Search
 

To Download 3LP04SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3LP04SS no. a1214-1/4 features 1.5v drive. halogen free compliance. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit drain-to-source voltage v dss --30 v gate-to-source voltage v gss 10 v drain current (dc) i d --200 ma drain current (pulse) i dp pw 10 s, duty cycle 1% --800 ma allowable power dissipation p d when mounted on glass epoxy substrate (145mm ? 80mm ? 1.6mm) 0.15 w channel temperature tch 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit drain-to-source breakdown voltage v (br)dss i d =--1ma, v gs =0v --30 v zero-gate voltage drain current i dss v ds =--30v, v gs =0v --1 a gate-to-source leakage current i gss v gs = 8v, v ds =0v 10 a cutoff voltage v gs (off) v ds =--10v, i d =--100 a --0.4 --1.4 v forward transfer admittance ? yfs ? v ds =--10v, i d =--100ma 190 320 ms r ds (on)1 i d =--100ma, v gs =--4v 1.8 2.4 static drain-to-source on-state resistance r ds (on)2 i d =--50ma, v gs =--2.5v 2.4 3.4 r ds (on)3 i d =--10ma, v gs =--1.5v 4.5 9.0 input capacitance ciss v ds =--10v, f=1mhz 35 pf output capacitance coss v ds =--10v, f=1mhz 7.2 pf reverse transfer capacitance crss v ds =--10v, f=1mhz 2.1 pf marking : xw continued on next page. tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : ena1214 52808pe ti im tc-00001373 specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, av equipment, communication device, office equipment, industrial equipment etc.). the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. sanyo semiconductors data sheet 3LP04SS p-channel silicon mosfet general-purpose switching device applications
3LP04SS no. a1214-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit turn-on delay time t d (on) see specified test circuit. 75 ns rise time t r see specified test circuit. 170 ns turn-off delay time t d (off) see specified test circuit. 550 ns fall time t f see specified test circuit. 350 ns total gate charge qg v ds =--10v, v gs =--4v, i d =--200ma 0.58 nc gate-to-source charge qgs v ds =--10v, v gs =--4v, i d =--200ma 0.17 nc gate-to-drain ?iller?charge qgd v ds =--10v, v gs =--4v, i d =--200ma 0.12 nc diode forward voltage v sd i s =--200ma, v gs =0v --0.89 --1.2 v package dimensions switching time test circuit unit : mm (typ) 7029-003 0.6 0.25 0.2 0.07 0.07 1.4 0.45 1 3 2 0.3 0.3 1.4 0.8 0.1 2 3 1 top view bottom view 1 : gate 2 : source 3 : drain sanyo : ssfp pw=10 s d.c. 1% p. g 50 g s d i d = --100ma r l =150 rg v dd = --15v v out 3LP04SS v in 0v -- 4 v v in rg=5k i d -- v ds i d -- v gs drain-to-source voltage, v ds -- v drain current, i d -- m a gate-to-source voltage, v gs -- v drain current, i d -- m a it11698 it11699 --0.1 --0.5 0 0 0 --0.2 --0.3 --0.4 --0.5 --0.6 --0.7 --0.8 --0.9 --1.0 0 --100 --80 --60 --40 --20 --200 --180 --160 --140 --120 -- 8.0v -- 6.0v -- 5.0v -- 4.0v -- 2.5v -- 2.0v v gs = -- 1.5v --250 --200 --150 --100 --50 --300 --1.0 --1.5 --2.0 --2.5 --3.0 ta= --25 c -- 2 5 c 25 c 25 c ta= 75 c 75 c v ds = --10v
3LP04SS no. a1214-3/4 v gs -- qg sw time -- i d ciss, coss, crss -- v ds ? y fs ? -- i d i s -- v sd drain current, i d -- ma switching time, sw time -- ns drain current, i d -- ma forward transfer admittance, ? y fs ? -- ms diode forward voltage, v sd -- v source current, i s -- ma drain-to-source voltage, v ds -- v ciss, coss, crss -- pf total gate charge, qg -- nc gate-to-source voltage, v gs -- v 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 --4.0 --0.5 --1.0 --1.5 --2.0 --2.5 --3.0 --3.5 it11706 0 --30 --10 --15 --20 --25 -- 5 it11705 --10 --100 23 5 723 5 7 1.0 7 10 5 3 2 7 100 5 3 2 it11704 it11703 it11702 --1.0 100 10 --10 23 57 --100 22 357 357 --1000 7 5 3 2 1000 7 5 3 2 --0.8 --1.0 --0.6 --1.2 --1.4 --0.2 --0.4 0 --1.0 --100 --10 7 5 3 2 7 5 3 2 --1000 7 5 3 2 t f t r crss coss ciss v ds = --10v i d = --200ma v ds = --10v ta= --25 c 75 c 25 c 100 1000 7 5 7 5 3 2 2 v gs =0v f=1mhz 25 c --25 c ta= 75 c t d (off) t d (on) v ds = --15v v gs = --4v p d -- ta ambient temperature, ta -- c allowable power dissipation, p d -- w 0 0 20 40 0.04 0.02 0.06 0.08 0.10 0.12 0.16 0.14 0.15 60 80 100 120 140 160 it13695 when mounted on glass epoxy substrate (145mm ? 80mm ? 1.6mm) r ds (on) -- v gs r ds (on) -- ta static drain-to-source on-state resistance, r ds (on) -- gate-to-source voltage, v gs -- v static drain-to-source on-state resistance, r ds (on) -- ambient temperature, ta -- c it11700 it11701 -- 1 0 2 0 -- 2 -- 3 -- 4 -- 5 -- 6 -- 7 -- 8 4 6 8 9 1 3 5 7 10 ta=25 c --10ma --50ma i d = --100ma --40 --60 --20 0 20 40 60 80 100 120 160 140 1 0 2 3 4 5 6 7 v gs = --2.5v, i d = --50ma v gs = --1.5v, i d = --10ma v gs = -- 4.0v, i d = -- 100ma
3LP04SS no. a1214-4/4 sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party? intellectual property rights which has resulted from the use of the technical information and products mentioned above. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. note on usage : since the 3LP04SS is a mosfet product, please avoid using this device in the vicinity of highly charged objects. ps this catalog provides information as of may, 2008. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 3LP04SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X