Part Number Hot Search : 
MFM60 N0613 M8192A DTV64 KA2659D 45010 X323CS UM2103
Product Description
Full Text Search
 

To Download 1700003194 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial motherboards features ? supports intel ? core?2 duo mobile processor ufc-pga 478 dual channel ddr3 800/1066 mhz sdram and max. 4 gb dual channel ddr3 800/1066 mhz sdram ? intel gm45 and ich9m supports fsb 667/800/1066 mhz ? supports dual display for crt, lvds, and dvi ? pcie x16 expansion for add-on cards ? supports susiaccess and embedded software apis aimb-258 intel ? core?2 duo socket 479 mini-itx with crt/dvi/lvds, 6 com and dual lan specifcations processor system cpu (45 nm fc-pga 478) intel core 2 duo intel core 2 duo intel core 2 duo intel celeron m max. speed t9400 2.53 ghz p8600 2.4ghz p8400 2.26ghz 575 2.0 ghz front side bus 667/800/1066 mhz 1066 mhz 1066 mhz 667 l2 cache 6 mb 3 mb 3 mb 1 mb chipset gm45 + ich9m bios award 16 mbit, spi expansion slot pci - mini-pci - pcie x16 4 gb/s per direction, 1 slot (if pcie x16 is used, dvi is automatically disabled) memory technology ddr3 800/1066 mhz sdram max. capacity 4 gb socket 2 x 204-pin sodimm (non-ecc) graphics controller intel gm45 gmch integrated graphics media accelerator x4500 vram shared system memory up to 384 mb video memory lvds single channel 18/24-bit/dual channel 36/48-bit lvds tv-out - dvi yes (if dvi is used, pciex 16 is automatically disabled) dual display crt + dvi; crt + lvds; dvi + lvds ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111c; gbe lan2: realtek rtl8111c connector rj-45 x 2 sata max data transfer rate 300 mb/s channel 2 ssd compactflash supports compactflash type i/ii rear i/o crt 1 dvi 1 ethernet 2 usb 4 (usb 2.0 compliant) audio 3 (mic-in, line-in, line-out) serial 2 (1 of rs-232, 1 of rs-232/422/485) ps/2 2 (1 x keyboard and 1 x mouse) internal connector lvds 1 usb 4 (usb 2.0 compliant) serial 4 (rs-232) ide - sata 2 compactflash 1 parallel - irda - fdd - gpio 16-bit watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirements power on intel core?2 duo mobile processor t9400 2.53ghz, 4 gb ddr3 sdram 5 v 3.3 v 12 v 5 vsb -12 v 0.99 a 2.67 a 2.07 a 0.17 a 0.08 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f) -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 mm x 170 mm (6.69" x 6.69") utilities: software apis: watchdog h/w monitor smbus bios fash gpio brightness monitoring all product specifications are subject to change without notice last updated : 13-jun-2012
www.advantech.com/products online download block diagram ordering information display gbe sata serial cf aimb-258g2-00a1e crt/dvi/ lvds dual 2 6 1 packing list part number description quantity 1700003194 sata hdd cable 2 1700017461 sata power cable 2 1750000348 cpu cooler 1 1960019193t100 i/o port bracket 1 2006025810 startup manual 1 2066025800 driver cd 1 1701400181 cable kits for 4 serial ports 1 i/o view aimb-258 aimb-258g2-00a1e optional accessories part number description 1700003195 usb cable with two ports, 17.5 cm 1700002204 usb cable with two ports, 27 cm 1700008461 usb cable with four ports, 30.5 cm embedded os/api os/api part no. description win xpe 2070009518 image wes2009 aimb-258 v4.0 eng 2070009657 xpe wes2009 aimb-258 v4.0 cht 2070009658 xpe wes2009 aimb-258 v4.0 mui24 software api 205e000021 susi 3.0 sw api for aimb-258 xp intel gm45 gmch crt intel socket 478 core 2 duo processor bios nxp 9555 16-bit gpio super io winbond w83627uhg direct media interface 2 gb/s bandwidth ich9m 1066/800/667 mhz fsb crt pcie x16 ch7318 via sdvoc ddr3 800/1066 ddr3 800/1066 channel a channel b lvds dual channel 24-bit lvds gbe-lan1: realtek 8111c gbe-lan2: realtek 8111c spi dvi pcie x16 slot lpc 6 com, wdt, ps/2 sm bus jmb368 2 sata ports 8 usb ports realtek audio codec alc888 300mb/s pciex 1 cf ide pcie x1 pcie x1 usb 2.0/1.1 hd audio


▲Up To Search▲   

 
Price & Availability of 1700003194

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X