Part Number Hot Search : 
D401M8 SBL164 FDR858P 1N5348B GRM188R6 AK4309 106M16 LM239MX
Product Description
Full Text Search
 

To Download 04023U0R8BAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf/microwave c0g (np0) capacitors (rohs) ultra low esr, ?u? series, c0g (np0) chip capacitors 8 a b d d e c a b c a b d d e c a b d d e c general information u series capacitors are c0g (np0) chip capacitors spe - cially designed for ultra low esr for applications in the communications market. max esr and effective capacitance are met on each value producing lot to lot uniformity. sizes available are eia chip sizes 0402, 0603, 0805, and 1210. size a b c d e 0402 0.0390.004 (1.000.1) 0.0200.004 (0.500.1) 0.024 (0.6) max n/a n/a 0603 0.0600.010 (1.520.25) 0.0300.010 (0.760.25) 0.036 (0.91) max 0.0100.005 (0.250.13) 0.030 (0.76) min 0805 0.0790.008 (2.010.2) 0.0490.008 (1.250.2) 0.0400.005 (1.020.127) 0.0200.010 (0.510.255) 0.020 (0.51) min 1210 0.1260.008 (3.20.2) 0.0980.008 (2.490.2) 0.0500.005 (1.270.127) 0.0250.015 (0.6350.381) 0.040 (1.02) min electrical characteristics capacitance values and tolerances: size 0402 - 0.2 pf to 22 pf @ 1 mhz size 0603 - 1.0 pf to 100 pf @ 1 mhz size 0805 - 1.6 pf to 160 pf @ 1 mhz size 1210 - 2.4 pf to 1000 pf @ 1 mhz temperature coefficient of capacitance (tc): 030 ppm/c (-55 to +125c) insulation resistance (ir): 10 12 min. @ 25c and rated wvdc 10 11 min. @ 125c and rated wvdc working voltage (wvdc): size working voltage 0402 - 50, 25 wvdc 0603 - 200, 100, 50 wvdc 0805 - 200, 100 wvdc 1210 - 200, 100 wvdc dielectric working voltage (dwv): 250% of rated wvdc equivalent series resistance typical (esr): 0402 - see performance curve, page 9 0603 - see performance curve, page 9 0805 - see performance curve, page 9 1210 - see performance curve, page 9 marking: laser marking eia j marking standard (except 0603) (capacitance code and tolerance upon request). military specifications meets or exceeds the requirements of mil-c-55681 0805 case size 0402 0603 0805 1210 1 voltage code 3 = 25v 5 = 50v 1 = 100v 2 = 200v u dielectric = ultra low esr 100 capacitance j capacitance tolerance code b = 0.1pf c = 0.25pf d = 0.5pf f = 1% g = 2% j = 5% k = 10% m = 20% a failure rate code a = not applicable t termination t= plated ni and sn 2 packaging code a special code a = standard how to order eia capacitance code in pf. first two digits = significant figures or r for decimal place. third digit = number of zeros or after r sig- nificant figures. 2 = 7" reel 4 = 13" reel 9 = bulk dimensions: inches (millimeters) 0402 0603 0805 1210 inches (mm) note: contact factory for availability of termination and toler- ance options for specific part numbers. lead-free compatible component
rf/microwave c0g (np0) capacitors (rohs) ultra low esr, ?u? series, c0g (np0) chip capacitors 9 3.9 pf 4.7 pf 5.1 pf 6.8 pf 10.0 pf 15.0 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency? 0603 u series 10 pf 15 pf 3.3 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency? 0402 u series 10.0 pf 100 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency 0805 ??series 10 pf 100 pf 300 pf 1 0.1 0.01 0 500 1000 1500 2000 frequency (mhz) esr (ohms) typical esr vs. frequency 1210 ??series capacitance range ultra low esr, ?u? series esr measured on the boonton 34a available size cap (pf) tolerance 0402 0603 0805 1210 0.2 b,c 50v n/a n/a n/a 0.3 0.4 0.5 b,c 0.6 b,c,d 0.7 0.8 0.9 b,c,d available size cap (pf) tolerance 0402 0603 0805 1210 1.0 b,c,d 50v 200v 200v 200v 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 b,c,d 6.8 b,c,j,k,m available size cap (pf) tolerance 0402 0603 0805 1210 7.5 b,c,j,k,m 50v 200v 200v 200v 8.2 9.1 b,c,j,k,m 10 f,g,j,k,m 11 12 13 15 18 200v 20 100v 22 24 27 30 50v 33 n/a 36 39 43 47 51 56 68 75 82 91 available size cap (pf) tolerance 0402 0603 0805 1210 100 f,g,j,k,m n/a 100v 200v 200v 110 50v 120 50v 130 n/a 200v 140 100v 150 160 100v 180 n/a 200 220 270 300 330 360 390 430 200v 470 100v 510 560 620 680 750 820 910 1000 f,g,j,k,m                            lead-free compatible component
rf/microwave c0g (np0) capacitors ultra low esr, ?u? series, c0g (np0) chip capacitors typical series resonant frequency ?u? series chip 1210 0805 0603 0402 10 1.0 0.1 1.0 10 100 1000 capacitance (pf) frequency (ghz) 10
rf/microwave c0g (np0) capacitors (sn/pb) ultra low esr, ?u? series, c0g (np0) chip capacitors general information u series capacitors are c0g (np0) chip capacitors specially designed for ultra low esr for applications in the commu- nications market. max esr and effective capacitance are met on each value producing lot to lot uniformity. sizes available are eia chip sizes 0402, 0603, 0805, and 1210. size a b c d e 0402 0.0390.004 (1.000.1) 0.0200.004 (0.500.1) 0.024 (0.6) max n/a n/a 0603 0.0600.010 (1.520.25) 0.0300.010 (0.760.25) 0.036 (0.91) max 0.0100.005 (0.250.13) 0.030 (0.76) min 0805 0.0790.008 (2.010.2) 0.0490.008 (1.250.2) 0.0400.005 (1.020.127) 0.0200.010 (0.510.254) 0.020 (0.51) min 1210 0.1260.008 (3.20.2) 0.0980.008 (2.490.2) 0.0500.005 (1.270.127) 0.0250.015 (0.6350.381) 0.040 (1.02) min capacitance values and tolerances: size 0402 - 0.2 pf to 22 pf @ 1 mhz size 0603 - 1.0 pf to 100 pf @ 1 mhz size 0805 - 1.6 pf to 160 pf @ 1 mhz size 1210 - 2.4 pf to 1000 pf @ 1 mhz temperature coefficient of capacitance (tc): 030 ppm/c (-55 to +125c) insulation resistance (ir): 10 12 min. @ 25c and rated wvdc 10 11 min. @ 125c and rated wvdc working voltage (wvdc): size working voltage 0402 - 50, 25 wvdc 0603 - 200, 100, 50 wvdc 0805 - 200, 100 wvdc 1210 - 200, 100 wvdc dielectric working voltage (dwv): 250% of rated wvdc equivalent series resistance typical (esr): 0402 - see performance curve, page 12 0603 - see performance curve, page 12 0805 - see performance curve, page 12 1210 - see performance curve, page 12 marking: laser marking eia j marking standard (except 0603) (capacitance code and tolerance upon request). military specifications meets or exceeds the requirements of mil-c-55681 a b d d e c a b c a b d d e c a b d d e c ld05 case size ld02 = 0402 ld03 = 0603 ld05 = 0805 ld10 = 1210 1 voltage code 3 = 25v 5 = 50v 1 = 100v 2 = 200v u dielectric = ultra low esr 100 capacitance j capacitance tolerance code b = 0.1pf c = 0.25pf d = 0.5pf f = 1% g = 2% j = 5% k = 10% m = 20% a failure rate code a = not applica- ble b termination b = 5% min lead 2 packaging code 2 = 7" reel 4 = 13" reel 9 = bulk a special code a = standard how to order eia capacitance code in pf. first two digits = significant figures or r for decimal place. third digit = number of zeros or after r significant figures. dimensions: inches (millimeters) 0402 0603 0805 1210 inches (mm) electrical characteristics 11 not rohs compliant
ultra low esr, ?u? series 3.9 pf 4.7 pf 5.1 pf 6.8 pf 10.0 pf 15.0 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency? 0603 u series 10 pf 15 pf 3.3 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency? 0402 u series 10.0 pf 100 pf 1 0.1 0.01 0 500 1000 1500 2000 2500 frequency (mhz) esr (ohms) typical esr vs. frequency 0805 ??series 10 pf 100 pf 300 pf 1 0.1 0.01 0 500 1000 1500 2000 frequency (mhz) esr (ohms) typical esr vs. frequency 1210 ??series esr measured on the boonton 34a         rf/microwave c0g (np0) capacitors (sn/pb) ultra low esr, ?u? series, c0g (np0) chip capacitors capacitance range available size cap (pf) tolerance ld02 ld03 ld05 ld10 0.2 b,c 50v n/a n/a n/a 0.3 0.4 0.5 b,c 0.6 b,c,d 0.7 0.8 0.9 b,c,d available size cap (pf) tolerance ld02 ld03 ld05 ld10 1.0 b,c,d 50v 200v 200v 200v 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 b,c,d 6.8 b,c,j,k,m available size cap (pf) tolerance ld02 ld03 ld05 ld10 7.5 b,c,j,k,m 50v 200v 200v 200v 8.2 9.1 b,c,j,k,m 10 f,g,j,k,m 11 12 13 15 18 200v 20 100v 22 24 27 30 50v 33 n/a 36 39 43 47 51 56 68 75 82 91 available size cap (pf) tolerance ld02 ld03 ld05 ld10 100 f,g,j,k,m n/a 100v 200v 200v 110 50v 120 50v 130 n/a 200v 140 100v 150 160 100v 180 n/a 200 220 270 300 330 360 390 430 200v 470 100v 510 560 620 680 750 820 910 1000 f,g,j,k,m                            12
?u? series kits designer kits communication kits ?u? series 0402 kit 4000 uz cap. cap. value tolerance value tolerance pf pf 1.0 6.8 1.2 7.5 b (0.1pf) 1.5 8.2 1.8 10.0 2.0 12.0 2.4 b (0.1pf) 15.0 2.7 18.0 3.0 22.0 j (5%) 3.3 27.0 3.9 33.0 4.7 39.0 5.6 47.0 ***25 each of 24 values ***25 each of 15 values kit 5000 uz cap. cap. value tolerance value tolerance pf pf 0.5 4.7 1.0 5.6 b (0.1pf) 1.5 6.8 1.8 b (0.1pf) 8.2 2.2 10.0 2.4 12.0 j (5%) 3.0 15.0 3.6 0805 ***25 each of 30 values kit 3000 uz cap. cap. value tolerance value tolerance pf pf 1.0 15.0 1.5 18.0 2.2 22.0 2.4 24.0 2.7 27.0 3.0 33.0 3.3 b (0.1pf) 36.0 3.9 39.0 j (5%) 4.7 47.0 5.6 56.0 7.5 68.0 8.2 82.0 9.1 100.0 10.0 j (5%) 130.0 12.0 160.0 1210 ***25 each of 30 values kit 3500 uz cap. cap. value tolerance value tolerance pf pf 2.2 36.0 2.7 39.0 4.7 47.0 5.1 b (0.1pf) 51.0 6.8 56.0 8.2 68.0 9.1 82.0 10.0 100.0 j (5%) 13.0 120.0 15.0 130.0 18.0 j (5%) 240.0 20.0 300.0 24.0 390.0 27.0 470.0 30.0 680.0 13 0603


▲Up To Search▲   

 
Price & Availability of 04023U0R8BAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X