Part Number Hot Search : 
64BDK07G ND1391 WM8781 ADP1101 AK9822M EPR1205G ZPY110 NKA0315D
Product Description
Full Text Search
 

To Download 0353010250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0353010250 status: active description: 2.50mm (.098") pitch spox? wire-to-board header, vertical, shrouded, tube packaged version of 5267, 2 circuits, tin (sn) plating, with swaged pc tails documents: 3d model product specification ps-35301-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 35301 application wire-to-board product name spox? physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.098 in pitch - mating interface (mm) 2.50 mm plating min: mating (in) 160 plating min: mating (m) 4 plating min: termination (in) 160 plating min: termination (m) 4 polarized to mating part yes polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35301 series mates with 5264 spox? wire-to-board crimp housing. 42219 spox? idt receptacle housing
current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers product specification ps-35301-001 sales drawing sd-35301-001, sd-35301-012 this document was generated on 04/13/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0353010250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X