Part Number Hot Search : 
TDA8705 2SC1757 ER10B1 P125T LN66A L74VHC1G 00M35V5 9224ET
Product Description
Full Text Search
 

To Download ZVP2106G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot223 p-channel enhancement mode vertical dmos fet issue 3 ? march 96 features *60 volt v ds *r ds(on) =5 w partmarking detail: - zvp2106 complementary type: - zvn2106g absolute maximum ratings. parameter symbol value unit drain-source voltage v ds -60 v continuous drain current at t amb =25c i d -450 ma pulsed drain current i dm -4 a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 2w operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss -60 v i d =-1ma, v gs =0v gate-source threshold voltage v gs(th) -1.5 -3.5 v i d =-1ma, v ds = v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss -0.5 -100 m a m a v ds =-60 v, v gs =0 v ds =-48 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) -1 a v ds =-18 v, v gs =-10v static drain-source on-state resistance (1) r ds(on) 5 w v gs =-10v,i d =-500ma forward transconductance (1)(2) g fs 150 ms v ds =-18v,i d =-500ma input capacitance (2) c iss 100 pf common source output capacitance (2) c oss 60 pf v ds =-18v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 20 pf turn-on delay time (2)(3) t d(on) 7ns v dd ? -18v, i d =-500ma rise time (2)(3) t r 15 ns turn-off delay time (2)(3) t d(off) 12 ns fall time (2)(3) t f 15 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator ZVP2106G 3 - 426 typical characteristics output characteristics v ds - drain source voltage (volts) i d( o n ) - on- sta te dr ain cur r e n t ( am ps) transfer characteristics normalised r ds(on) and v gs(th) vs temperature normalised r d s ( o n) a nd v g s (th) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 dr ai n - s o u rc e r e s i s ta n c e r ds( o n ) g ate t h res h o l d v o l t ag e v gs ( t h) i d=- 0.5a 0-2 -4-6-8-10 0 -10 -20 -30 -40 -50 saturation characteristics v ds- drain source voltage (volts) voltage saturation characteristics v gs- gate source voltage (volts) -10v i d( o n ) - on-state drain current (amps) v gs- gate source voltage (volts) v gs= -10v i d= -1ma v gs= v ds -3.5 -3.0 -2.0 -0.5 0 -1.0 -2.5 -1.5 2.6 180 v gs= -20v -14v -5v -6v -7v -4v -3.5v -8v v gs = -18v i d(o n ) -on-state drain current (amps) v ds - drain source voltage (volts) on-resistance v drain current i d -drain current (amps) r ds(on) -drain source resistance ( w ) -0.1 -1.0 10 5 -2.0 -12v -6v -4v 0 -2 -4 -6 -8 -10 1 -10v -9v -8v -7v -5v -9v 0 -0.6 -0.4 -0.2 -0.8 -1.6 -1.4 -1.2 -1.0 -1.8 -2.0 0 -10 -6 -2 -4 -8 0-2 -4 -6 -8 -10 i d= -1a -0.5a -0.25a -0.8 -0.6 -0.2 -0.4 v ds= -10v -1.6 -1.4 -1.0 -1.2 -6v -7v v gs =-5v -8v -10v -9v t j -junction temperature (c) ZVP2106G 3 - 427 d d s g
sot223 p-channel enhancement mode vertical dmos fet issue 3 ? march 96 features *60 volt v ds *r ds(on) =5 w partmarking detail: - zvp2106 complementary type: - zvn2106g absolute maximum ratings. parameter symbol value unit drain-source voltage v ds -60 v continuous drain current at t amb =25c i d -450 ma pulsed drain current i dm -4 a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 2w operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss -60 v i d =-1ma, v gs =0v gate-source threshold voltage v gs(th) -1.5 -3.5 v i d =-1ma, v ds = v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss -0.5 -100 m a m a v ds =-60 v, v gs =0 v ds =-48 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) -1 a v ds =-18 v, v gs =-10v static drain-source on-state resistance (1) r ds(on) 5 w v gs =-10v,i d =-500ma forward transconductance (1)(2) g fs 150 ms v ds =-18v,i d =-500ma input capacitance (2) c iss 100 pf common source output capacitance (2) c oss 60 pf v ds =-18v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 20 pf turn-on delay time (2)(3) t d(on) 7ns v dd ? -18v, i d =-500ma rise time (2)(3) t r 15 ns turn-off delay time (2)(3) t d(off) 12 ns fall time (2)(3) t f 15 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. (3) switching times measured with 50 w source impedance and <5ns rise time on a pulse generator ZVP2106G 3 - 426 typical characteristics output characteristics v ds - drain source voltage (volts) i d( o n ) - on- sta te dr ain cur r e n t ( am ps) transfer characteristics normalised r ds(on) and v gs(th) vs temperature normalised r d s ( o n) a nd v g s (th) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 dr ai n - s o u rc e r e s i s ta n c e r ds( o n ) g ate t h res h o l d v o l t ag e v gs ( t h) i d=- 0.5a 0-2 -4-6-8-10 0 -10 -20 -30 -40 -50 saturation characteristics v ds- drain source voltage (volts) voltage saturation characteristics v gs- gate source voltage (volts) -10v i d( o n ) - on-state drain current (amps) v gs- gate source voltage (volts) v gs= -10v i d= -1ma v gs= v ds -3.5 -3.0 -2.0 -0.5 0 -1.0 -2.5 -1.5 2.6 180 v gs= -20v -14v -5v -6v -7v -4v -3.5v -8v v gs = -18v i d(o n ) -on-state drain current (amps) v ds - drain source voltage (volts) on-resistance v drain current i d -drain current (amps) r ds(on) -drain source resistance ( w ) -0.1 -1.0 10 5 -2.0 -12v -6v -4v 0 -2 -4 -6 -8 -10 1 -10v -9v -8v -7v -5v -9v 0 -0.6 -0.4 -0.2 -0.8 -1.6 -1.4 -1.2 -1.0 -1.8 -2.0 0 -10 -6 -2 -4 -8 0-2 -4 -6 -8 -10 i d= -1a -0.5a -0.25a -0.8 -0.6 -0.2 -0.4 v ds= -10v -1.6 -1.4 -1.0 -1.2 -6v -7v v gs =-5v -8v -10v -9v t j -junction temperature (c) ZVP2106G 3 - 427 d d s g
typical characteristics transconductance v drain current i d - drain current (amps ) g fs - t ra n sc o ndu c t a nce (ms) 0 q-charge (nc) transconductance v gate-source voltage v gs -gate source voltage (volts) g f s -t rans c o n ductance (ms) 0-10-20-30 v ds -drain source voltage (volts) capacitance v drain-source voltage c-capacitance (pf) c oss v g s - gate sou r ce v oltag e ( v o lts ) gate charge v gate-source voltage -6 -8 -10 -14 -16 -12 -4 -2 0 v ds = -20v -30v -50v -40 -50 0.2 0.4 0.6 0.8 1.0 1.2 40 20 0 60 c iss c rss 80 100 1.4 1.6 1.8 2.0 2.2 2.4 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 v ds= -10v 200 150 100 50 250 300 0 -2 -4-6-8-10 0 v ds= -10v 200 150 100 50 250 300 ZVP2106G 3 - 428


▲Up To Search▲   

 
Price & Availability of ZVP2106G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X