Part Number Hot Search : 
ADUM5400 AZF510AV LTC7545 B400012 S15VB60 2SC327 G4BC30F BBY6507
Product Description
Full Text Search
 

To Download ZVN2106A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n-channel enhancement mode vertical dmos fet issue 2 C march 94 features * 60 volt v ds *r ds(on) =2 w absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 60 v continuous drain current at t amb =25c i d 450 ma pulsed drain current i dm 8a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 60 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.8 2.4 v id=1ma, v ds = v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 500 100 na m a v ds =60 v, v gs =0 v ds =48 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 2av ds =18v, v gs =10v static drain-source on-state resistance (1) r ds(on) 2 w v gs =10v,i d =1a forward transconductance (1)(2) g fs 300 ms v ds =18v,i d =1a input capacitance (2) c iss 75 pf common source output capacitance (2) c oss 45 pf v ds =18 v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 20 pf e-line to92 compatible ZVN2106A 3-361 d g s typical characteristics v ds - drain source voltage (volts) i d( o n ) -on-s t ate drain curren t (amps) 01 2 3 4 5 saturation characteristics 5v v gs= 10v 7v 8v 6v 4v 3v 0 02 46810 1.6 1.2 1.4 1.8 2.0 v ds- drain source voltage (volts) voltage saturation characteristics v gs- gate source voltage (volts) i d= 1a 0.5a 0.25a 9v on-resistance v gate-source voltage v gs -gate source voltage (volts) r ds(on) -drain source on-resistance ( w ) 1234567891020 i d= 1a 0.5a 0.25a 0.1 1 10 normalised r ds(on) and v gs(th) vs temperature normalis e d r ds( o n) a n d v gs(th) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 drai n - s o u rc e r es i s ta n c e r d s( o n ) g ate t h res h o l d v o l t ag e v gs( th ) t j -junction temperature (c) 0.4 -80 -60 0 4 3 1 2 0.6 0.2 0.4 0.8 1.0 transfer characteristics i d( o n ) -on-s t ate drain curren t (a m ps) v gs- gate source voltage (volts) 012345678910 v ds= 10v 2 0 4 3 1 i d= 1a v gs= 10v i d= 1ma v gs= v ds transconductance v drain current i d - drain current (amps ) g fs - t r an sc o nd ucta nce (s) 01 2 3 4 5 0.7 0.6 0.4 0.1 0 0.2 0.5 0.3 v ds= 10v ZVN2106A 3-362
n-channel enhancement mode vertical dmos fet issue 2 C march 94 features * 60 volt v ds *r ds(on) =2 w absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 60 v continuous drain current at t amb =25c i d 450 ma pulsed drain current i dm 8a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 60 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.8 2.4 v id=1ma, v ds = v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 500 100 na m a v ds =60 v, v gs =0 v ds =48 v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 2av ds =18v, v gs =10v static drain-source on-state resistance (1) r ds(on) 2 w v gs =10v,i d =1a forward transconductance (1)(2) g fs 300 ms v ds =18v,i d =1a input capacitance (2) c iss 75 pf common source output capacitance (2) c oss 45 pf v ds =18 v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 20 pf e-line to92 compatible ZVN2106A 3-361 d g s typical characteristics v ds - drain source voltage (volts) i d( o n ) -on-s t ate drain curren t (amps) 01 2 3 4 5 saturation characteristics 5v v gs= 10v 7v 8v 6v 4v 3v 0 02 46810 1.6 1.2 1.4 1.8 2.0 v ds- drain source voltage (volts) voltage saturation characteristics v gs- gate source voltage (volts) i d= 1a 0.5a 0.25a 9v on-resistance v gate-source voltage v gs -gate source voltage (volts) r ds(on) -drain source on-resistance ( w ) 1234567891020 i d= 1a 0.5a 0.25a 0.1 1 10 normalised r ds(on) and v gs(th) vs temperature normalis e d r ds( o n) a n d v gs(th) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 drai n - s o u rc e r es i s ta n c e r d s( o n ) g ate t h res h o l d v o l t ag e v gs( th ) t j -junction temperature (c) 0.4 -80 -60 0 4 3 1 2 0.6 0.2 0.4 0.8 1.0 transfer characteristics i d( o n ) -on-s t ate drain curren t (a m ps) v gs- gate source voltage (volts) 012345678910 v ds= 10v 2 0 4 3 1 i d= 1a v gs= 10v i d= 1ma v gs= v ds transconductance v drain current i d - drain current (amps ) g fs - t r an sc o nd ucta nce (s) 01 2 3 4 5 0.7 0.6 0.4 0.1 0 0.2 0.5 0.3 v ds= 10v ZVN2106A 3-362
typical characteristics g f s -t ransconductance (s) transconductance v gate-source voltage v gs -gate source voltage (volts) q-charge (nc) v gs - gate so ur ce v o l ta ge ( v olts) gate charge v gate-source voltage 0 10 8 6 2 0 4 12 14 16 v dd = 20v i d= 3a 30v 50v 0.5 1.0 1.5 2.0 2.5 02 468 10 0.7 0.6 0.4 0.1 0 0.2 0.5 0.3 v ds= 10v v ds -drain source voltage (volts) capacitance v drain-source voltage c- ca pa c ita nce ( pf) c oss c iss c rss 0 10 20 30 40 50 60 40 20 80 100 3.0 ZVN2106A 3-363


▲Up To Search▲   

 
Price & Availability of ZVN2106A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X