Part Number Hot Search : 
A1212 HIRF840 2A103K MJF3055G MUR820 1N3064 W42180 K1906
Product Description
Full Text Search
 

To Download SW30N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright@ semipower electronic technology co., ltd. all rights reserved. features high ruggedness r ds( on ) (max 0.036 ? )@v gs =10v gate charge ( typ 20 nc) improved dv/dt capability 100% avalanche tested general description these n - channel enhancement mode power field effect transistors are produced using samwins proprietary, planar stripe, dmos technology. this advanced technology enable power mosfet to have better characteristics, such as fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics. these devices are widely used in ac - dc power suppliers, dc - dc converters and h - bridge pwm motor drivers n - channel mosfet absolute maximum ratings symbol parameter value unit v dss drain to source voltage 60 v i d continuous drain current (@t c =25 o c) 30 a continuous drain current (@t c =100 o c) 14 a i dm drain current pulsed (note 1) 120 a v gs gate to source voltage 20 v e as single pulsed avalanche energy (note 2) 178 mj e ar repetitive avalanche energy (note 1) 4.0 mj dv/dt peak diode recovery dv/dt (note 3) 7.0 v/ns p d total power dissipation (@t c =25 o c) 44 w derating factor above 25 o c 0.57 w/ o c t stg , t j operating junction temperature & storage temperature - 55 ~ + 150 o c t l maximum lead temperature for soldering purpose, 1/8 from case for 5 seconds. 300 o c thermal characteristics symbol parameter value unit min. typ. max. r thjc thermal resistance, junction to case 2.85 o c/w r thcs thermal resistance, case to sink 50 o c/w r thja thermal resistance, junction to ambient 110 o c /w may. 2011. rev. 3.0 1/7 bv dss : 60v i d : 30a r ds(on) : 0.036 ohm 1 2 3 1. gate 2. drain 3. source 1 2 3 1 2 3 to - 251 to - 252 SW30N06 samwin item sales type marking package packaging 1 sw p 30n06 SW30N06 to - 220 tube 2 sw i 30n06 SW30N06 to - 251 tube 3 sw d 30n06 SW30N06 to - 252 reel order codes to - 220 1 2 3 www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. electrical characteristic ( t c = 25 o c unless otherwise specified ) symbol parameter test conditions min. typ. max. unit off characteristics bv dss drain to source breakdown voltage v gs =0v, i d =250ua 60 - - v bv dss / t j breakdown voltage temperature coefficient i d =250ua, referenced to 25 o c - 0.06 - v/ o c i dss drain to source leakage current v ds =60v, v gs =0v - - 1 ua v ds =48v, t c =125 o c - - 50 ua i gss gate to source leakage current, forward v gs =20v, v ds =0v - - 100 na v gs = - 20v, v ds =0v - - - 100 na gate to source leakage current, reverse on characteristics v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2.0 - 4.0 v r ds(on) drain to source on state resistance v gs =10v, i d = 15a 0.027 0.036 ? dynamic characteristics c iss input capacitance v gs =0v, v ds =25v, f=1mhz 580 760 pf c oss output capacitance 220 280 c rss reverse transfer capacitance 60 80 t d(on) turn on delay time v ds =30v, i d =15a, r g =25? 9 ns tr rising time 65 t d(off) turn off delay time 40 t f fall time 37 q g total gate charge v ds =48v, v gs =10v, i d =30a 20 26 nc q gs gate - source charge 5 - q gd gate - drain charge 10 - source to drain diode ratings characteristics symbol parameter test conditions min. typ. max. unit i s continuous source current integral reverse p - n junction diode in the mosfet - - 30 a i sm pulsed source current - - 120 a v sd diode forward voltage drop. i s =30a, v gs =0v - - 1.4 v t rr reverse recovery time i s =30a, v gs =0v, di f /dt=100a/us - 44 - ns q rr breakdown voltage temperature - 62 - uc . notes 1. repeatitive rating : pulse width limited by junction temperature. 2. l = 360uh, i as = 30.0a, v dd = 25v, r g =25?, starting t j = 25 o c 3. i sd 30.0a, di/dt = 300a/us, v dd bv dss , staring t j =25 o c 4. pulse test : pulse width 300us, duty cycle 2% 5. essentially independent of operating temperature. samwin 2/7 SW30N06 www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 1. on - state characteristics fig. 2. transfer characteristics fig. 3. on - resistance variation vs. drain current and gate voltage fig. 5. capacitance characteristics (non - repetitive) fig. 6. gate charge characteristics fig. 4. on state current vs. diode forward voltage 3/7 samwin SW30N06 10 -1 10 0 10 1 10 0 10 1 10 2 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v bottom : 5.0 v *. notes : 1. 250us pulse test 2. t c = 25 o c i d , drain current [a] v ds , drain-source voltage [v] 2 4 6 8 10 10 0 10 1 10 2 175 o c 25 o c -55 o c *. notes : 1. v ds =v gs 2. 250us pulse test i d , drain current [a] v gs , gate-source voltage [v] 0 20 40 60 80 100 120 140 0 20 40 60 80 100 v gs = 20v v gs = 10v *. note : t j = 25 o c r ds(on) , d r a i n - s o u r c e o n - r e s i s t a n c e [ m ? ] i d , drain current [a] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 0 10 1 10 2 175 o c *. notes : 1. v gs = 0v 2. 250us pulse test 25 o c i dr , reverse drain current[a] v sd , source-drain voltage[v] 0 5 10 15 20 25 30 35 0 500 1000 1500 c rss c oss c iss *. notes : 1. v gs = 0v 2. f=1mhz c iss =c gs +c gd (c ds =shorted) c oss =c ds +c gd c rss =c gd capacitance [pf] v ds , drain-source voltage [v] 0 5 10 15 20 25 0 2 4 6 8 10 12 v ds = 30v v ds = 48v *. note : i d = 30.0 a v gs , gate-source voltage [v] q g , total gate charge [nc] www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 9. maximum drain current vs. case temperature. fig. 8. on resistance variation vs. junction temperature fig. 10. maximum safe operating area fig. 11. transient thermal response curve fig 7. breakdown voltage variation vs. junction temperature samwin 4/7 SW30N06 -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 *. notes : 1. v gs = 0 v 2. i d = 250 ua bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 *. notes : 1. v gs = 10 v 2. i d = 15 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 -1 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 3 100us dc 10 ms 1 ms operation in this area is limited by r ds(on) *. notes : 1. t c = 25 o c 2. t j = 175 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 25 50 75 100 125 150 175 0 5 10 15 20 25 30 35 i d' drain current [a] t c' case temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 *. notes : 1. z jc (t) = 1.78 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square wave pulse duration [sec] t 1 t 2 www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. v ds same type as dut dut v gs 1ma q g q gs q gd v gs charge v dd dut v ds r l r g 10v in 10% v ds v in 90% 10% t d(on) t r t on t d(off) t off t f v dd dut v ds l r g 10v in i as t p time i d(t) bv dss i as v ds(t) eas = l x i as 2 x bv dss - v dd bv dss 2 1 fig. 12. gate charge test circuit & waveform fig. 13. switching time test circuit & waveform fig. 14. unclamped inductive switching test circuit & waveform 5/7 samwin SW30N06 www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. fig. 15. peak diode recovery dv/dt test circuit & waveform v dd same type as dut v ds l r g 10v gs i s + - v ds dut *. dv/dt controlled by rg *. is controlled by pulse period v gs (driver) i s (dut) v ds (dut) body diode forward voltage drop v f diode recovery dv/dt i rm di/dt 10v diode reverse current v dd samwin 6/7 SW30N06 www.datasheet.co.kr datasheet pdf - http://www..net/
copyright@ semipower electronic technology co., ltd. all rights reserved. samwin revision history revision no. changed characteristics responsible date issuer rev 1.0 origination, first release alice nie 2007.12.05 xzq rev 2.0 updated the format of datasheet and added order codes. alice nie 2011.03.24 xzq rev 3.0 added to - 220 package spec alice nie 2011.05.05 xzq ????? ? ? 25 ? mf6 029 - 88253717 029 - 88251977 ????? ??? a 2005 0755 - 83981818 0755 - 83476838 www.semipower.com.cn 7/7 SW30N06 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of SW30N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X