www.adata-group.com adata premier pro SP600 solid state drive features > mtbf: 1,000,000 hrs > with 128mb dram cache buffer > trim support (requires compatible os) > ncq support > self-monitoring, analysis and reporting technology (s.m.a.r.t.) support > backwards compatible with sata ii > 3.5? desktop conversion bracket > acronis true image hd, disk migration utility > os compatibility: windows 8 / 7 / windows xp / windows vista / mac os x / linux specifications SP600 32gb/64gb/128gb 2.5 inch multi-level cell (mlc) nand flash memory jmicron jmf661 100 x 69.85 x 9.5mm (l x w x h) 76g sata 6gb/s as ssd: sequential read: 360 mb/sec sequential write: 130 mb/sec 0.7w idle/1.5w active 0 c - 70 c -40 c - 85 c 1500g 1,000,000 hours up to 40 bits correctable per 1k-byte sector (bch) *varies depending on exact configuration 10% to 90% rh (0 to 40c) 5% to 90% rh (-10 to 40c) 12000m ce / fcc / vcci / bsmi 3 years io meter: iops: 40k (maximum 4kb random read) iops: 30k (maximum 4kb random write) product model capacity form factor nand flash controller dimensions weight interface performance(max) power consumption operating temperature storage temperature shock resistance mtbf ecc recovery operating humidity storing humidity max operating altitude certifications warranty
www.adata-group.com ordering information product: premier pro SP600 adata part no. capacity 32gb 64gb 128gb aSP600s3-32gm-c aSP600s3-64gm-c aSP600s3-128gm-c ean code 4713435795880 4713435795897 4713435795903 packaging information dimensions type weight SP600 152g 130 x 138 x 25mm pcs/carton 40 cuft 1.4 carton gross weight 7.5 carton dimensions 346 x 355 x 300mm performance *test system: gigabyte ga-z68ap-d3, intel i3 2100k, 4gb ddr3 ram, windows 7 professional version up to 47 up to 75 up to 130 up to 250 up to 360 up to 360 32gb 64gb 128gb capacity sequential write as ssd (mb/sec) sequential read as ssd (mb/sec) 105 150 160 40 65 105 4k random read as ssd (mb/sec) 4k random write as ssd (mb/sec) adata premier pro SP600 solid state drive 9.5 14 14 90.6 90.6 61.71 3 69.85 0.25 100 0.25 dimensional drawings
|