Part Number Hot Search : 
KS0666 227M00 91000 227M00 1020C MTL005 MC10E451 C1510
Product Description
Full Text Search
 

To Download SMA512701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  142 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) r ds(on) -t c characteristics (typical) characteristic curves sma5127 (t a =25 c) symbol unit v dss 60 C 60 v v gss 20 20 v i d 4 C 4a i d(pulse) 8 (pw 1ms, duty 1%) C 8 (pw 1ms, duty 1%) a 4 (ta=25 c, with all circuits operating, without heatsink) w 28 (tc=25 c,with all circuits operating, with infinite heatsink) w j-a 31.25 (junction-air, ta=25 c, with all circuits operating) c/w j-c 4.46 (junction-case, tc=25 c, with all circuits operating) c/w tch 150 c tstg C 40 to +150 c p t ratings n channel p channel n-channel + p-channel 3-phase motor drive external dimensions b ? ? ? sma absolute maximum ratings  equivalent circuit diagram 2 4 3 8 6 5 7 9 11 12 10 1 pch nch 8 6 2 4 0 0246810 v ds (v) i d (a) 3.5v 4.0v 4.5v 10v v gs =3.0v (t a =25 c) 0 C 10 C 8 C 6 v ds (v) i d (a) C 2 C 6 C 4 C 8 C 2 0 C 4 C 3.2v C 3.6v C 4.0v C 4.5v C 10v v gs = C 2.7v (t a =25 c) 0.5 0.6 0.4 0.3 0.2 0.1 0 02 167 5 4 38 i d (a) r ds (on) ( ? ) (t a =25 c) v g s =4v 10v 0 0 C 2 0.2 0.4 0.5 0.6 i d (a) r ds (on) ( ? ) C 4 C 6 C 8 0.3 0.1 (t a =25 c) v gs = C 4v C 10v C 40 0.2 C 25 50 25 0 100 125 75 150 0.4 0.3 0.6 0.5 0.8 0.7 t a ( c) i d =2a v gs =4v r ds (on) ( ? ) i d (a) v gs (v) 0 C 7 C 2 C 1 C 3 C 4 C 5 C 6 C 8 C 6 0 C 2 C 4 (v ds = C 10v) t c = C 40 c 25 c 125 c i d (a) v gs (v) 067 3 2 145 0 1 2 3 4 5 6 7 8 (v ds =10v) 25 c 125 c t a = C 40 c C 40 0.2 0 0.4 0.6 0.7 0.8 t a ( c) r ds (on) ( ? ) 50 100 150 C 25 25 75 125 0.5 0.3 i d = C 2a v gs = C 10v
143 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch re (yfs) -i d characteristics (typical) safe operating area (soa) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) p t -t a characteristics characteristic curves sma5127 electrical characteristics (t a =25 c) n channel p channel symbol specification unit conditions specification unit conditions min typ max min typ max v (br)dss 60 v i d =100 a, v gs =0v C 60 v i d = C 100 a, v gs =0v i gss 10 av gs = 20v 10 av gs = 20v i dss 100 av ds =60v, v gs =0v C 100 av ds = C 60v, v gs =0v v th 1.0 2.0 v v ds =10v, i d =250 a C 1.0 C 2.0 v v ds = C 10v, i d = C 250 a re (yfs) 2.5 s v ds =10v, i d =2a 3 s v ds = C 10v, i d = C 2a r ds(on) 0.55 ? v gs =4v, i d =2a 0.55 ? v gs = C 10v, i d = C 2a ciss 150 pf v ds =10v 320 pf v ds = C 10v, coss 70 pf f=1.0mhz 130 pf f=1.0mhz, crss 15 pf v gs =0v 40 pf v gs =0v td (on) 12 ns i d =2a, v dd 20v, 20 ns i d = C 2a, v dd C 20v, t r 40 ns r l =10 ? , v gs =5v, 95 ns r l =10 ? , v gs = C 5v, td (off) 40 ns 70 ns t f 25 ns see fig.3 on page 16. 60 ns see fig.4 on page 16. v sd 1.2 v i sd =4a, v gs =0v C 1.1 v i sd = C 4a, v gs =0v t rr 75 ns i sd =2a, v gs =0v, 75 ns i sd = C 2a, v gs =0v, di/dt=100a/ s di/dt=100a/ s 0.1 0.1 1 5 i d (a) re (yfs) (s) 18 0.01 25 c 125 c t c = C 40 c (v ds =10v) 1 0.1 10 100 1 10 i d (a) v ds (v) 100 s 1m s r ds (on) limited 10ms (tc=25 c) 25 30 20 15 10 5 0 without heatsink w ith infinite heatsink 0 50 100 150 t a ( c) p t (w) with silicon grease natural cooling all circuits operating C 20 v ds (v) v gs (v) C 2 C 5 C 4 C 3 0 C 2 C 1 C 10 (ta=25 c) 21020 1 0 4 5 v ds (v) v gs (v) 2 3 i d =4a 2a (t a =25 c) C 1 C 0.1 C 10 C 100 C 1 C 10 i d (a) v ds (v) 100 s 1ms 10ms r ds (on) limited (tc=25 c) 0.1 C 0.05 C 0.1 C 1 1 5 i d (a) re (yfs) (s) C 8 (v ds = C 10v) t a = C 40 c 25 c 125 c 0 C 10 C 20 C 30 C 40 C 50 10 5 100 1000 v ds (v) capacitance (pf) v gs =80v f=1mhz (t a =25 c) ciss coss crss 0 1020 304050 5 100 1000 v ds (v) capacitance (pf) 10 ciss coss crss v gs =0v f=1mhz (t a =25 c) npn pnp v ds -v gs characteristics (typical)


▲Up To Search▲   

 
Price & Availability of SMA512701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X