Part Number Hot Search : 
ADA4666 CD3313 50SQ060 P7N50 NTE2944 6N100 A1126 SM4933
Product Description
Full Text Search
 

To Download SMA5125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  144 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) r ds(on) -t c characteristics (typical) characteristic curves SMA5125 (t a =25 c) symbol unit v dss 60 C 60 v v gss 20 20 v i d 10 C 10 a i d(pulse) 15 (pw 1ms, duty 25%) C 15 (pw 1ms, duty 25%) a 4 (ta=25 c, with all circuits operating, without heatsink) w 30 (tc=25 c,with all circuits operating, with infinite heatsink) w j-a 31.25 (junction-air, ta=25 c, with all circuits operating) c/w j-c 4.166 (junction-case, tc=25 c, with all circuits operating) c/w tch 150 c tstg C 40 to +150 c p t ratings n channel p channel n-channel + p-channel 3-phase motor drive external dimensions b ??? sma absolute maximum ratings  equivalent circuit diagram 0246810 v ds (v) 2 4 6 8 10 12 14 15 0 i d (a) 3.0v 3.3v 3.5v 10v 4.0v v gs =2.7v (t a =25 c) 01 3 25 i d (a) v gs (v) 2 4 6 8 10 12 14 15 0 4 (v ds =10v) t c =125 c 25 c C 40 c 0 0.04 0.08 0.12 0.16 0.20 0246 81012141 5 i d (a) r ds (on) ( ? ) t a =25 c v gs =4v C 40 0 50 0 100 150 0.04 0.08 0.12 0.16 0.20 t c ( c) r ds (on) ( ? ) i d =5a v gs =4v C 14 C 15 C 10 C 12 C 8 C 2 C 4 C 6 0 0 C 2 C 4 C 6 C 8 C 10 v ds (v) i d (a) v gs = C 2.7v C 3.0v C 3.3v C 3.5v C 4.0v C 1 0 v (t a =25 c) 0 C 2 C 4 C 6 C 8 C 10 C 12 C 14 C 15 0 C 1 C 3 C 2 C 5 i d (a) v gs (v) C 4 25 c C 40 c t c =40 c (v ds = C 10v) 0 0.04 0.08 0.12 0.16 0.20 0 C 2 C 4 C 6 C 8 C 10 C 12 C 14 C 15 i d (a) r ds (on) ( ? ) t a =25 c v gs = C 10v C 40 0 50 0 100 150 0.04 0.08 0.12 0.16 0.20 t c ( c) r ds (on) ( ? ) i d = C 5a v gs = C 10v 5 3 2 4 7 8 6 10 12 11 9 1
145 n-ch p-ch n-ch n-ch p-ch p-ch n-ch p-ch re (yfs) -i d characteristics (typical) safe operating area (soa) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) p t -t a characteristics characteristic curves 0.0 0.5 1.0 1.5 i dr (a) v sd (v) 6 8 10 12 14 15 2 4 0 (t a =25 c) v gs =10v 4v 0v 0.1 0.1 0.05 1 10 1 10 20 i d (a) re (yfs) (s) 20 25 c t c =40 c 125 c (v ds =10v) 0 1020 304050 v ds (v) 1000 5000 capacitance (pf) 100 10 v gs =0v f=1mhz (t a =25 c) ciss coss crss single pulse t c =25 c 100 10 1 0.1 20 10 1 0.1 i d (a) v ds (v) r d s ( o n ) l im it e d 100 s 1ms 10ms 30 35 40 20 25 15 10 5 0 0 50 100 150 t a ( c) p t (w) without heatsink w ith in fin ite h e atsin k all circuits operating 0.0 C 0.5 C 1.0 C 1.5 i dr (a) v sd (v) C 6 C 8 C 10 C 12 C 14 C 15 C 2 0 C 4 (t a =25 c) v gs = C 10v C 4v 0 v 0.1 C 0.05 C 0.1 C 1 C 10 1 10 20 i d (a) re (yfs) (s) C 20 (v ds = C 10v) 25 c t c = C 40 c 125 c 0 C 10 C 20 C 30 C 40 C 50 v ds (v) 1000 5000 capacitance (pf) 100 10 v gs =0v f=1mhz (t a =25 c) ciss coss crss C 100 C 10 C 1 C 0.1 C 20 C 10 C 1 C 0.1 i d (a) v ds (v) r d s ( o n ) limited 100 s 1m s 10ms single pulse t c =25 c SMA5125 electrical characteristics (t a =25 c) n channel p channel symbol specification unit conditions specification unit conditions min typ max min typ max v (br)dss 60 v i d =100 a, v gs =0v C 60 v i d = C 100 a, v gs =0v i gss 10 av gs = 20v 10 av gs = 20v i dss 100 av ds =60v, v gs =0v C 100 av ds = C 60v, v gs =0v v th 1.0 2.0 v v ds =10v, i d =250 a C 1.0 C 2.0 v v ds = C 10v, i d = C 250 a re (yfs) 8.0 s v ds =10v, i d =5a 8.7 s v ds = C 10v, i d = C 5a r ds(on) 0.14 ? v gs =4v, i d =5a 0.14 ? v gs = C 10v, i d = C 5a ciss 460 pf v ds =10v, 1200 pf v ds = C 10v, coss 225 pf f=1.0mhz, 440 pf f=1.0mhz, crss 50 pf v gs =0v 120 pf v gs =0v td (on) 25 ns i d =5a, v dd 20v, 50 ns i d = C 5a, v dd C 20v, t r 110 ns r l =4 ? , v gs =5v, 170 ns r l =4 ? , v gs = C 5v, td (off) 90 ns r g =50 ? , 180 ns r g =50 ? , t f 55 ns see fig.3 on page 16. 100 ns see fig.4 on page 16. v sd 1.15 ns i sd =10a, v gs =0v C 1.25 v i sd = C 10a, v gs =0v t rr 75 v i sd =5a, di/dt=100a/ s 100 ns i sd = C 5a, di/dt=100a/ s


▲Up To Search▲   

 
Price & Availability of SMA5125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X