Part Number Hot Search : 
NTE995M CSNE531 AVD05S SMP4861 PI3B1 BY399 19080357 LF15ABDT
Product Description
Full Text Search
 

To Download SMA5114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  137 i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs) -i d characteristics (typical) r ds(on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -t a characteristics characteristic curves symbol unit conditions v r 120 v i r =10 a v f 1.0 1.2 v i f =1a i r 10 av r =120v t rr 100 ns i f = 100ma SMA5114 (t a =25 c) symbol ratings unit v dss 60 v v gss 20 v i d 3a i d( pulse ) 6 ( pw 1ms, du 1% )a e as * 6.8 mj i as 3a 4 ( ta=25 c, with all circuits operating, without heatsink )w 28 ( tc=25 c,with all circuits operating, with infinite heatsink )w j C a 31.2 ( junction-air, ta=25 c, with all circuits operating ) c/w j C c 4.46 ( junction-case, tc=25 c, with all circuits operating ) c/w tch 150 c tstg C 40 to +150 c * : v dd =20v, l=1mh, i l =3a, unclamped, see fig. e on page 15. p t (t a =25 c) symbol unit conditions v (br)dss 60 v i d =100 a, v gs =0v i gss 10 av gs = 20v i dss 100 av ds =60v, v gs =0v v th 1.0 2.5 v v ds =10v, i d =250 a re ( yfs ) 1.0 2.3 s v ds =10v, i d =1.0a 0.20 0.25 ? v gs =10v, i d =1.0a 0.25 0.30 ? v gs =4v, i d =1.0a ciss 170 pf v ds =10v, coss 130 pf f=1.0mhz, crss 20 pf v gs =0v td ( on ) 80 ns i d =1a, t r 170 ns v dd 30v, td (off) 330 ns r l =30 ? , v gs =5v, t f 150 ns see fig. 3 on page 16. v sd 1.0 1.5 v i sd =3a, v gs =0v t rr 80 ns i sd = 100ma specification min typ max r ds(on) specification min typ max 11 10 12 8 5 1 9 4 3 2 7 6 024 68 0 3 2 1 10 v ds (v) i d (a) 3.4v 3.2v 3v v gs =2.8v 10v 012 0 1 2 3 3 v gs (v) i d (a) 45 (v ds =10v) t c = C 40 c 25 c 125 c 01 0 0.2 0.1 0.3 0.4 0.5 i d (a) r ds (on) ( ? ) 23 v gs =4v 10v 0.05 0.1 0.5 0.2 1 0.5 5 10 1 i d (a) re (yfs) (s) 3 (v ds =10v) t c = C 40 c 125 c 25 c C 40 0 0 0.2 0.1 0.3 0.4 0.5 50 t c ( c) r ds (on) ( ? ) 100 150 (i d =1a) v g s =4v 10v 020 10 30 1 10 5 50 100 500 40 50 v ds (v) capacitance (pf) ciss coss crss v gs =0v f=1mhz 0 0.5 1.0 1.5 0 1 2 3 v sd (v) i dr (a) v g s =0v 5v 1 0.5 5 50 10 0.1 0.05 1 0.5 5 10 100 v ds (v) i d (a) 1 0 m s (1 s h o t) 1 m s 1 0 0 s r ds (on) limited i d (pulse) max (t c =25 c) 25 30 20 15 10 5 0 with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) with infinite heatsink without heatsink n-channel with built-in flywheel diode absolute maximum ratings  equivalent circuit diagram external dimensions b ? ? ? sma electrical characteristics  diode for flyback voltage absorption


▲Up To Search▲   

 
Price & Availability of SMA5114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X