Part Number Hot Search : 
00221 07024 SBR5035 NM60FD F1405ZS RF160A 31HTTPL1 CLR5101
Product Description
Full Text Search
 

To Download SFA1601G11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sfa160xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. 1.7 v maximum instantaneous forward voltage (note 1) @ 16 a v f 0.975 1.3 100 maximum reverse current @ rated vr t a =25 t a =100 i r 10 400 maximum reverse recovery time (note 2) 35 version:f11 - 65 to + 150 typical junction capacitance (note 3) note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a note 1: pulse test with pw=300 usec, 1% duty cycle operating temperature range storage temperature range - 65 to + 150 1 130 features maximum rms voltage maximum dc blocking voltage maximum average forward rectified current maximum repetitive peak reverse voltage ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data sfa1601g - sfa1608g 16.0amps glass passivated super fast rectifier to-220ac dimensions in inches and (millimeters) ? weight: 1.9 grams typical thermal resistance ua i fsm i f(av) 200 a a type number symbol sfa 1601g sfa 1602g sfa 1603g sfa 1604g 16 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) unit ? case: to-220ac molded plastic ? epoxy: ul 94v-0 rate flame retardant sfa 1608g ? green compound with suffix "g" on packing code & prefix "g" on datecode marking diagram sfa 1605g sfa 1606g sfa 1607g pb rohs compliance rohs compliance
version:f11 ratings and characteristic curves (sfa1601g thru sfa1608g) fig.1 forward current derating curve 0 4 8 12 16 20 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) fig. 3 maximum non-repetitive forward surge current 0 50 100 150 200 250 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 2 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current(ua) ta=25 ta=100 ta=75 fig. 4 typical junction capacitance 0 50 100 150 200 250 300 1 10 100 1000 reverse voltage (v) capacitance (pf) ta=25 sfa1601g-sfa1604g sfa1605g-sfa1608g fig. 5 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage (v) instantaneous forward current (a) ta=25 pulse width=300us 1% duty cycle sfa1601g-sfa1604g sfa1605g-sfa1606g sfa1607g-sfa1608g


▲Up To Search▲   

 
Price & Availability of SFA1601G11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X