Part Number Hot Search : 
E1013 CW080 74HC2G34 IRF740A S4C1A 400000 AN106 W20NC50
Product Description
Full Text Search
 

To Download SD-503149-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/02/2010 please check www.molex.com for latest part information part number: 5031492400 status: active overview: clikmate_wiretoboard_connectors description: 1.50mm (.059") pitch clik-mate? wire-to-board housing, dual row, positive lock, 24 circuits documents: 3d model product specification ps-503154-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-503148-001 (pdf) general product family crimp housings series 503149 overview clikmate_wiretoboard_connectors product name clik-mate? physical circuits (maximum) 24 color - resin beige gender plug glow-wire compliant no keying to mating part yes lock to mating part yes number of rows 2 packaging type bag panel mount no pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes stackable no temperature range - operating -25c to +85c electrical current - maximum per contact 2a material info reference - drawing numbers application specification as-503149-001 packaging specification spk-503149-001 product specification ps-503148-001, ps-503154-001, rps-503148-001, rps-503154-001, rps-503154-002, rps-503154-003, rps-503154-004, rps-503154-005, rps-503154-007 sales drawing SD-503149-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503149 series mates with 503154 pcb receptacle use with 502579 crimp terminal this document was generated on 06/02/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of SD-503149-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X