Part Number Hot Search : 
H1137V07 C282D CWST872 8NK60 TKP4A TKP4A 1N4007G BZT5236
Product Description
Full Text Search
 

To Download SBT2222AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5c011-000 1 SBT2222AF npn silicon transistor pin connection sot-23f descriptions ? general purpose application ? switching application features ? low leakage current ? low collector saturation voltage enabling low voltage operation ? complementary pair with sbt2907af ordering information type no. marking package code SBT2222AF 1p sot-23f device code year&week code absolute maximum ratings ta =2 5 c characteristic symbol ratings unit collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 5 v collector current i c 600 ma collector dissipation p c * 350 mw junction temperature t j 150 c storage temperature range t stg -55~150 c * : package mounted on 99.5% alumina 10 8 0.6mm electrical characteristics ta=25 c characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =10 a, i e =0 75 - - v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 40 - - v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 5 - - v collector cut-off current i cbo v cb =75v, i e =0 - - 20 na dc current gain h fe v ce =10v, i c =10ma 100 - - - collector-emitter saturation voltage v ce(sat) i c =150ma, i b =15ma - - 0.4 v transition frequency f t v ce =20v, i c =20ma, f=100mhz 250 - - mhz collector output capacitance c ob v cb =10v, i e =0, f=1mhz - - 8 pf delay time t d - - 10 ns rise time t r v cc =30v dc , v be(off) =0.5v dc , i c =150ma dc , i b1 =15ma dc - - 25 ns storage time t s - - 225 ns fall time t f v cc =30v dc ,i c =150ma dc , i b1 =i b2 =15ma dc - - 60 ns 1 2 3
ksd-t5c011-000 2 SBT2222AF electrical characteristic curves fig. 1 p c- t a fi g . 2 h fe- i c fig. 4 c ob -v cb fig. 3 v ce(sat) -i c
ksd-t5c011-000 3 SBT2222AF outline dimension recommend pcb solder land [unit: mm]
ksd-t5c011-000 4 SBT2222AF the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SBT2222AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X