Part Number Hot Search : 
A106M J110A CD2025 LT300 A29L040A SL1919 SMB10A 2SJ339
Product Description
Full Text Search
 

To Download PJSRV05W-4W6R100001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 pjsrv05w-4w6 november 20 ,2012-rev.00 low capacitance tvs diode array features ? iec61000-4-2 esd 15kv air,8kv contact compliance ? low leakage current ? low clamping voltage ? peak power dissipation of 50w under 8/20 ? s waveform ? protect four i/o lines ? molded jedec sot23-6l package ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sot23-6l, plastic ? terminals: solderable per mil-std-750, method 2026 ? weight: approximately 0.0002 ounces, 0.006 grams ? marking : k6w applications ? usb 2.0 power and data line protection ? video graphics cards ? mouitors and flat panel displays ? digital vedio interface (dvi) ? 10/100/1000 ethernet ? atm interfaces absolute maximum ratings (t a =25 o c unless otherwise noted) rating symbol value unit peak pulse power (8/20 ? s waveform) p pp 50 w peak pulse current (8/20 ? s waveform) i ppm 5 a esd per iec61000-4-2 (air) esd per iec61000-4-2 (contact) v esd + 15 + 8 kv o p e ra ti ng j unc ti o n te m p e ra tur e a nd s to ra g e te m p e ra tur e ra ng e t j ,t stg -55 to +150 o c t h e p j s r v 0 5 w - 4 w 6 h a s a l o w t y p i c a l c a p a c i t a n c e o f 1 p f a n d o p e r a t e s w i t h v i r t u a l l y n o i n s e r t i o n l o s s t o 1 g h z . t h i s m a k e s t h e d e v i c e i d e a l f o r p r o t e c t i o n o f h i g h - s p e e d d a t a l i n e s s u c h a s u s b 2 . 0 , f i r e w i r e , d v i , a n d g i g a b i t e t h e r n e t i n t e r f a c e s . t h e l o w c a p a c i t a n c e a r r a y c o n f i g u r a t i o n a l l o w s t h e u s e r t o p r o t e c t f o u r h i g h - s p e e d d a t a o r t r a n s m i s s i o n l i n e s . t h e l o w i n d u c t a n c e c o n s t r u c t i o n m i n i m i z e s v o l t a g e o v e r s h o o r d u r i n g h i g h c u r r e n t s u r g e .
page . 2 pjsrv05w-4w6 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol conditions min. typ. max. units reverse stand-off voltage v rwm - - 5 v reverse breakdown voltage v br i br =1ma, pin 5 to 2 6 - 8 v reverse leakage current i r v r =5v, pin 5 to 2 - - 3 ? a clamping voltage (8/20 ? s) v c i pp =1a,any i/o pin to pin 2 - - 8 v clamping voltage (8/20 ? s) v c i pp =5a,any i/o pin to pin 2 - - 10 v off state junction capacitance c j 0 vdc,f=1mhz between i/o lines and gnd - - 1.2 pf off state junction capacitance c j 0 vdc,f=1mhz between i/o lines - - 0.6 pf november 20 ,2012-rev.00 rating and characteristic curves fig.4 8/20 s peak pulse current waveform 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1 2 3 4 5 v r , reverse bias voltage (v) c j , junction capacitance (pf) i/o to gnd fig.2 typical reverse characteristics 0 50 100 150 200 250 300 25 50 75 100 125 150 t j , junction temperature( ) v r =5v i r ,leakage current (na) fig.1 typical junction capacitance 0 1 2 3 4 5 6 7.2 7.3 7.4 7.5 7.6 vc, clamping voltage (v) ipp peak pulse current (a) fig.3 typical peak clamping voltage(8/20us)
page . 3 mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7 plastic reel order information sot-23 6l 0.024 (0.60) 0.026 (0.67) 0.096 (2.43) 0.037 (0.95) 0.037 (0.95) unit inch(mm) pjsrv05w-4w6 november 20 ,2012-rev.00
page . 4 part no_pa cking code_version pjsrv05w-4w6 _r1_0 0001 for ex ample : rb500v-40 _ r2 _ 00001 pjsrv05w-4w6_r2 _00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d pjsrv05w-4w6 november 20 ,2012-rev.00
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. z since panjit uses lot number as the tr acking base, please provide the lot number for tracking when complaining. page . 5 pjsrv05w-4w6 november 20 ,2012-rev.00


▲Up To Search▲   

 
Price & Availability of PJSRV05W-4W6R100001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X