Part Number Hot Search : 
C1321 PH3120L I15E5 PNA4611M R1500 N74F641N 74HCT244 IR3N81A
Product Description
Full Text Search
 

To Download PJSRV05W-4SW6R200001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 pjsrv05w-4sw6 january 29,2013-rev.00 low capacitance tvs diode array the pjsrv05w-4sw6 has a low typical capacitance of 1pf and operates with virtually no insertion loss to 1ghz.this makes the device ideal for protection of high-speed data lines such as usb2.0,firewire,dvi,and gigabit ethernet interfaces. the low capacitance array configuration allows the user to protect four high-speed data or transmission lines.the low inductanc e construction minimizes voltage overshoor during high current surge. features ? iec61000-4-2 esd 15kv air,8kv contact compliance ? low leakage current ? low clamping voltage ? peak power dissipation of 50w under 8/20 ? s waveform ? protect four i/o lines ? molded jedec sot23-6l package ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case : sot-23 6l, plastic ? terminals : solderable per mil-std-750, method 2026 ? weight : approximately 0.0005 ounces, 0.014 grams ? marking : k6s applications ? usb 2.0 power and data line protection ? video graphics cards ? monitor and flat panel displays ? digital vedio interface (dvi) ? 10/100/1000 ethernet ? atm interfaces absolute maximum ratings (t a =25 o c unless otherwise noted) rating symbol value unit peak pulse power (8/20 ? s waveform) i pp 5a esd per iec61000-4-2 (air) esd per iec61000-4-2 (contact) v esd + 15 + 8 kv operating junction temperature  and storage temperature range t j ,t stg -55 to +150 o c
page . 2 pjsrv05w-4sw6 january 29,2013-rev.00 rating and characteristic curves fig.4 8/20 s peak pulse current waveform 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1 2 3 4 5 v r , reverse bias voltage (v) c j , junction capacitance (pf) i/o to gnd fig.2 typical reverse characteristics 0 50 100 150 200 250 300 25 50 75 100 125 150 t j , junction temperature( ) v r =5v i r ,leakage current (na) fig.1 typical junction capacitance 0 1 2 3 4 5 6 7.2 7.3 7.4 7.5 7.6 vc, clamping voltage (v) ipp peak pulse current (a) fig.3 typical peak clamping voltage(8/20us) electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol conditions min. typ. max. units reverse stand-off voltage v rwm --5v reverse breakdown voltage v br i br =1ma, i/o lines and gnd 6-9v reverse leakage current i r v r =5v, i/o lines and gnd --3 ? a clamping voltage (8/20 ? s) v c i pp =1a, i/o lines and gnd --8v clamping voltage (8/20 ? s) v c i pp =5a, i/o lines and gnd --1 0v off state junction capacitance c j 0 vdc, f=1mhz between i/o lines and gnd --1 . 2p f off state junction capacitance c j 0 vdc, f=1mhz between i/o li ne s --0 . 6p f
page . 3 pjsrv05w-4sw6 january 29,2013-rev.00 mounting pad layout order information ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7" plastic reel 0.024 (0.60) 0.026 (0.67) 0.096 (2.43) 0.037 (0.95) 0.037 (0.95)
page . 4 pjsrv05w-4sw6 january 29,2013-rev.00 part no_packing code_version pjsrv05w-4sw6_r1_00001 pjsrv05w-4sw6_r2_00001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 5 pjsrv05w-4sw6 january 29,2013-rev.00 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of PJSRV05W-4SW6R200001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X