Part Number Hot Search : 
CDP1855 TDA3654 PD84002 Z5226B HC224 DB102 TC89102 HC224
Product Description
Full Text Search
 

To Download PJSRV05W-4DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 PJSRV05W-4DW low capacitance tvs diode array the pjsrv05w-4lc has a low typical capacitance of 0.8pf and operates with virtually no insertion loss to 1ghz.this makes the device ideal for protection of high-speed data lines such as usb2.0,firewire,dvi,and gigabit ethernet interfaces. the low capacitance array configuration allows the user to prote ct four high-speed data or transmission lines.the low inductanc e construction minimizes voltage overshoor during high current surge. features ? iec61000-4-2 esd 15kv air,8kv contact compliance ? low leakage current ? low clamping voltage ? peak power dissipation of 150w under 8/20 s waveform ? protect four i/o lines ? molded jedec sot-363 package ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: sot-363, plastic ? terminals: solderable per mil-std-750, method 2026 ? weight: approximately 0.0002 ounces, 0.006 grams ? marking : kw applications ? usb 2.0 power and data line protection ? video graphics cards ? mouitors and flat panel displays ? digital vedio interface (dvi) ? 10/100/1000 ethernet ? atm interfaces absolute maximum ratings (t a =25 o c unless otherwise noted) 0.018(0.45) 0.006(0.15) 0.010(0.25) 0.054(1.35) 0.045(1.15) 0.087(2.20) 0.074(1.90) 0.030(0.75) 0.021(0.55) 0.056(1.40) 0.047(1.20) 0.012(0.30) 0.005(0.15) 0.040(1.00) 0.031(0.80) 0.044(1.10) max. 0.087(2.20) 0.078(2.00) 0.010(0.25) 0.003(0.08) april 05,2012-rev.00 rating symbol value unit peak pulse power (8/20 s waveform) p pp 50 w peak pulse current (8/20 s waveform) i ppm 5a esd per iec61000-4-2 (air) esd per iec61000-4-2 (contact) v esd + 8 + 15 kv operating junction temperature and storage temperature range t j ,t stg -55 to +150 o c
page . 2 PJSRV05W-4DW rating and characteristic curves fig.2 typical reverse characteristics fig.4 8/20 s peak pulse current waveform fig.3 typical peak clamping voltage(8/20 s) 0 50 100 150 200 250 300 25 50 75 100 125 150 t j , junction temperature( ) v r =5v i r ,leakage current (na) fig.1 typical junction capacitance 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 12345 v r , reverse bias voltage (v) c j , junction capacitance (pf) i/o to gnd 0 1 2 3 4 5 6 7.25 7.3 7.35 7.4 7.45 7.5 7.55 7.6 vc , clamping voltage (v) i pp peak pulse current (a) april 05,2012-rev.00 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol conditions min. typ. max. units reverse stand-off voltage v rwm --5v reverse breakdown voltage v br i br =1ma, pin 5 to 2 6-8v reverse leakage current i r v r =5v, pin 5 to 2 --3 a clamping voltage (8/20 s) v c i pp =1a,any i/o pin to pin 2 --8v clamping voltage (8/20 s) v c i pp =5a,any i/o pin to pin 2 --1 0v off state junction capacitance c j 0 vdc,f=1mhz between i/o lines and gnd -11 . 2p f off state junction capacitance c j 0 vdc,f=1mhz between i/o li nes -0 . 50 . 6p f
mounting pad layout ? packing information t/r - 10k per 13" plastic reel t/r - 3k per 7? plastic reel order information legal statement copyright panjit international, inc 201 2 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others. sot-363 0.018 (0.45) 0.020 (0.50) 0.075 (1.90) 0.026 (0.65) 0.026 (0.65) unit inch(mm) page . 3 PJSRV05W-4DW $sulo5(9
page . 4 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code t/b a n/a 0 hf 0 serial number t/r r 7" 1 rohs 1 serial number b/p b 13" 2 t/p t 26mm x trr s 52mm y trl l pbcu u forming f pbcd d part no_packing code_version PJSRV05W-4DW_r1_00001 PJSRV05W-4DW_r2_00001 PJSRV05W-4DW_00001 PJSRV05W-4DW april 05,2012-rev.00


▲Up To Search▲   

 
Price & Availability of PJSRV05W-4DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X