Part Number Hot Search : 
VEC2307 VEC2307 16LT1 HT7750 ISPLSI HCT08 APTGT TLP3203
Product Description
Full Text Search
 

To Download OCXO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  OCXO oven controlled crystal oscillator hc-mos output 12 v power supply up to 40 mhz date: june 2003 revision no.: 7 page 1/2 in accordance with our policy of continuous development and improvement, we reserve the right to modify the design or the specifications of our products without prior notice. headquarters: micro crystal div. of eta sa mhlestrasse 14 ch-2540 grenchen switzerland tel. fax internet email +41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch frequency stability over: operating temp. range : see note 1 long term aging 1st year: < 0.7 ppm * 10 years: < 4.0 ppm * supply voltage 0.5 v < 0.1 ppm * load 10%: < 0.01 ppm power supply supply input: vcc = 12 v 0.5 v * input current : < 25 ma @ +30 c * input current : < 40 ma @ -20 c * frequency control range control voltage: see note 2 frequency deviation: > 4 ppm * response slope: positive output output signal: hc-mos compatible symmetry: 40 (min.) /60 (max.) % @ vcc / 2 * rise and fall time: tr < 7ns tf < 7 ns * level ?0? and ?1?: < 0.4 v > 5 v ?0.5 v fan out (load): 10 ls environment operable temp. range: -40 to +85 c storage temp. range: -65 to +125 c vibration: 10 to 2000 hz / 10 g shock: 2000 g, 0.3 ms, ? sine package: dil 14, 4 pins, gnd to case package height: 8 mm (see packaging info) warm-up f/f: within spec after 30s @ 0c * current: < 250 ma during 10s miscellaneous short term stability: < 5 e-10 0.1 s to 30 s typical 5 e-11 @ 1 s phase noise (bw = 1hz): (typical, @ 10mhz in static conditions) 1 hz: - 60 dbc / hz 10 hz: - 90 dbc / hz 100 hz: -120 dbc / hz 1 khz: -130 dbc / hz * customer?s specification on request note 1 OCXO-ar1, av5 temp. range * 0 to +60 c stability * 0.2 ppm (0.4 ppm peak to peak) OCXO-br1, bv5 temp. range * -20 to +70 c stability * 0.3 ppm (0.6 ppm peak to peak) OCXO-cr1, cv5 temp. range * -40 to +85 c stability * 0.5 ppm (1 ppm peak to peak) note 2 OCXO-ar1, br1, cr1 adjustment with resistor 0 to 10 k (connected to ground) input impedance > -4.7 k OCXO-av5, bv5, cv5 adjustment with voltage 0 to 5 v input impedance > 47 k marking example OCXO-bv5 type spec no. 20.000 mhz 01.25 frequency date code { 12 { (pin 1) piece no. ordering information example oscillator type x x x n of customer spec. OCXO = oven controlled crystal oscillator frequency adjustment v 5 - b temperature range a = 0 to +60c; +/-0.2ppm b = -20 to +70c: +/-0.3ppm c = -40 to +85c; +/-0.5ppm x = custom spec. r1 = external resistor v5 = voltage 5v y = custom spec. o c o x 20 mhz oscillator output frequency oscillator version standard frequencies (mhz) 10.0000 12.8000 16.0000 16.3840 19.4400 20.0000 40.0000
OCXO oven controlled crystal oscillator hc-mos output 12 v power supply up to 40 mhz date: june 2003 revision no.: 7 page 2/2 in accordance with our policy of continuous development and improvement, we reserve the right to modify the design or the specifications of our products without prior notice. headquarters: micro crystal div. of eta sa mhlestrasse 14 ch-2540 grenchen switzerland tel. fax internet email +41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch application and test circuit : adjustment with voltage v a 14 17 8 vcc cd1 oscilloscope or counter c load 15pf * d1 d2 d3 d4 vcc r load 2k vc v hc-mos ttl cd2 adjustment with resistor v a 14 17 8 vcc cd1 oscilloscope or counter c load 15pf * d1 d2 d3 d4 vcc r load 2k hc-mos ttl cd2 radj (0?10kohms ) low thermal coefficient waveform output : waveshape ttl gnd vcc 2.4v min. 1.4v 0.4v max. tf tr t1 t2 waveshape hc-mos gnd vcc vcc - 0.5v min. (except 12v: 5v-0.5v min.) 1/2 vcc gnd + 0.4v max. tf tr t1 t2 [] % 2 1 1 100 t t t cycle duty + =


▲Up To Search▲   

 
Price & Availability of OCXO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X