Part Number Hot Search : 
SK52B1 DZD13 T5551 4202BD L7805ML 3DD100A 300BZ L7805ML
Product Description
Full Text Search
 

To Download MRA4003T3-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 april, 2002 rev. 2 1 publication order number: mra4003t3/d mra4003t3 series surface mount standard recovery power rectifier sma power surface mount package features construction with glass passivation. ideally suited for surface mounted automotive application. ? compact package with jbend leads ideal for automated handling ? stable, high temperature, glass passivated junction mechanical characteristics ? case: molded epoxy epoxy meets ul94, vo at 1/8 ? weight: 70 mg (approximately) ? finish: all external surfaces are corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds in solder bath ? polarity: notch and/or band in plastic body indicates cathode lead ? available in 12 mm tape, 5000 units per 13 inch reel, add at3o suffix to part number ? marking: mra4003t3 e r13 marking: mra4004t3 e r14 marking: mra4005t3 e r15 marking: mra4006t3 e r16 marking: mra4007t3 e r17 maximum ratings please see the table on the following page device package shipping ordering information mra4004t3 sma 5000/tape & reel mra4003t3 sma 5000/tape & reel mra4005t3 sma 5000/tape & reel mra4006t3 sma 5000/tape & reel mra4007t3 sma 5000/tape & reel standard recovery rectifiers 1.0 amperes 3001000 volts case 403b sma plastic marking diagram r1x ll ## r1x = device code x = 3, 4, 5, 6 or 7 ll = location code ## = date code http://onsemi.com
mra4003t3 series http://onsemi.com 2 maximum ratings value rating symbol mra4003t3 mra4004t3 mra4005t3 mra4006t3 mra4007t3 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 300 400 600 800 1000 volts avg. rectified forward current (at rated v r , t l = 150 c) i o 1 amp peak repetitive forward current (at rated v r , square wave, 20 khz, t l = 150 c) i frm 2 amps nonrepetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) i fsm 30 amps storage/operating case temperature t stg , t c 55 to 150 c operating junction temperature t j 55 to 175 c thermal characteristics characteristic symbol value unit thermal resistance, junction to lead (note 1.) thermal resistance, junction to ambient (note 2.) r q jl r q ja 16.2 88.3 c/w electrical characteristics value characteristic symbol t j = 25 c t j = 100 c unit maximum instantaneous forward voltage (note 3.) (i f = 1 a) (i f = 2 a) v f 1.1 1.18 1.04 1.12 volts maximum instantaneous reverse current (at rated dc voltage) i r 10 50  a 1. minimum pad size 2. 1 inch pad size 3. pulse test: pulse width 250 m s, duty cycle 2%. figure 1. typical forward voltage v f , instantaneous forward voltage (volts) 10 1.0 0.1 1.2 1.0 0.8 0.6 0.4 i f , instantaneous forward current (amps) figure 2. typical reverse current v r , reverse voltage (volts) 400 350 300 250 200 150 100 50 0 i r , reverse current (amps) 1.0e9 0.01 10e9 100e9 1.0e6 10e6 100e6 t j = 150 c 100 c 25 c 40 c t j = 150 c 100 c 25 c
mra4003t3 series http://onsemi.com 3 20 5 i pk /i o =  figure 3. current derating per leg t l , lead temperature ( c) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 160 140 120 100 60 40 20 0 i o , average forward current (amps) figure 4. forward power dissipation per leg i o , average forward current (amps) 2.0 1.5 1.0 0.5 0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 p fo , average power dissipation (watts) 0 0 1.6 1.8 80 square wave dc 10 20 5 i pk /i o =  square wave dc 10 freq = 20 khz figure 5. capacitance v r , reverse voltage (volts) 100 10 160 140 120 100 80 60 40 20 0 c, capacitance (pf) 1 200 180 t j = 25 c figure 6. thermal response t, time (s) 10e3 100e6 10e6 0.001 r(t), transient thermal resistance 0.01 0.1 1.0 1e3 (normalized) 1e+0 100e3 10e+0 100e+0 1e+3 10e+3 r  ja (1 inch pad board) r  jl (min pad board) r  jl(t) = r  jl * r(t)
mra4003t3 series http://onsemi.com 4 package dimensions mm inches 0.157 4.0 0.0787 2.0 sma footprint 0.0787 2.0 sma plastic package case 403b02 issue c notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 403b-01 obsolete, new standard 403b-02. s a db k j c h dim min max min max millimeters inches a 0.160 0.180 4.06 4.57 b 0.090 0.115 2.29 2.92 c 0.075 0.095 1.91 2.41 d 0.050 0.064 1.27 1.63 h 0.002 0.006 0.05 0.15 j 0.006 0.016 0.15 0.41 k 0.030 0.060 0.76 1.52 s 0.190 0.220 4.83 5.59 polarity indicator optional as needed on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indem nify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and re asonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employ er. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mra4003t3/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MRA4003T3-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X