Part Number Hot Search : 
AN630 27C51 C3216 SMC12C M29LV XN6501 VAL1Z 2SC3365
Product Description
Full Text Search
 

To Download M35053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  regarding the change of names mentioned in the document, such as mitsubishi electric and mitsubishi xx, to renesas technology corp. the semiconductor operations of hitachi and mitsubishi electric were transferred to renesas technology corporation on april 1st 2003. these operations include microcomputer, logic, analog and discrete devices, and memory chips other than drams (flash memory, srams etc.) accordingly, although mitsubishi electric, mitsubishi electric corporation, mitsubishi semiconductors, and other mitsubishi brand names are mentioned in the document, these names have in fact all been changed to renesas technology corp. thank you for your understanding. except for our corporate trademark, logo and corporate statement, no changes whatsoever have been made to the contents of the document, and these changes do not constitute any alteration to the contents of the document itself. note : mitsubishi electric will continue the business operations of high frequency & optical devices and power devices. renesas technology corp. customer support dept. april 1, 2003 to all our customers
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers description the M35053-xxxsp/fp is tv screen display control ic which can be used to display information such as number of channels, the date and messages and program schedules on the tv screen. in particular, owing to the built-in sync-sep (synchronous separa- tion) circuit, the synchronous correction circuit, the decoder circuit, and to the encoder circuit, external circuits can be decrease and character turbulence that occurs when superimposing can be reduced. the processor can conform to the eds broadcast service and is suit- able for av systems such as vtrs, lds, and so on. it is a silicon gate cmos process and M35053-xxxsp is housed in a 20-pin shrink dip package, M35053-xxxfp is housed in a 20-pin shrink sop package. for M35053-001sp/fp that is a standard rom version of M35053- xxxsp/fp respectively, the character pattern is also mentioned. features screen composition .............................. 24 characters ? 10 lines, 32 characters ? 7 lines number of characters displayed .................................. 240 (max.) character composition ..................................... 12 ? 18 dot matrix characters available ............................................. 256 characters character sizes available .................... 4 (horizontal) ? 4 (vertical) display locations available horizontal direction ............................................... 240 locations vertical direction ................................................... 256 locations blinking ................................................................. character units cycle : approximately 1 second, or approximately 0.5 seconds duty : 25%, 50%, or 75% data input .............................. by the serial input function (16 bits) coloring background coloring (composite video signal) blanking total blanking (14 ? 18 dots) border size blanking character size blanking synchronizing signal composite synchronizing signal generation (pal, ntsc, m-pal) 2 output ports (1 digital line) oscillation stop function it is possible to stop the oscillation for synchronizing signal generation built-in half-tone display function built-in reversed character display function built-in decoder (ntsc only) built-in encoder (ntsc only) built-in synchronous correction circuit built-in synchronous separation circuit application tv, vcr, movie pin configuration (top view) rev.1.2 M35053-xxxfp 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 cp1 testa cs sck sin ac v dd2 cvideo lecha cvin v dd1 hor cp2 oscin v ss p1 p0 testb edo v ss M35053-xxxsp 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 cp1 testa cs sck sin ac v dd2 cvideo lecha cvin v dd1 hor cp2 oscin v ss p1 p0 testb edo v ss outline 20p4b outline 20p2q-a ? ?
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 2 pin description function this is the filter output pin 1. this is the pin for test. connect this pin to gnd during normal operation. this is the chip select pin, and when serial data transmission is being carried out, it goes to l. hysteresis input. includes built-in pull-up resistor. __ when cs pin is l, sin serial data is taken in when sck rises. hysteresis input. built-in pull-up resistor is included. this is the pin for serial input of data and addresses for the display control register and the display data memory. also, serially outputs decode data according to the settings in the relevant registers (serial i/o). when l, this pin resets the internal ic circuit. hysteresis input. includes built-in pull-up resistor. please connect to +5v with the analog circuit power pin. this is the output pin for composite video signals. it outputs 2v p-p composite video signals. in superimpose mode, character output etc. is superimposed on the external composite video signals from cvin. this is the input pin which determines the white character color level in the composite video signal. this is the input pin for external composite video signals. in superimpose mode, character output etc. is superimposed on these external composite video signals. please connect to gnd using circuit earthing pin. this is the output pin for encode data. it outputs digital three-value data or composite video signals. this is the pin for test. connect this pin to gnd during normal operation. this pin outputs the port output or blnk1 (character background) signal. this pin outputs the port output or co1(character) signal. please connect to gnd using circuit earthing pin (analog side). this is the input pin for the sub-carrier frequency (f sc ) for generating a synchronous signal. a frequency of 3.580mhz is needed for ntsc, and a frequency of 4.434mhz in needed for pal and 3.576mhz is needed for m-pal. filter output pin 2. this is the input pin for external composite video signals. this pin inputs the external video signal clamped sync-chip to 1.5v, and internally carries out synchronous separa- tion. please connect to +5v with the digital circuit power pin. symbol osc1 testa __ cs sck sin __ ac v dd2 cvideo lecha cvin v ss edo testb p0 p1 v ss oscin cp2 hor v dd1 pin name clock input test pin chip select input serial clock input serial data input/ output auto-clear input power pin composite video signal output character level input composite video signal input earthing pin encode data output test pin port p0 output port p1 output earthing pin f sc input pin for synchronous signal generation filter output horizontal synchro- nizing signal input power pin input/ output input input input input/ output input output input input output output output input output input
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 3 block diagram data control circuit address control circuit display control register display ram display character rom timing generator blinking circuit shift register display control circuit reading address control circuit h counter ntsc pa l m-pal video output circuit timing generator sync-sep circuit 3.580mhz(ntsc) 4.434mhz(pal) 3.576mhz(m-pal) testa testb port output circuit decoder circuit clock oscillation circuit data slicer circuit sck sin cs cvideo cvin lecha v dd1 ac v ss v dd2 hor p0 p1 cp1 v ss edo oscin cp2 i/o control circuit oscillation circuit for synchronizing signal generation display location detection circuit 7 16 11 20 6 13 2 5 4 3 119 17 18 8 10 9 12 14 15
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 4 memory constitution address 00 16 to ef 16 are assigned to the display ram, address f0 16 to f8 16 are assigned to the display control registers. the internal circuit is reset and all display control registers (address f0 16 to f8 16 ) are set to 0 and display ram (address 00 16 to ef 16 ) __ are ram erased when the ac pin level is l. set 0 in any of bits dad through daf of addresses 00 16 through ef 16 , and of bits dae and daf of addresses f0 16 through f8 16 . testn (n : a number) is mitsubishi test memory, so be sure to observe the setting conditions. da5 c5 c5 sepv1 hp5 vp5 vsz11 dsp5 mpal bg curs5 stop1 daa ec2 ec2 test10 dvp2 evp2 efld0 space test17 test0 test22 ehp2 bit address 00 16 ef 16 f0 16 f1 16 f2 16 f3 16 f4 16 f5 16 f6 16 f7 16 f8 16 daf 0 0 0 0 0 0 0 0 0 0 0 dae 0 0 0 0 0 0 0 0 0 0 0 dad 0 0 test25 test26 test27 test28 test29 test30 test31 test32 level1 dac rev rev __________ w/r dvp4 evp4 ___ d/v test14 test19 test2 test24 ehp4 blink test11 dvp3 evp3 efld1 test13 ______________ mb/lb test1 rgbon ehp3 dab blink encode data or character color da9 ec1 ec1 decb1 dvp1 evp1 dfld1 dsp9 test16 lblack __________ cl17/18 ehp1 da8 ec0 ec0 decb0 dvp0 evp0 dfld0 dsp8 test15 ________ lin24/32 cblink ehp0 da7 c7 c7 sysep1 hp7 vp7 vsz21 dsp7 eqp blkhf curs7 ramers da6 c6 c6 sysep0 hp6 vp6 vsz20 dsp6 palh bb curs6 dspon da4 c4 c4 sepv0 hp4 vp4 vsz10 dsp4 _______ int/non br curs4 stopin d a3 c3 c3 ptd1 hp3 vp3 hsz21 dsp3 _______ n/p level0 curs3 scor da2 c2 c2 ptd0 hp2 vp2 hsz20 dsp2 blink2 phase2 curs2 ex da1 c1 c1 ptc1 hp1 vp1 hsz11 dsp1 blink1 phase1 curs1 blk1 da0 c0 c0 ptc0 hp0 vp0 hsz10 dsp0 blink0 phase0 curs0 blk0 port output specify and so on display mode specify blinking specify and so on raster color specify cursor display specify control display and so on vertical display start position and encode position specify character size and encode e decode specify horizontal display start position and decode position specify remarks display ram character code reversed character blinking fig. 1 memory constitution (M35053-xxxsp/fp)
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 5 screen constitution the screen lines and rows are determined from each address of the display ram. the screen consitution (24 characters 5 10 lines) is shown in figure 2 the screen constitution (32 characters 5 7 lines) is shown in 3. note : the hexadecimal numbers in the boxes show the display ram address. 1 2 3 4 5 6 7 8 9 10 1 00 16 18 16 30 16 48 16 60 16 78 16 90 16 a8 16 c0 16 d8 16 2 01 16 19 16 31 16 49 16 61 16 79 16 91 16 a9 16 c1 16 d9 16 3 02 16 1a 16 32 16 4a 16 62 16 7a 16 92 16 aa 16 c2 16 da 16 4 03 16 1b 16 33 16 4b 16 63 16 7b 16 93 16 ab 16 c3 16 db 16 5 04 16 1c 16 34 16 4c 16 64 16 7c 16 94 16 ac 16 c4 16 dc 16 6 05 16 1d 16 35 16 4d 16 65 16 7d 16 95 16 ad 16 c5 16 dd 16 7 06 16 1e 16 36 16 4e 16 66 16 7e 16 96 16 ae 16 c6 16 de 16 8 07 16 1f 16 37 16 4f 16 67 16 7f 16 97 16 af 16 c7 16 df 16 9 08 16 20 16 38 16 50 16 68 16 80 16 98 16 b0 16 c8 16 e0 16 10 09 16 21 16 39 16 51 16 69 16 81 16 99 16 b1 16 c9 16 e1 16 11 0a 16 22 16 3a 16 52 16 6a 16 82 16 9a 16 b2 16 ca 16 e2 16 12 0b 16 23 16 3b 16 53 16 6b 16 83 16 9b 16 b3 16 cb 16 e3 16 13 0c 16 24 16 3c 16 54 16 6c 16 84 16 9c 16 b4 16 cc 16 e4 16 14 0d 16 25 16 3d 16 55 16 6d 16 85 16 9d 16 b5 16 cd 16 e5 16 15 0e 16 26 16 3e 16 56 16 6e 16 86 16 9e 16 b6 16 ce 16 e6 16 16 0f 16 27 16 3f 16 57 16 6f 16 87 16 9f 16 b7 16 cf 16 e7 16 17 10 16 28 16 40 16 58 16 70 16 88 16 a0 16 b8 16 d0 16 e8 16 18 11 16 29 16 41 16 59 16 71 16 89 16 a1 16 b9 16 d1 16 e9 16 19 12 16 2a 16 42 16 5a 16 72 16 8a 16 a2 16 ba 16 d2 16 ea 16 20 13 16 2b 16 43 16 5b 16 73 16 8b 16 a3 16 bb 16 d3 16 eb 16 21 14 16 2c 16 44 16 5c 16 74 16 8c 16 a4 16 bc 16 d4 16 ec 16 22 15 16 2d 16 45 16 5d 16 75 16 8d 16 a5 16 bd 16 d5 16 ed 16 23 16 16 2e 16 46 16 5e 16 76 16 8e 16 a6 16 be 16 d6 16 ee 16 24 17 16 2f 16 47 16 5f 16 77 16 8f 16 a7 16 bf 16 d7 16 ef 16 1 2 3 4 5 6 7 1 00 16 20 16 40 16 60 16 80 16 a0 16 c0 16 2 01 16 21 16 41 16 61 16 81 16 a1 16 c1 16 3 02 16 22 16 42 16 62 16 82 16 a2 16 c2 16 4 03 16 23 16 43 16 63 16 83 16 a3 16 c3 16 5 04 16 24 16 44 16 64 16 84 16 a4 16 c4 16 6 05 16 25 16 45 16 65 16 85 16 a5 16 c5 16 7 06 16 26 16 46 16 66 16 86 16 a6 16 c6 16 8 07 16 27 16 47 16 67 16 87 16 a7 16 c7 16 9 08 16 28 16 48 16 68 16 88 16 a8 16 c8 16 10 09 16 29 16 49 16 69 16 89 16 a9 16 c9 16 11 0a 16 2a 16 4a 16 6a 16 8a 16 aa 16 ca 16 12 0b 16 2b 16 4b 16 6b 16 8b 16 ab 16 cb 16 13 0c 16 2c 16 4c 16 6c 16 8c 16 ac 16 cc 16 14 0d 16 2d 16 4d 16 6d 16 8d 16 ad 16 cd 16 15 0e 16 2e 16 4e 16 6e 16 8e 16 ae 16 ce 16 16 0f 16 2f 16 4f 16 6f 16 8f 16 af 16 cf 16 17 10 16 30 16 50 16 70 16 90 16 b0 16 d0 16 18 11 16 31 16 51 16 71 16 91 16 b1 16 d1 16 19 12 16 32 16 52 16 72 16 92 16 b2 16 d2 16 20 13 16 33 16 53 16 73 16 93 16 b3 16 d3 16 21 14 16 34 16 54 16 74 16 94 16 b4 16 d4 16 22 15 16 35 16 55 16 75 16 95 16 b5 16 d5 16 23 16 16 36 16 56 16 76 16 96 16 b6 16 d6 16 24 17 16 37 16 57 16 77 16 97 16 b7 16 d7 16 25 18 16 38 16 58 16 78 16 98 16 b8 16 d8 16 26 19 16 39 16 59 16 79 16 99 16 b9 16 d9 16 27 1a 16 3a 16 5a 16 7a 16 9a 16 ba 16 da 16 28 1b 16 3b 16 5b 16 7b 16 9b 16 bb 16 db 16 29 1c 16 3c 16 5c 16 7c 16 9c 16 bc 16 dc 16 30 1d 16 3d 16 5d 16 7d 16 9d 16 bd 16 dd 16 31 1e 16 3e 16 5e 16 7e 16 9e 16 be 16 de 16 32 1f 16 3f 16 5f 16 7f 16 9f 16 bf 16 df 16 notes 1. the hexadecimal numbers in the boxes show the display ram address. notes 2. when 32 characters 7 lines are displayed, set blank code ff 16 to character code of addresses e0 16 to ef 16 . fig. 3 screen constitution (32 characters 5 7 lines) fig. 2 screen constitution (24 characters 5 10 lines) rows rows lines lines
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 6 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 da 0~c 0 1 2 3 4 5 6 7 8 9 a b c name c0 (lsb) c1 c2 c3 c4 c5 c6 c7 (msb) ec0 ec1 ec2 blink rev contents function set rom-held character code of a character needed to display. when efild1, 0=1, 0 or 0, 1, set code of the data needed to encode. when rgbon=1, set background color by character unit. no blinking blinking normal character reversed character remarks refer to encode function. refer to supplemental explanation (4). refer to blink2 to 0 (address f5 16 ) __ note. resetting at the ac pin ram-erases the display ram, and the status turns as indicated by the mark around in the status column. display ram description display ram address 00 16 to ef 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 7 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d register ptc0 ptc1 ptd0 ptd1 sepv0 sepv1 sysep0 sysep1 decb0 decb1 test10 test11 ____ w/r test25 contents remarks function p0 output (port 0) blnk1 output p1 output (port 1) co1 output it is negative polarity at p0 output l, blink1 output. it is positive polarity at p0 output h, blink1 output. it is negative polarity at p01 output l, co1 output. it is positive polarity at p01 output h, co1 output. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. sysep1 0 0 1 1 sysep0 0 1 0 1 bias potential can not be used. can not be used. 1.75v can not be used. decb1 0 0 1 1 can not be used. it should be fixed to 1. it should be fixed to 0. can not be used. input data from sin pin output data from sin pin (note 2) it should be fixed to 0. can not be used. port output control refer to supplemental explanation (5). control the port data refer to supplemental explanation (5). specifies the vertical synchronous separation criterion refer to supplemental explanation (1). specifies the sync-bias potential specifies the decoding bias potential control data i/o refer to decode data output timing. bias potential 2.35v can not be used. can not be used. can not be used. decb0 0 1 0 1 notes 1. __ the mark around the status value means the reset status by the l level is input to ac pin. notes 2. __ ___ not necessary to release after setting w/r to 1. turn cs to h to switch over to input mode. display control register (1) address f0 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 8 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 register hp0 (lsb) hp1 hp2 hp3 hp4 hp5 hp6 hp7 (msb) dvp0 (lsb) dvp1 dvp2 dvp3 dvp4 (msb) test26 contents remarks set the horizontal display start position by use of hp7 through hp0. hp7 to hp0 = (00000000) to (00001111) setting is forbidden. it can be set this up to 240 steps in increments of one t. set the slice lines (horizontal scanning lines) under decoding by use of dvp4 through dvp0. dvp4 to dvp0 = (00000) to (00011) setting is forbidden. thus, it can be defined a setting up to 26 steps covered by a range from line 10 to line 35. refer to supplemental explanation (2) about slice lines (dvs). da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function let horizontal display start position be hs, hs = t 5 ( s 2 n hpn+6) t : the oscillation cycle of display clock let the slice lines be dvs, dvs = s 2 n dvpn+6 it should be fixed to 0. can not be used. (2) address f1 16 4 n=0 7 n=0 vs hs hor vert character displaying area
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 9 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 register vp0 (lsb) vp1 vp2 vp3 vp4 vp5 vp6 vp7 (msb) evp0 (lsb) evp1 evp2 evp3 evp4 (msb) test27 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function let vertical display start position be vs, vs = h 5 s 2 n vpn let the encode lines be evs, evs = s 2 n evpn+6 it should be fixed to 0. can not be used. (3) address f2 16 remarks set the vertical display start position by use of vp7 through vp0. vp7 to vp0 = (00000000) to (00000110) setting is forbidden. it can be set this up to 249 steps in increments of one h. vp7 to vp0 = (00000000) to (00100011) setting is forbidden under encoding or decoding. sets the lines (horizontal scanning lines) under encoding by use of evp4 through evp0. evp4 to evp0 = (00000) to (00011) setting is forbidden. thus, it can be defined a setting up to 26 steps covered by a range from line 10 to line 35. refer to supplemental explanation (2) about the encode lines (evs). h : the oscillation cycle of horizontal synchronous signal 4 n=0 7 n=0 vs hs hor vert character displaying area
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 10 register hsz10 hsz11 hsz20 hsz21 vsz10 vsz11 vsz20 vsz21 dfld0 dfld1 efild0 efld1 ___ d/v test28 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function hsz11 0 0 1 1 hsz10 0 1 0 1 horizontal direction size 1t/dot 2t/dot 3t/dot 4t/dot hsz21 0 0 1 1 hsz20 0 1 0 1 horizontal direction size 1t/dot 2t/dot 3t/dot 4t/dot vsz11 0 0 1 1 vsz10 0 1 0 1 vertical direction size 1h/dot 2h/dot 3h/dot 4h/dot vsz21 0 0 1 1 vsz20 0 1 0 1 vertical direction size 1h/dot 2h/dot 3h/dot 4h/dot dfld1 0 0 1 1 dfld0 0 1 0 1 field detection off the first field the second field can not be used efld1 0 0 1 1 efld0 0 1 0 1 field detection off the first field the second field can not be used it outputs digital signal. it outputs composite video signal (note). it should be fixed to 0. can not be used. status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 (4) address f3 16 remarks character size setting in the horizontal direction for the first line. character size setting in the horizontal direction for the 2nd line to 10th line. character size setting in the vertical direction for the first line. character size setting in the vertical direction for the 2nd line to 10th line. specifies the field determination procedure in relation to the decoding functions. refer to supplemental explanation (2). specifies the field determination procedure in relation to the encoding functions. refer to supplemental explanation (2). encode (edo) output control. refer to encode function (3). ___ note. output buffer is needed with edo (12-pin) at d/v= 1. (refer to example of peripheral circuit)
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 11 register dsp0 dsp1 dsp2 dsp3 dsp4 dsp5 dsp6 dsp7 dsp8 dsp9 space test13 test14 test29 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function normal display put a space line between line 2 and line 3, and between line 8 and line 9. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. dspn= 0 matrix-outline size character size border size matrix-outline size blk1 0 0 1 1 blk0 0 1 0 1 dspn= 1 matrix-outline border size border size matrix-outline size character size status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 (5) address f4 16 depends on blk0 and blk1 (address f8 16 ) dspn in the generic name for dsp0 to dsp9. dsp0 to dsp9 are each controlled independently. remarks set the display mode of line 1. set the display mode of line 2. set the display mode of line 3. set the display mode of line 4. set the display mode of line 5. set the display mode of line 6. set the display mode of line 7. set the display mode of line 8. set the display mode of line 9. set the display mode of line 10. put a space line between line 2 and line 3 in displaying 32 characters.
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 12 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 register blink0 blink1 blink2 _ n/p ______ int/non mpal palh eqp test15 test16 test17 ______________ mb/lb test19 test30 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function blink0 0 0 1 1 blink1 0 1 0 1 duty blinking off 25% 50% 75% (6) address f5 16 remarks blinking duty ratio can be altered. (note) blinking cycle can be altered. refer to register mpal scanning lines control (only in internal synchronization) synchronizing signal is selected _ with this register and n/p register. it should be fixed to 0 at ntsc effective only at non-interlace setting the decode data output form division of vertical synchronizing signal into 1/64. cycle approximately 1 second. division of vertical synchronizing signal into 1/32. cycle approximately 0.5 second. ntsc, m-pal mode pal mode interlace non interlace not include the equivalent pulse. include the equivalent pulse. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. output from msb side output from lsb side it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. _ n/p 0 0 1 1 mpal 0 1 0 1 synchronous mode ntsc m-pal pal not available palh 0 1 number of scanning lines 625h lines 626h lines 627h lines 628h lines note. to blink a character, set 1 to dab (the blinking bit) of the display ram. __ int/non 0 1 0 1
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 13 register phase0 phase1 phase2 level0 br bg bb blkhf __________ lin24/32 lblack test0 test1 test2 test31 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function internal bias off internal bias on the halftone displaying off in superimpose the halftone displaying on in superimpose 24 characters 5 10 lines display 32 characters 5 7 lines display blanking level i 2.3v blanking level ii 2.1v it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. can not be used. it should to be fixed to 1. phase2 0 0 0 0 1 1 1 1 phase1 0 0 1 1 0 0 1 1 phase0 0 1 0 1 0 1 0 1 raster black red green yellow blue magenta cyan white bb 0 0 0 0 1 1 1 1 bg 0 0 1 1 0 0 1 1 br 0 1 0 1 0 1 0 1 black red green yellow blue magenta cyan white status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 character back- ground color remarks raster color setting refer to supplemental explanation (3) about video signal level generates bias potential for composite video signals character background color setting. refer to supplemental explanation (3) about video signal level this register is available in the superimpose displaying only. (note) 1 setting is forbidden under encoding. set a blackness level (7) address f6 16 note. it is neccessary to input the external composite video signal to the cvin pin, and externally connect a 100 to 200 w register in series.
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 14 register cur0 cur1 cur2 cur3 cur4 cur5 cur6 cur7 cblink __________ cl17/18 test22 rgbon test24 test32 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function let cursor displaying address be curs, curs = s 2 n curn no blinking blinking cursor displaying at the 17th dot by vertical direction. cursor displaying at the 18th dot by vertical direction. it should be fixed to 0. can not be used. normal character background coloring it should be fixed to 0. can not be used. it should be fixed to 0. can not be used. status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 (8) address f7 16 remarks set the cursor displaying address by use of cur7 through cur0. cur7 to cur0 (11110000) setting is forbidden under 24 characters display. cur7 to cur0 (11100000) setting is forbidden under 32 characters display. set cur7 to cur0 = ( 11111111) under cursor is not be displayed. the cursor displaying address (curs) is correspond to display construction. the cursor blinking setting refer to character construction. refer to supplemental explanation (4). 7 n=0
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 15 status 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 register blk0 blk1 ex scor stopin stop1 dspon ramers ehp0 ehp1 ehp2 ehp3 ehp4 level1 contents da 0~d 0 1 2 3 4 5 6 7 8 9 a b c d function external synchronization internal synchronization superimpose monotone display superimpose coloring display (only ntsc) f sc input mode can not be used. oscillation vco for display stop oscillation vco for display display off display on ram not erased ram erased let encode data programming start position be ehs, ehs = s 2 n ehpn internal bias off internal bias on dspn= 0 matrix-outline size character size border size matrix-outline size blk1 0 0 1 1 blk0 0 1 0 1 dspn= 1 matrix-outline border size (9) address f8 16 remarks display mode (blnk output) variable synchronizing signal switching (note1) 1 setting is forbidden at internal synchronous or pal, m-pal mode displaying. oscin oscillation control control oscillation vco for display this register does not exist (note 3). set encode start position by use of ehp4 through ehp0. ehp4 to ehp0 = (00000) to (01111) is setting forbidden. refer to encode function (3) generates bias potential for decod- ing and synchronous separation. notes 1. in dealing with the internal synchronization, cut off external video signals outside the ic. the leakage of external input video signals can be avoided. notes 2. in displaying color superimposition, enter into the oscin pin the f sc signal that phase-synchronizes with the color burst of the composite video signals (input to the cvin pin). notes 3. erases all the display ram. the character code turns to blank-ff 16 , the encode data bit and the blinking bit turn to 1 respectively, and reversed character bit turns to 0. border size matrix-outline size character size 4 n=0
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 16 supplemental explanation about display control register (1) how to effect synchronous separation from composite video signals synchronous separation is effected as follows depending on the width of l-level of the vertical synchronous period. 1. less than 8.4s not to be determined to be a vertical synchronous signal. 2. equal to or higher than 8.4s but less than 15.6s when two clocks continue, if take place, it is l period is determined to be a vertical synchronization signal. 3. equal to or higher than 15.6s it is l period is determined to be a vertical synchronous signal with no condition. the determination is made at the timing indicated by v in fig.3 either in case 2 or in case 3. fig. 4 the method of synchronous separation from composite video signal. fig. 5 field definition ] a horizontal scanning line number corresponds to slice lines dvp4 through dvp0 (address f1 16 ) and to encode lines evp4 through evp0 (address f2 16 ). stands for either an equalizing pulse or sequence of synchronizing pulse to be used as a trigger of a receiving set. h stands for a hori- zontal scanning period. (2) field definition 8.4 m s 15.6 m s vertical synchronous signal composite video signal v 8.4 m s equalizing pulse sequence of synchronizing pulse first field pulses during a vertical retrace line erasure period second field 1/2h 1h 123456 78 9 10 1/2h 1h 8?2h 1 2 3 4 5 6 7 8 9 10 11 ]
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 17 fig. 6 bector phases ec1 0 0 1 1 0 0 1 1 ec0 0 1 0 1 0 1 0 1 color black red green yellow blue magenta cyan white color setting v dd : 5.0v, ta : 25c (4) setting rgbon (address f7 16 ) a) when encode is off .... efild1, 0 (address f3 16 ) = 0,0 encode setting ... not effected rgbon = 0 ..... sets background colors depending on bb, bg, and br (address f6 16 ), screen by screen. rgbon = 1 ..... sets background colors depending on ec2 to ec0 (address 00 16 to ef 16 ), character by char- acter. the color setting is shown below. b) when encode is on ... efild1, 0 (address f3 16 ) = 0, 1 or 1, 0 encode setting ... sets encode data depending on ec2 through ec0. (refer to the encode functions for details.) rgbon = 0 ..... sets background colors depending on bb, bg and br (address f6 16 ) screen by screen. rgbon = 1 ..... this setting can not be used. (when encode is on, setting rgbon to 1 re- sults in setting both encode data and back- ground colors depending on the same memory (ec2 through ec0), so this setting can not be used. ec2 0 0 0 0 1 1 1 1 (3) video signal level color sync-chip pedestal color burst black red green yellow blue magenta cyan white ntsc method 0 7 /16 2 /16 27 /16 2 /16 /16 2 /16 17 /16 2 /16 11 /16 2 /16 23 /16 2 /16 pal, m-pal method 4 /16 7 /16 2 /16 5 /16 2 /16 /16 2 /16 15 /16 2 /16 11 /16 2 /16 9 /16 2 /16 min. 1.3 1.9 1.9 2.1 2.3 2.7 3.1 2.0 2.5 2.9 3.1 ty p. 1.5 2.1 2.1 2.3 2.5 2.9 3.3 2.2 2.7 3.1 3.3 max. 1.7 2.3 2.3 2.5 2.7 3.1 3.5 2.4 2.9 3.3 3.5 min. 1.5 1.4 1.0 1.0 1.4 1.5 ty p. 1.0 3.0 2.8 2.0 2.0 2.8 3.0 max. 4.5 4.2 3.0 3.0 4.2 4.5 phase angle (rad) brightness level (v) amplitude ratio (to color burst) cb cb1 cb2 rs1 rs2 / 4 r-y b-y -/ 4 cb color burst under ntsc cb1,cb2 color burst under pal or m-pal rs1,rs2 color subcarrier under pal or m-pal
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 18 (5) port output and blnk1, co1 output fig. 7 example of port control stop1 dspon cs pin at display clock operating 0 1 l at display clock stop 1 0 h stop1,dspon (address f8 16 ) (6) setting conditions for oscillating or stopping the display clock level0 level1 0 0 external synchronous 1 1 operation state (character display) internal synchronous 1 0 level0 (address f6 16 ), level1 (address f8 16 ) now-working condition (no characters are displayed) (7) setting condition at level0,1 1 0 ptd0 (ptd1) polarity switching blnk1 (co1) 1 0 ptc0 (ptc1) select ptd0 (ptd1) output ptd0, 1, ptc0, 1 (address f0 16 )
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 19 this display format allows each line to be controlled independently, so that two kinds of display formats can be combined on the same screen. display forms m35052-xxxsp/fp has the following four display forms as the blank- ing function, when co1 and blnk1 are output. (1) character size : blanking same as the character size. (2) border size : blanking the background as a size from cha- racter. (3) matrix-outline size: blanking the background as a size from all character font size. (4) matrix-outline : blanking the background as a size from all border size character font size. border display. fig. 8 display forms at each display mode s c a n n i n g l i n e c v i d e o 1 2 d o t s 1 4 d o t s a :b a c k g r o u n d c a r r i e r c o l o r s i g n a l ( 1 ) c h a r a c t e r s i z e ( 2 ) b o r d e r s i z e ( 3 ) m a t r i x - o u t l i n e s i z e c o 1 b l n k 1 aa aa n o t e : i n t h i s c a s e , t h e o u t p u t p o l a r i t y t h a t c o 1 a n d b l n k 1 i s p o s i t i v e . 1 4 d o t s ( 4 ) m a t r i x - o u t l i n e b o r d e r s i z e 1 2 d o t s 1 8 d o t s ]]
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 20 da e 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 da d 0 0 0 0 0 0 0 0 0 0 0 0 1 0 level 1 da c 0 0 rev rev rev rev ______ w/r dvp 4 evp 4 _ d/v 0 0 0 0 ehp 4 da b 0 0 blink blink blink blink 0 dvp 3 evp 3 efld 1 0 __ mb/lb 0 rgbon ehp 3 da a 0 0 ec2 ec2 ec2 ec2 1 dvp 2 evp 2 efld 0 space 0 0 0 ehp 2 da 9 0 0 ec1 ec1 ec1 ec1 0 dvp 1 evp 1 dfld 1 dsp 9 0 lblack cl _____ 17/18 ehp 1 da 8 0 0 ec0 ec0 ec0 ec0 0 dvp 0 evp 0 dfld 0 dsp 8 0 lin _____ 24/32 cblink ehp 0 da 7 1 0 c7 c7 c7 c7 1 hp 7 vp 7 vsz 21 dsp 7 eqp blkhf curs 7 ram ers da 6 1 0 c6 c6 c6 c6 0 hp 6 vp 6 vsz 20 dsp 6 palh bb curs 6 dspon da 5 1 0 c5 c5 c5 c5 0 hp 5 vp 5 vsz 11 dsp 5 mpal bg curs 5 stop 1 da 4 1 0 c4 c4 c4 c4 0 hp 4 vp 4 vsz 10 dsp 4 ___ int /non br curs 4 stop in da 3 1 0 c3 c3 c3 c3 ptd 1 hp 3 vp 3 hsz 21 dsp 3 ____ n/p level 0 curs 3 scor da 2 0 0 c2 c2 c2 c2 ptd 0 hp 2 vp 2 hsz 20 dsp 2 blink 2 phase 2 curs 2 ex da 1 0 0 c1 c1 c1 c1 ptc 1 hp 1 vp 1 hsz 11 dsp 1 blink 1 phase 1 curs 1 blk 1 da 0 0 0 c0 c0 c0 c0 ptc 0 hp 0 vp 0 hsz 10 dsp 0 blink 0 phase 0 curs 0 blk 0 remarks specify address display off da f 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 address (f8 16 ) data (f8 16 ) data (00 16 ) data (01 16 ) data (ee 16 ) data (ef 16 ) data (f0 16 ) data (f1 16 ) data (f2 16 ) data (f3 16 ) data (f4 16 ) data (f5 16 ) data (f6 16 ) data (f7 16 ) data (f8 16 ) data input example data of display ram and display control registers can be set by then serial input function. example of data setting is shown in figure 9. owing to automatic address increment, not necessary to enter ad- dresses for the second and subsequent data. in automatically, the next of address f8 16 is assigned to address 00 16 . fig. 9 shows an example of data serially entered. specify address display ram 0 to ef 16. specify address register f0 16 to f7 16 . display on fig. 9 example of data setting by the serial input function address /data
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 21 serial data input timing (1) the address consists of 16 bits. (2) the data consists of 16 bits. (3) __ the 16 bits in the sck after the cs signal has fallen are the ad- dress, and for succeeding input data, the address is incremented every 16 bits. output timing of decode data (1) __ setting 1 in the w/r register activates output mode. (2) outputs decode data in 16 clocks of the sck after switching over to output mode. (dont enter the sck for more than 16 clocks.) (3) __ raising the cs signal deactivates output mode. __ (to switch over to input mode, cause cs to fall.) (4) if no data are present, or if data have already been read, 0000 16 is output. fig. 11 decode data output timing fig. 10 serial input timing address (16 bit) n=1, 2, 3 cs sck lsb msb sin data n (16 bit) lsb msb lsb msb data n+1 (16 bit) msb lsb decode data (16 bit) lsb address (16 bit) data (16 bit) cs sck sin msb 1 21516 ... output mode when register mb/lb (address f5 16 ) = ? (register w/r = ??
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 22 encode functions (effective for ntsc only) (1) setting encode data setting data code (000 C 111) in ec0 through ec2 (bits da8 through daa) of the display ram (addresses 0 through ef 16 ) encodes. a sample setting and data code are shown below. fig. 12 an example of data code setting l ec2 0 0 0 0 1 1 1 1 ec1 0 0 1 1 0 0 1 1 ec0 0 1 0 1 0 1 0 1 l lh hl hh lhlh lh l data the oscillation frequency when encoding: 3 mhz ] 1 clock cycle: 0.333 s 1 character (12 dots): 3.996 s 2 bits/1 character: 3.996 s 1 bit: 1.998 s y t y t 18 dots an example of setting ? ? ? ? ] ?192 5 f h (horizontal synchronous frequency) for f h = 15.625 khz a suite of data code (000 ?111) for encoding to be set in ec2 through ec0 are assigned as given below. fixed 2 bit / a character set by every 2 bits (one character) with ec2 to ec0. 16 bit data 1h 5 characters 8 characters ec2 ~ ec0= (address) (note) (1) (2) (3) 001 (5) (6) (7) (8) (9) (10) (11) (12) (0) 100 100 101 (4) (set one code of 000 to 011) 100 lsb msb no encoding note: refer to the next page about address setting. can not be used12 dots
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 23 0d 16 25 16 3d 16 55 16 6d 16 85 16 9d 16 b5 16 cd 16 e5 16 0e 16 26 16 3e 16 56 16 6e 16 86 16 9e 16 b6 16 ce 16 e6 16 0f 16 27 16 3f 16 57 16 6f 16 87 16 9f 16 b7 16 cf 16 e7 16 10 16 28 16 40 16 58 16 70 16 88 16 a0 16 b8 16 d0 16 e8 16 11 16 29 16 41 16 59 16 71 16 89 16 a1 16 b9 16 d1 16 e9 16 12 16 2a 16 42 16 5a 16 72 16 8a 16 a2 16 ba 16 d2 16 ea 16 13 16 2b 16 43 16 5b 16 73 16 8b 16 a3 16 bb 16 d3 16 eb 16 14 16 2c 16 44 16 5c 16 74 16 8c 16 a4 16 bc 16 d4 16 ec 16 15 16 2d 16 45 16 5d 16 75 16 8d 16 a5 16 bd 16 d5 16 ed 16 16 16 2e 16 46 16 5e 16 76 16 8e 16 a6 16 be 16 d6 16 ee 16 17 16 2f 16 47 16 5f 16 77 16 8f 16 a7 16 bf 16 d7 16 ef 16 00 16 18 16 30 16 48 16 60 16 78 16 90 16 a8 16 c0 16 d8 16 02 16 1a 16 32 16 4a 16 62 16 7a 16 92 16 aa 16 c2 16 da 16 03 16 1b 16 33 16 4b 16 63 16 7b 16 93 16 ab 16 c3 16 db 16 04 16 1c 16 34 16 4c 16 64 16 7c 16 94 16 ac 16 c4 16 dc 16 05 16 1d 16 35 16 4d 16 65 16 7d 16 95 16 ad 16 c5 16 dd 16 06 16 1e 16 36 16 4e 16 66 16 7e 16 96 16 ae 16 c6 16 de 16 07 16 1f 16 37 16 4f 16 67 16 7f 16 97 16 af 16 c7 16 df 16 08 16 20 16 38 16 50 16 68 16 80 16 98 16 b0 16 c8 16 e0 16 09 16 21 16 39 16 51 16 69 16 81 16 99 16 b1 16 c9 16 e1 16 0a 16 22 16 3a 16 52 16 6a 16 82 16 9a 16 b2 16 ca 16 e2 16 0b 16 23 16 3b 16 53 16 6b 16 83 16 9b 16 b3 16 cb 16 e3 16 0c 16 24 16 3c 16 54 16 6c 16 84 16 9c 16 b4 16 cc 16 e4 16 01 16 19 16 31 16 49 16 61 16 79 16 91 16 a9 16 c1 16 d9 16 screen line 1 line 2 line 3 line 4 line 5 line 6 line 7 line 8 line 9 line 10 the first character .......................................................... the 13th character ................................................ the 24th character useless area start setting data from the first line. data set in the lines specified by registers evp0 through evp3 (address f2 16 ) will be encoded. setting data in the second and subsequent lines, it is possible to set encode data to ten consecutive lines from those secified by registers evp0 to evp2. similarly to encode line n specified by registers evp0 through evp2, extending encode lines to line n-1 and to line n+1, it is possible to read encode data more certainly. ? ? ? ? ? y ? ? ? ? ? t ? ? ? ? y ? ? ? ? t (2) setting addresses set encode data in ec0 through ec2 of addresses (that correspond to an extent from the first character to the thirteenth character in each line as appearing on the screen.) set 111 to ec2 through ec0 of all the addresses in which you set no encode data. using area for encode data setting fig.13 display monitor
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 24 (3) encode data output _ control encode data (edo) output by register d/v (address f3 16 ) fig. 14 encode data output a) _ register d/v (address f3 16 )=? digital 3 value output b) _ register d/v (address f3 16 )=? composite video signal output h it is possible to make a fine adjustment (ehs=16 to 31. 16 settings. in increments of 1/(f h 5 192)) by use of ehs (registers ehp4 to ehp0 of address f8 16 ). 1p=1/(fh 5 32) fh : horizontal synchronous frequency(mhz) a symbol min. typ. max. b c d e h (ehs+9) 5 6.5p 2p 1p 16p 1/fh unit voh_a vom_a vol_a 0.4 5.0 2.3 0 4.0 v v v 1/(fh 5 192 ) h vdd : 5.0v, ta : 25 c voh_b vom_b vol_b v v v (b) (a) h abcd e voh_a vom_a vol_a clock run-in start bit character 1 character 2 lsb1 lsb2 msb1 msb2 voh_b vom_b vol_b h a bcd e edo magnify edo magnify 3.1 3.3 3.5 1.9 2.1 2.3 1.3 1.5 1.7 m s m s m s m s m s m s 15 setting is forbidden.) (ehs
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 25 18 dots note: hatching represents border. 12 dots register cl17/18 (address f7 16 ) = 0 register cl17/18 = 1 positioning the cursor at the 17th dot. positioning the cursor at the 18th dot. character note: when the cursor positioning at the bottom (18th) dot, no border is left at the bottom. when the character extends to the top dot of the matrix, no border is left at the top. when the character extends to the bottom (18th) dot of the matrix, no border is left at the bottom. fig. 15 character font and border (1) border display (set by register blk0, 1 (address f8 16 )) (2) cursor display (border display) character font images are composed on a 12 5 18 dot matrix, and characters can be linked vertically and horizontally with other characters to allow the display the continuous symbols. character code ff 16 is so fixed as to be blank and to have no background, thus cannot assign a character font to this code.
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 26 fig. 16 example of display fig. 17 example of display precautions (1) points to note in setting the display rams a) be careful to the edges may sway depending on the combina- tion of characters background color and raster color. b) if what display exceeds the display area in dealing with exter- nal synchronization, (if use double - size characters), set the character code of the addresses lying outside that display area blank code C ff 16 . edge sway 0c 16 24 16 outside of display area inside of display set blank code ?f 16 to character code of part. outside of display area inside of display 00 16 18 16 0b 16 2f 16 17 16 numbers are adresses 23 16 30 16 48 16 47 16 5f 16 c0 16 d8 16 ef 16 d7 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 27 (2) before setting registers at the starting of system, be sure to reset __ the m35052-xxxsp/fp by applying l level to the ac pin. (3) power supply noise when power supply noise is generated, the internal oscillator cir- cuit does not stabilize, whereby causing horizontal jitters across the picture display. therefore, connect a bypass capacitor be- tween the power supply and gnd. (4) synchronous correction action when switching channel or in the special playback mode (quick playback, rewinding, and so on) of vtr, effect of synchronous correction becomes strong, and distortion of a character is apt to occur because the continuity of video signal is suddenly switched. when the continuity of video signal is out of order, erasure of displayed characters is recommended in a extreme short time to raise the quality of displayed characters. (5) notes on f sc signal input this ic amplifies the subcarrier frequency (f sc ) signal (ntsc, m- pal system: 3.58mhz, pal system: 4.43mhz) input to the oscin pin (17-pin) and generates the composite video signal internally. the amplified f sc signal can be destabilized in the following cases. a) when the f sc signal is outside of recommended operating con- ditions. b) when the waveform of the f sc signal is distorted. c) when dc level in the f sc waveform fluctuates. when the amplified signal is unstable, the composite video signal generated inside the ic is also unstable in terms of syn- chronization with the subcarrier and phase. consequently, this results in color flicker and lost synchroniza- tion when the composite video signal is generated. make note of the fact that this may prevent a stable blue background from being formed. (6) forbidding to stop entering the f sc signal this ic doesnt properly work if the f sc signal is not entered into the oscin pin (pin 17), so dont stop the f sc signal so as to work the ic. to stop the ic, turn the display off (set 0 in the register dspon (address f8 16 ).) (7) forbidding to set data during the period in which the internal oscillation circuit stabilizes a) to start entering the f sc signal when its input is stopped. b) to start oscillating the oscillation circuit for display when its oscillation is stopped. (to assign 1 to the register stop1 (ad- dress f8 16 ) when it is assigned 0, or the like.) c) to turn on the internal bias when it is turned off. (to assign 1 to the register level1 (address f8 16 ) when it is assigned 0.) there can be instances in which data are not properly set in the registers until the internal oscillation circuit stabilizes, so follow the steps in sequence as given below. 1) set 0 in the register dspon (address f8 16 ). (the display is turned off) 2) effect the settings a), b), and c) given above. 3) wait 20 ms (the period necessary for the internal oscillation cir- cuit to stabilize) before entering data. 4) set necessary data in other registers, and make the display ram ready.
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 28 from microcomputer note 1 external composite videop signal input 10k 47 m + 1.50v note 5 note 6 +5.0v 220 2.2k 120 150 +7.0v composite video signal output 75 220 m + 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 20 19 18 17 1 m + 1 m 100 m 0.01 m +5.0v + + note 4 47p 1k 0.01 m 0.22 m 470p 1.5k fsc note 3 i/o +5.0v 0.1 m 1 m 100 m + + note 7 delay circuit composite video signal encode output 470 +7.0v 47 m note 2 + output buffer output buffer note 8 digital encode output cp1 testa sin cvideo lecha cvin sck v dd 2 cs ac v dd 1 v ss hor p1 p0 oscin testb cp2 edo v ss in displaying color superimposition, enter into the oscin pin the f sc signal that phase-synchronizes with the color burst of the composite video signals (input to the cvin pin). note 7: in dealing with the internal synchronization, cut off external video signals outside the ic. the leakage of external input video signals can be avoided. note 8: outpot buffer is needed when register d/v (address f3 16 )=? note 4: construct integral circuit by built-in 30k w of ac pin and an external condenser. attention to supply voltage rise time about this cr constant. note 5: external loop filter 2 constant is provi- sional valve. note 6: connect f sc frequency . 0.3vp-p v oscin 4.0vp-p ntsc =3.580mhz pal =4.434mhz m-pal=3.576mhz ? ? note 1: clamp sync chip to 1.50v. note 2: set basic electric potential in consid eration of dynamic range of the tran- sistor. note 3: external loop filter 1 constant is pro- visional valve. M35053-xxxsp/fp peripheral circuit fig. 18 M35053-xxxsp/fp example of peripheral circuit
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 29 parameter sck width __ cs setup time __ cs hold time sin setup time sin hold time 1 word writing time symbol tw(sck) __ tsu(cs) __ th(cs) tsu(sin) th(sin) t word min. 400 200 2 200 200 12.8 unit ns ns s ns ns s __ __ note. when oscillation stop at register stor1 (address f8 16 ), 1v (field term) or more of t su( cs ) and th ( cs ) are needed. max. C C C C C C typ. C C C C C C limits timing requirements (ta = C20c to 70c, v dd = 50.25v, unless otherwise noted) fig. 19 serial input timing requirements sck cs cs 2 m s (min.) tw(cs) tw(sck) tsu(sin) th(sin) tsu(cs) th(cs) tw(sck) sin sck tword 12 16 14 15 3 12 16 14 15 3
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 30 symbol v dd v i v o p d t opr t stg parameter supply v oltage input v oltage output v oltage power dissipation operating temper ature storage temper ature conditions with respect to v ss ta=25 c ratings ?.3~6.0 v ss ?.3 v i v dd +0.3 v ss v o v dd 300 ?0~70 ?0~125 unit v v v mw c c parameter supply v oltage __ __ ??e vel input v oltage a c, cs, sin, sck, testa, testb __ __ ? level input v oltage a c, cs, sin, sck, testa, testb cvin, hor input v oltage oscin (note 1) synchronous signal oscillation frequency (duty 40~60%) displa y oscillation frequency limits ty p . 5.00 v dd 0 2.0v p-p 3.580 4.434 3.576 480 5 f h (note 2) 640 5 f h (note 2) max. 5.25 v dd 0.2 5 v dd 4.0v p-p unit v v v v v mhz mhz mhz notes 1. noise component is within 30mv. notes 2. f h : horizontal synchronous frequency (mhz). symbol v dd i dd v oh v ol r i v oh_a v om_a v ol_a limits min. 4.75 3.75 10 4.0 0.4 ty p . 5.00 30 30 2.3 max. 5.25 50 0.4 100 4.0 0.4 unit v ma v v k w v v v parameter supply v oltage supply current ??e vel output v oltage p0, p1, sin ? level output v oltage p0, p1, sin pull-up resistance __ __ ac, cs, sck, sin, testb ? level output v oltage edo ??e vel output v oltage edo ? level output v oltage edo symbol v in-sc limits min. ty p . 1.5 max. unit v parameter composite video signal input clamp v oltage test conditions sync-chip v oltage symbol v dd v ih v il v cvin v oscin f oscin f osc1 f osc2 test conditions ta=?0~70 c v dd =5.00v v dd =4.75v, i oh =?.4ma v dd =4.75v, i ol =0.4ma v dd =5.00v v dd =5.00v, i oh =?.04ma v dd =5.00v, i om = 0.04ma v dd =5.00v, i ol =0.04ma absolute maximum ratings (v dd = 5v, ta = ?0 to 70 c, unless otherwise noted) recommended operating conditions (v dd = 5v, ta = ?0 to 70 c, unless otherwise noted) electrical characteristics (v dd = 5v, ta = 25 c, unless otherwise noted) video signal input conditions (v dd = 5v, ta = ?0 to 70 c, unless otherwise noted) 24 characters 5 10 lines 32 characters 5 7 lines min. 4.75 0.8 5 v dd 0 0.3v p-p
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 31 note for supplying power (1) __ timing of power supplying to ac pin the internal circuit of m35052-xxxsp/fp is reset when the level __ of the auto clear input pin ac is l. this pin is hysteresis input __ with the pull-up resistor. the timing about power supplying of ac pin is shown in figure 20. t w is the interval after the supply volt- age becomes 0.8 5 v dd or more and before the supply voltage to __ __ the ac pin (v ac ) becomes 0.2 5 v dd or more. after supplying the power (v dd and v ss ) to m35052-xxxsp/fp, the t w time must be reserved for 1ms or more. before starting input from the microcomputer, the waiting time (ts) must be re- __ served for 500ms after the supply voltage to the ac pin becomes 0.8 5 v dd or more. (2) timing of power supplying to v dd 1 pin and v dd 2 pin the power need to supply to v dd 1 and v dd 2 at a time, though it is separated perfectly between the v dd 1 as the digital line and the v dd 2 as the analog line. rom ordering method please submit the information described below when ordering mask rom. (1) rom order confirmation form ................................................. 1 (2) data to be written into mask rom ................................ eprom (three sets containing the identical data) (3) mark specification form ............................................................ 1 (4) program for character font generating + froppy disk in which char- acter data is input precaution for use notes on noise and latch-up connect a capacitor (approx. 0.1 f) between pins v dd and v ss at the shortest distance using relatively thick wire to prevent noise and latch up. __ fig. 20 timing of power supplying to ac pin supply voltage v dd 0.8 5 v dd 0.2 5 v dd t w v ac ts (a c pin input v oltage) time t [s] voltage [v]
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 32 standard rom type : M35053-001sp/fp M35053-001sp/fp is a standard rom type of M35053-xxxsp/fp character patterns are fixed to the contents of figure 21 to 24.
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 33 fig. 21 M35053-001sp/fp character pattern (1) 00 16 01 16 02 16 03 16 04 16 05 16 06 16 07 16 08 16 09 16 0a 16 0b 16 0c 16 0d 16 0e 16 0f 16 10 16 11 16 12 16 13 16 14 16 15 16 16 16 17 16 18 16 19 16 1a 16 1b 16 1c 16 1d 16 1e 16 1f 16 20 16 21 16 22 16 23 16 24 16 25 16 26 16 27 16 28 16 29 16 2a 16 2b 16 2c 16 2d 16 2e 16 2f 16 30 16 31 16 32 16 33 16 34 16 35 16 36 16 37 16 38 16 39 16 3a 16 3b 16 3c 16 3d 16 3e 16 3f 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 34 fig. 22 M35053-001sp/fp character pattern (2) 40 16 41 16 42 16 43 16 44 16 45 16 46 16 47 16 48 16 49 16 4a 16 4b 16 4c 16 4d 16 4e 16 4f 16 50 16 51 16 52 16 53 16 54 16 55 16 56 16 57 16 58 16 59 16 5a 16 5b 16 5c 16 5d 16 5e 16 5f 16 60 16 61 16 62 16 63 16 64 16 65 16 66 16 67 16 68 16 69 16 6a 16 6b 16 6c 16 6d 16 6e 16 6f 16 70 16 71 16 72 16 73 16 74 16 75 16 76 16 77 16 78 16 79 16 7a 16 7b 16 7c 16 7d 16 7e 16 7f 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 35 fig. 23 M35053-001sp/fp character pattern (3) 80 16 81 16 82 16 83 16 84 16 85 16 86 16 87 16 88 16 89 16 8a 16 8b 16 8c 16 8d 16 8e 16 8f 16 90 16 91 16 92 16 93 16 94 16 95 16 96 16 97 16 98 16 99 16 9a 16 9b 16 9c 16 9d 16 9e 16 9f 16 a0 16 a1 16 a2 16 a3 16 a4 16 a5 16 a6 16 a7 16 a8 16 a9 16 aa 16 ab 16 ac 16 ad 16 ae 16 af 16 b0 16 b1 16 b2 16 b3 16 b4 16 b5 16 b6 16 b7 16 b8 16 b9 16 ba 16 bb 16 bc 16 bd 16 be 16 bf 16
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 36 fig. 24 M35053-001sp/fp character pattern (4) c0 16 c1 16 c2 16 c3 16 c4 16 c5 16 c6 16 c7 16 c8 16 c9 16 ca 16 cb 16 cc 16 cd 16 ce 16 cf 16 d4 16 d0 16 d1 16 d2 16 d3 16 d5 16 d6 16 d7 16 d8 16 d9 16 da 16 db 16 dc 16 dd 16 de 16 df 16 e0 16 e1 16 e2 16 e3 16 e4 16 e5 16 e6 16 e7 16 e8 16 e9 16 ea 16 eb 16 ec 16 ed 16 ee 16 ef 16 f0 16 f1 16 fa 16 f9 16 f8 16 f4 16 f3 16 f2 16 f5 16 f6 16 f7 16 fb 16 fc 16 fd 16 fe 16 ff 16 blank
M35053-xxxsp/fp screen character and pattern display controllers mitsubishi microcomputers 37 package outline
?2000 mitsubishi electric corp. new publication, effective august. 2000. specifications subject to change without notice. notes regarding these materials these materials are intended as a reference to assist our customers in the selection of the mitsubishi semiconductor product best suited to the customer? application; they do not convey any license under any intellectual property rights, or any other rights, belonging to mitsubishi electric corporation or a third party. mitsubishi electric corporation assumes no responsibility for any damage, or infringement of any third-party? rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by mitsubishi electric corporation without notice due to product improvements or other reasons. it is therefore recommended that customers contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. mitsubishi electric corporation assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by mitsubishi electric corporation by various means, including the mitsubish i semiconductor home page (http://www.mitsubishichips.com). when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. mitsubishi electric corporation assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. mitsubishi electric corporation semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. the prior written approval of mitsubishi electric corporation is necessary to reprint or reproduce in whole or in part these m aterials. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a licen se from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is pro hibited. please contact mitsubishi electric corporation or an authorized mitsubishi semiconductor product distributor for further details on these materials or the products contained therein. keep safety first in your circuit designs! mitsubishi electric corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with a ppropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material or (iii) prevention against any malfunction or mishap. mitsubishi microcomputers M35053-xxxsp/fp screen character and pattern display controllers
rev. rev. no. date 1.0 first edition 980402 1.1 p44 20p2q-a (20-pin ssop) mark specification form 000707 b: note 4 added 1.2 delete mask rom order confirmation form and mask specification form 000829 revision description list M35053-xxxsp/fp data sheet (1/1) revision description


▲Up To Search▲   

 
Price & Availability of M35053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X