Part Number Hot Search : 
LC160A AZ7805D GM6015 00390 0603L M85049 N5345 SK100
Product Description
Full Text Search
 

To Download LY2640-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  doc. no : qw0905- rev. : date : data sheet round type led lamps LY2640-PF ligitek electronics co.,ltd. property of ligitek only LY2640-PF 04 - oct. - 2005 a pb lead-free parts
directivity radiation note : 1.all dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. package dimensions ligitek electronics co.,ltd. property of ligitek only part no. LY2640-PF page 1/5 30 0 60 50%75% 25%0 25% 100% -30 -60 50% 75% 100% 3.3 4.3 1.5max 1.0min 2.54typ 0.5 typ 2.9 3.1 25.0min + -
note : 1.the forward voltage data did not including 0.1v testing tolerance. 2. the luminous intensity data did not including 15% testing tolerance. absolute maximum ratings at ta=25 i fp pd i f tstg t opr symbol typical electrical & optical characteristics (ta=25 ) power dissipation reverse current @5v storage temperature operating temperature parameter peak forward current duty 1/10@10khz forward current part no. LY2640-PF 60 -40 ~ +100 -40 ~ +85 ir10 ratings y 80 20 mw a ma ma unit ligitek electronics co.,ltd. property of ligitek only page2/5 50 viewing angle 2 1/2 (deg) min. 8.0 20 min. 1.7 forward voltage @ ma(v) max. 2.6 peak wave length pnm 585 spectral halfwidth nm 35 typ. luminous intensity @10ma(mcd) 12 emitted yellow part no LY2640-PF material gaasp/gap lens color yellow diffused
1000 ligitek electronics co.,ltd. property of ligitek only 3.0 fig.2 relative intensity vs. forward current 1000 100 10 forward current(ma) 2.5 2.0 0.5 1.0 1.5 0.0 1.0 5.0 4.0 3.0 2.0 forward voltage(v) r e l a t i v e i n t e n s i t y n o r m a l i z e @ 2 0 m a y chip 1000 10 1.0 1.0 0.1 f o r w a r d c u r r e n t ( m a ) 100 typical electro-optical characteristics curve fig.1 forward current vs. forward voltage 3.0 2.0 1.0 1.5 2.5 fig.4 relative intensity vs. temperature 100 40 20 06080 0.0 100-40 020406080 ambient temperature( ) -20 r e l a t i v e i n t e n s i t y @ 2 0 m a n o r m a l i z e @ 2 5 0.5 1.2 1.1 0.9 1.0 0.8 -40-20 1.0 f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5 fig.3 forward voltage vs. temperature fig.5 relative intensity vs. wavelength ambient temperature( ) 900 800 700 wavelength (nm) 0.5 0.0 600 r e l a t i v e i n t e n s i t y @ 2 0 m a part no. LY2640-PF page 3/5
260 c3sec max 5 /sec max 260 120 temp( c) time(sec) 150 50 100 2 /sec max 25 0 preheat 0 60 seconds max page 4/5 ligitek electronics co.,ltd. property of ligitek only soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 c max soldering time:3 seconds max(one time) distance:2mm min(from solder joint to body) 2.wave soldering profile dip soldering preheat: 120 c max preheat time: 60seconds max ramp-up 2 c/sec(max) ramp-down:-5 c/sec(max) solder bath:260 c max dipping time:3 seconds max distance:2mm min(from solder joint to body) part no. LY2640-PF
this test intended to see soldering well performed or not. the purpose of this test is the resistance of the device under tropical for hous. this test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. solderability test 1.t.sol=230 5 2.dwell time=5 1sec high temperature high humidity test thermal shock test solder resistance test the purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. 1.ta=105 5 &-40 5 (10min) (10min) 2.total 10 cycles 1.t.sol=260 5 2.dwell time= 10 1sec. 1.ta=65 5 2.rh=90%~95% 3.t=240hrs 2hrs mil-std-202: 208d mil-std-750: 2026 mil-std-883: 2003 jis c 7021: a-2 mil-std-202: 107d mil-std-750: 1051 mil-std-883: 1011 mil-std-202: 210a mil-std-750: 2031 jis c 7021: a-1 mil-std-202:103b jis c 7021: b-11 this test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed. operating life test 1.under room temperature 2.if=20ma 3.t=1000 hrs (-24hrs, +72hrs) high temperature storage test low temperature storage test the purpose of this is the resistance of the device which is laid under ondition of high temperature for hours. 1.ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. 1.ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) reliability test: test item test condition description mil-std-750: 1026 mil-std-883: 1005 jis c 7021: b-1 jis c 7021: b-12 mil-std-883:1008 jis c 7021: b-10 reference standard ligitek electronics co.,ltd. property of ligitek only 5/5 page part no. LY2640-PF


▲Up To Search▲   

 
Price & Availability of LY2640-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X