Part Number Hot Search : 
SF106 363AM VC2G0 645ET ZMM5227B OVLKGGT6 P202W G129G130
Product Description
Full Text Search
 

To Download HTK100V101MTA10X20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 7 aluminum electrolytic capacitors meritek h t k series (wide temperature range) f eatures ? high temperature 105 ? c and high reliability s pecifications item characteristic operating temp range -55 ~ +105 ? c -40 ~ +105 ? c -25 ~ 105 ? c rated working voltage 6.3 ~ 100vdc 160 ~ 400vdc 450vdc capacitance tolerance (120hz 20 ? c) ? 20%(m) leakage current (20 ? c) 6.3 ~ 100vdc i ? 0.01cv or 4 ( ? a) 160 ~ 450vdc i ? 0.03cv + 40 ( ? a) max whichever is greater after 3 minutes i : leakage current ( ? a) c : rated capacitance( ? f) v : working voltage (v) surge voltage (20 ? c) w.v. 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 s.v. 8 13 20 32 44 63 79 125 200 250 300 400 450 500 dissipation factor ( tan ? ) (120hz 20 ? c) add 0.02 per 1000uf for more than 1000uf w.v. 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 tan ? 0.24 0.20 0.17 0.15 0. 12 0.10 0.10 0.08 0.15 0. 15 0.15 0.20 0.20 0.20 low temperature stability impedance ratio at 120hz rated voltage (v) 6.3 10 16 25 35 ~ 100 160 ~ 250 350 ~ 400 450 -25 ? c / +20 ? c 4 3 2 2 2 3 6 15 -40 ? c / +20 ? c 10 8 6 4 3 4 10 - load life after 2000 hours application of w.v. and +105 ? c ripple current value , the capacitor shall meet the following limits. ( dc + ripple peak voltage ? rated working voltage ) capacitance change ? ? 25% of initial value for 6.3 ~ 16 w.v. , ? ? 20% of initial value for 25 ~ 450 w.v. dissipation factor ? 200% of initial specified value leakage current ? initial specified value shelf life at +105 ? c no voltage application after 1000 hours the ca pacitor shall meet the limits for load life characteristics. ( with voltage treatment ) p art n umber s ystem r ipple c urrent c oefficients frequency(hz) 60 120 1k ? 10k w.v. multiplie r 6.3~25v 0.85 1.00 1.10 1.20 35~100v 0.80 1.00 1.15 1.25 160~250v 0.75 1.00 1.25 1.40 350~450v 0.70 1.00 1.30 1.80 htk 100v 101 m ta 10x20 meritek series rated voltage capacitance express in micro farad(uf), first two digits are significant figures, third digit denotes number of zeros. ?r? denotes decimal point for values less than 10uf tolerance m - ? 20% package code ta tr blank tape & ammo tape & reel case size ? (d) diameter x (l) length in mm (optional) temperature( ? c) 65 85 105 multiplie r 1.75 1.40 1.00
rev. 7 aluminum electrolytic capacitors meritek h t k series (wide temperature range) d imensions (mm) ? d 5 6.3 8 10 12.5 16 18 20 22 25 f 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10.0 10.0 12.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 1.0 1.0 ? 1.5 1.5 1.5 1.5 1.5 1.5 1.5 2.0 2.0 2.0 c ase s ize & m ax r ipple c urrent cap. (uf) v 6.3 10 16 item dxl r.c. dxl r.c. dxl r.c. 47 ? 5x11 90 100 5x11 110 5x11 120 5x11 130 220 5x11 160 5x11 180 6.3x11 220 330 6.3x11 220 6.3x11 250 8x11.5 310 470 6.3x11 270 6.3x11 290 8x11.5 370 1000 8x11.5 460 10x12.5 530 10x16 630 2200 10x16 760 10x20 910 12.5x20 1050 3300 10x20 990 12.5x20 1140 12.5x25 1340 4700 12.5x20 1200 12.5x25 1420 16x25 1510 6800 12.5x25 1500 16x25 1600 16x31.5 1860 10000 16x25 1660 16x35.5 2040 18x35.5 2270 15000 16x35.5 2140 18x35.5 2370 20x40 2550 22000 18x40 2590 20x40 2830 22x50 3380 33000 22x50 3390 22x50 3470 25x50 3790 cap. (uf) v 25 35 50 item dxl r.c. dxl r.c. dxl r.c. 0.1 ? 5x11 5 0.22 ? 5x11 8 0.33 ? 5x11 10 0.47 ? 5x11 12 1 ? 5x11 17 2.2 ? 5x11 25 3.3 ? 5x11 31 4.7 ? 5x11 36 10 5x11 43 5x11 49 5x11 55 22 5x11 65 5x11 70 5x11 80 33 5x11 80 5x11 90 5x11 95 47 5x11 95 5x11 110 6.3x11 130 100 6.3x11 160 6.3x11 170 8x11.5 220 220 8x11.5 270 8x11.5 300 10x12.5 350 330 8x11.5 330 10x12.5 390 10x16 480 470 10x12.5 420 10x16 520 10x20 630 1000 10x20 740 12.5x20 890 12.5x25 1070 2200 12.5x25 1220 16x25 1350 16x35.5 1700 3300 16x25 1420 16x35.5 1810 18x35.5 2060 4700 16x31.5 1740 18x35.5 2110 6800 18x35.5 2170 10000 20x40 2610 15000 22x50 3270 22000 25x50 3690 case size : dxl (mm) max. ripple current : ma(rms) 105 ? c 120hz
rev. 7 aluminum electrolytic capacitors meritek h t k series (wide temperature range) c ase s ize & m ax r ipple c urrent cap. (uf) v 63 100 item dxl r.c. dxl r.c. 0.1 ? 5x11 6 0.22 ? 5x11 9 0.33 ? 5x11 11 0.47 ? 5x11 13 1 ? 5x11 19 2.2 ? 5x11 28 3.3 ? 5x11 34 4.7 ? 5x11 41 10 5x11 55 6.3x11 65 22 5x11 80 6.3x11 100 33 6.3x11 110 8x11.5 140 47 6.3x11 130 10x12.5 180 100 10x12.5 240 10x20 320 220 10x16 390 12.5x25 560 330 10x20 520 12.5x25 690 470 12.5x20 670 16x25 830 1000 16x25 1080 18x40 1580 2200 22x50 2590 all blank voltage on sleeve marking is the same voltage as ? ? ? point to. cap. (uf) v 160 200 250 item dxl r.c. dxl r.c. dxl r.c. 0.47 6.3x11 12 6.3x11 13 6.3x11 14 1 6.3x11 18 6.3x11 19 6.3x11 21 2.2 6.3x11 26 6.3x11 28 6.3x11 31 3.3 6.3x11 32 6.3x11 34 8x11.5 44 4.7 6.3x11 38 8x11.5 48 8x11.5 50 10 8x11.5 65 10x12.5 75 10x16 90 22 10x16 110 10x20 130 12.5x20 160 33 10x20 150 12.5x20 180 12.5x20 190 47 12.5x20 190 12.5x20 210 12.5x25 250 100 12.5x25 310 16x25 340 16x31.5 410 220 16x35.5 540 18x40 660 330 18x40 750 470 22x40 1000 1000 25x50 1730 cap. (uf) v 350 400 450 item dxl r.c. dxl r.c. dxl r.c. 0.47 8x11.5 14 8x11.5 15 10x12.5 15 1 8x11.5 21 8x11.5 21 10x12.5 22 2.2 8x11.5 31 10x12.5 33 10x20 39 3.3 10x12.5 39 10x12.5 41 12.5x20 50 4.7 10x12.5 47 10x16 55 12.5x20 60 10 10x20 85 12.5x20 90 16x25 100 22 12.5x25 150 12.5x25 150 16x31.5 160 33 16x25 180 16x31.5 210 18x35.5 230 47 16x35.5 250 18x35.5 280 100 18x40 410 20x40 450 220 22x50 760 case size : dxl (mm) max. ripple current : ma(rms) 105 ? c 120hz


▲Up To Search▲   

 
Price & Availability of HTK100V101MTA10X20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X