Part Number Hot Search : 
SSM3J SMP3968 B3422BT1 SMP3968 00110 79L15AC 00190 004000
Product Description
Full Text Search
 

To Download HD74LVCR2245A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74LVCR2245A octal bidirectional transceivers with 3?state outputs ade-205-235b (z) 3rd. edition january 2001 description the HD74LVCR2245A has eight buffers with three state outputs in a 20 pin package. when (t / r ) is high, data flows from the a inputs to the b outputs, and when (t / r ) is low, data flows from the b inputs to the a outputs. a and b bus are separated by making enable input ( oe ) high level. all outputs, which are designed to sink up to 12 ma, include equivalent 26 ? resistors to reduce overshoot and undreshoot. low voltage and high speed operation is suitable at battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation. features ? v cc = 1.65 to 5.5 v ? all inputs v ih (max) = 5.5 v (@v cc = 0 to 5.5 v) ? all inputs / outputs v i / o (max) = 5.5 v (@v cc = 0 v or output off state) ? typical v ol ground bounce < 0.8 v (@v cc = 3.3 v, ta = 25c) ? typical v oh undershoot > 2.0 v (@v cc = 3.3 v, ta = 25c) ? high output current 12 ma (@v cc = 3.0 to 5.5 v) ? all outputs have equivalent 26 ? series resistors, so no external resistors are required
HD74LVCR2245A rev.3, jan. 2001, page 2 of 13 function table inputs operation oe oe oe oe t / r r r r l l b data to a bus l h a data to b bus hxz h : high level l : low level x : immaterial z : high impedance pin arrangement (top view) 17 18 15 16 19 20 11 12 13 14 v cc b0 b1 b2 b3 1 2 3 4 5 6 7 8 9 10 t / a0 a1 a2 a3 a4 a5 gnd a6 a7 b4 b5 b6 b7
HD74LVCR2245A rev.3, jan. 2001, page 3 of 13 absolute maximum ratings item symbol ratings unit conditions supply voltage v cc ?0.5 to 7.0 v input voltage v i ?0.5 to 7.0 v output voltage v o ?0.5 to 7.0 v output ?z? or v cc : off ?0.5 to v cc +0.5 output ?h? or ?l? input diode current i ik ?50 ma v i < 0 output diode current i ok ?50 ma v o < 0 output current i o 50 ma v cc , gnd current i cc or i gnd 100 ma storage temperature tstg ?65 to 150 c note: the absolute maximum ratings are values which must not individually be exceeded, and furthermore no two of which may be realized at the same time. recommended operating conditions item symbol ratings unit conditions supply voltage v cc 1.65 to 5.5 v at operation 1.5 to 5.5 data retention only input voltage v i 0 to 5.5 v output voltage v o 0 to 5.5 v output ?z? or v cc : off 0 to v cc output ?h? or ?l? output current i oh ?2 ma v cc = 1.65 v ?4 v cc = 2.3 v ?8 v cc = 2.7 v ?12 v cc = 3.0 to 5.5 v i ol 2v cc = 1.65 v 4v cc = 2.3 v 8v cc = 2.7 v 12 v cc = 3.0 to 5.5 v input rise / fall time t r , t f 0 to 6 ns / v operating temperature ta ?40 to +85 c
HD74LVCR2245A rev.3, jan. 2001, page 4 of 13 logic diagram t / a0 b0 1 19 18 2 to seven other channels
HD74LVCR2245A rev.3, jan. 2001, page 5 of 13 electrical characteristics (ta = ?40 to 85c) item symbol v cc (v) min typ max unit test conditions input voltage v ih 1.65 to 1.95 v cc 0.65 ?? v 2.3 to 2.7 1.7 ? ? 2.7 to 3.6 2.0 ? ? 4.5 to 5.5 v cc 0.7 ? ? v il 1.65 to 1.95 ?? v cc 0.35 2.3 to 2.7 ? ? 0.7 2.7 to 3.6 ? ? 0.8 4.5 to 5.5 ? ? v cc 0.3 output voltage v oh 1.65 to 5.5 v cc ?0.2 ? ? v i oh = ?100 a 1.65 1.2 ? ? i oh = ?2 ma 2.3 1.7 ? ? i oh = ?4 ma 2.7 2.2 ? ? 3.0 2.4 ? ? i oh = ?6 ma 2.7 2.0 ? ? i oh = ?8 ma 3.0 2.0 ? ? i oh = ?12 ma 4.5 3.6 ? ? v ol 1.65 to 5.5 ? ? 0.2 i ol = 100 a 1.65 ? ? 0.45 i ol = 2 ma 2.3 ? ? 0.7 i ol = 4 ma 2.7 ? ? 0.4 3.0 ? ? 0.55 i ol = 6 ma 2.7 ? ? 0.6 i ol = 8 ma 3.0 ? ? 0.8 i ol = 12 ma 4.5 ? ? 0.8 input current i in 0 to 5.5 ? ? 5 av in = 0 to 5.5 v off state output current i oz 1.65 to 5.5 ? ? 5 av out = 0 to 5.5 v output leak current i off 0??5 av in or v o = 5.5 v quiescent supply i cc 1.65 to 3.6 ? ? 10 av in = 3.6 to 5.5 v *1 , i o = 0 current 1.65 to 5.5 ? ? 10 v in = v cc or gnd ? i cc 2.7 to 3.6 ? ? 500 v in = one input at (v cc ?0.6)v, other inputs at v cc or gnd input capacitance c in 3.3 ? 3.4 ? pf v in = v cc or gnd input output capacitance c i / o 3.3 ? 9.5 ? pf v out = v cc or gnd note: 1. this applies in the disabled state only.
HD74LVCR2245A rev.3, jan. 2001, page 6 of 13 switching characteristics (ta = ?40 to 85c) item symbol v cc (v) min typ max unit from (input) to (output) propagation delay time t plh 1.80.15 ? ? 15.0 ns a or b b or a t phl 2.50.2 ? ? 9.0 2.7 ? ? 7.3 3.30.3 1.5 ? 6.3 5.00.5 ? ? 4.8 output enable time t zh 1.80.15 ? ? 18.0 ns oe a or b t zl 2.50.2 ? ? 11.0 2.7 ? ? 9.5 3.30.3 1.5 ? 8.2 5.00.5 ? ? 6.8 output disable time t hz 1.80.15 ? ? 16.0 ns oe a or b t lz 2.50.2 ? ? 10.0 2.7 ? ? 8.5 3.30.3 1.7 ? 7.8 5.00.5 ? ? 6.6 between output pin skew *1 t oslh 1.80.15 ? ? 2.0 ns t oshl 2.50.2 ? ? 2.0 2.7 ? ? 1.5 3.30.3 ? ? 1.0 5.00.5 ? ? 1.0 note : 1. this parameter is characterized but not tested. t oslh = |t plhm ?t plhn |, t oshl = |t phlm ?t phln |
HD74LVCR2245A rev.3, jan. 2001, page 7 of 13 test circuit (v cc = 1.80.15 v, v cc = 2.50.2 v) v cc a0 open c = 30 pf t / r output input see function table pulse generator b0 z out = 50 ? s1 r1 r2 50 scope ? gnd v cc s2 l note: 1. c includes probe and jig capacitance. l t / t plh phl t / t zh hz t / t zl lz 2 v cc 2 v cc v (v) cc symbol s2 open gnd r1 1 k ? r2 950 ? 1.80.15 500 ? 450 ? 2.50.2
HD74LVCR2245A rev.3, jan. 2001, page 8 of 13 (v cc = 2.7 v, v cc = 3.30.3 v, v cc = 5.00.5 v) v cc a0 open c = 50 pf t / r output input see function table pulse generator b0 z out = 50 ? s1 500 ? 450 ? 50 scope ? gnd v cc s2 l note: 1. c includes probe and jig capacitance. l see under table *1 6 v vcc=2.7v, vcc=5.00.5v 3.30.3v t / t plh phl open gnd t / t zh hz t / t zl lz 2 v cc symbol s2 open gnd
HD74LVCR2245A rev.3, jan. 2001, page 9 of 13 (v cc = 1.80.15 v, v cc = 2.50.2 v) t plh t phl v oh v oh v ol v ol gnd v cc 10 % 90 % input waveform ? a waveform ? b in phase output 10 % 90 % ? waveforms ? 1  waveforms ? 2 t r 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc 50% v cc rf t f t r t f t zl gnd v cc t lz t zh t hz 10 % 10 % 90 % 90 % v ? 0.15 v oh v + 0.15 v ol notes: 1. input waveform : prr = 10 mhz, duty cycle 50%, t = 2.0 ns, t = 2.0 ns 2. waveform ? a shows input conditions such that the output is "l" level when enabled by the output control. 3. waveform ? b shows input conditions such that the output is "h" level when enabled by the output control. v cc gnd
HD74LVCR2245A rev.3, jan. 2001, page 10 of 13 (v cc = 2.7 v, v cc = 3.30.3 v, v cc = 5.00.5 v) t plh t phl v oh v oh v ol v ol gnd v ih 10 % 90 % input waveform ? a waveform ? b in phase output 10 % 90 %  waveforms ? 1  waveforms ? 2 t r v ref v ref v ref v ref v ref v ref rf v ref v ref t f t r t f t zl gnd v ih v ih v ref v oh1 v ol1 v oh1 v ol1 t lz t zh t hz 10 % 10 % 90 % 90 % v ? 0.3 v oh v + 0.3 v ol vcc=2.7v vcc=5.0?.5v 3.3?.3v gnd 3 v 1.5 v 2.7 v 50%v cc v cc v cc test notes: 1. input waveform : prr = 10 mhz, duty cycle 50%, t = 2.5 ns, t = 2.5 ns 2. waveform ? a shows input conditions such that the output is "l" level when enabled by the output control. 3. waveform ? b shows input conditions such that the output is "h" level when enabled by the output control. gnd
HD74LVCR2245A rev.3, jan. 2001, page 11 of 13 package dimensions hitachi code jedec eiaj mass (reference value) fp-20da ? conforms 0.31 g unit: mm *dimension including the plating thickness base material dimension *0.42 ?0.08 0.12 0.15 m 20 10 1 *0.22 ?0.05 0.80 max 11 12.6 5.5 2.20 max 13 max 0? ?8? 0.70 ?0.20 + 0.20 ?0.30 7.80 1.27 0.10 ?0.10 1.15 0.40 ?0.06 0.20 ?0.04
HD74LVCR2245A rev.3, jan. 2001, page 12 of 13 hitachi code jedec eiaj mass (reference value) ttp-20da 0.07 g unit: mm *dimension including the plating thickness base material dimension 0.50 0.10 0 ? 8 ? *0.17 0.05 6.40 0.20 0.10 1.10 max 0.13 m 0.65 110 20 11 4.40 6.50 6.80 max *0.22 +0.08 0.07 0.07 +0.03 0.04 1.0 0.65 max 0.20 0.06 0.15 0.04
HD74LVCR2245A rev.3, jan. 2001, page 13 of 13 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2000. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://www.hitachi.com.hk hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585160 hitachi europe gmbh electronic components group dornacher stra e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 2.0


▲Up To Search▲   

 
Price & Availability of HD74LVCR2245A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X