Part Number Hot Search : 
KB40C02A A3842 M3529XR 6KE100A SMB30CA IRFU540 ADN2814 C441PM
Product Description
Full Text Search
 

To Download GP12340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cells per unit 6 voltage per unit 12 capacity 40a h @ 20hr-rate to 1.75v per cell @25 (77 ) weight approx. 12.63 kg(27.84 lbs) maximum discharge current 400a(5sec) internal resistance approx. 8.1m operating temperature range nominal operating temperature range 25 3 (77 5 ) float charging voltage recommended maximum charging 12a current limit equalization and cycle service self discharge csb batteries can be stored for more than 6 months at 25 (77 ). please charge batteries before using. for higher temperatures the time interval will be shorter. terminal b2-l terminal to accept m5 nut & bolt container material abs(ul 94-hb/file e50263)*flammability resistance of (ul 94-v0/file e88637) can be available upon request. discharge: -15 ~50 ( 5 ~122 ) charge: -15 ~40 ( 5 ~104 ) storage: -15 ~40 ( 5 ~104 ) constant power discharge characteristics unit:w (25 ,77 ) constant current discharge characteristics unit:a (25 ,77 ) gp 12400 12v 40ah specification powered by gp 12400 is a general purpose battery up to 5 years in standby service or more than 260 cycles at 100% discharge in cycle service. as with all csb batteries, all are rechargeable, highly efficient, leak proof and maintenance free. ra: 08 23 width (w) dimensions : unit: mm (inch) overall height (h) container height (h) length (l) 1702 (6.690.08) 168.52 (6.630.08) 1972 (7.760.08) 1652 (6.50.08) f.v/time 5min 10min 15min 30min 1hr 2hr 3hr 4hr 5hr 8hr 10hr 20hr 1.60v 176 113 85.0 51.8 30.6 17.7 12.6 9.83 8.01 5.25 4.28 2.21 1.67v 157 105 81.0 50.8 30.3 17.6 12.5 9.77 7.98 5.19 4.20 2.12 1.70v 149 101 78.7 50.1 30.2 17.5 12.4 9.75 7.96 5.17 4.16 2.08 1.75v 135 95.0 75.5 49.0 30.0 17.4 12.3 9.71 7.93 5.10 4.09 2.01 1.80v 121 88.3 71.7 47.6 29.8 17.3 12.2 9.67 7.89 5.03 4.03 1.93 1.85v 107 81.7 67.8 46.2 29.4 17.2 12.1 9.63 7.85 4.96 3.96 1.86 f.v/time 5min 10min 15min 30min 1hr 2hr 3hr 4hr 5hr 8hr 10hr 20hr 1.60v 2,110 1,350 1,020 622 367 212 151 118 96.1 63.0 51.3 26.5 1.67v 1,886 1,259 972 606 364 211 150 117 95.7 62.3 50.4 25.4 1.70v 1,790 1,214 945 600 363 210 149 116 95.5 62.0 50.0 24.9 1.75v 1,620 1,140 902 585 360 209 148 115 95.2 61.2 49.2 24.1 1.80v 1,450 1,060 860 571 357 208 147 114 94.8 60.4 48.3 23.2 1.85v 1,280 980 814 555 353 207 146 113 94.2 59.6 47.5 22.4 13.5 to 13.8 vdc/unit average at 25 (77 ) 14.4 to 15.0 vdc/unit average at 25 (77 ) csb-manufactured vrla batteries are ul- recognized components under ul924 and ul1989. csb is also certified by iso 9001 and iso 14001.
charge voltage(v/cell) application temperature set point allowable range max.charge current cycle use 25 (77 ) 2.45 2.40~2.50 standby 25 (77 ) 2.275 2.25~2.30 0.3c final discharge voltage v/cell 1.75 1.70 1.60 1.30 discharge current(a) 0.2c>(a) 0.2c<(a)<0.5 c 0.5c<(a)<1.0c (a)>1.0c 68 2.60 4 0 8 12 16 20 24 2.20 2.40 2.00 1.80 1.60 1.40 0.20 0.14 0.17 0.11 0.08 0.05 0.02 140 100 120 80 60 40 20 )ratio 2.60 4 0 8 12 16 20 24 2.20 2.40 2.00 1.80 1.60 1.40 0.20 0.14 0.17 0.11 0.08 0.05 0.02 140 100 120 80 60 40 20 )ratio 13.65v (2.275v/cell) gp12400 12v 40ah global hq csb battery co., ltd. (taiwan) tel : +886-2-2555-5600 fax : +886-2-2555-3300 mail : service@csb-battery.com.tw america hq csb battery technologies inc. (u.s.a) tel : +1-817-244-7777/1-(800)3-csb-usa(272872) fax : +1-817-244-4445 mail : csb@csb-battery.com europe hq csb battery europe bv. tel : +31(0)-180-418-140 fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu beijing office. (china) c sb battery technologies (beijing) co., ltd. tel : +86-10-59621300/1301/1302/1303 fax : +86-10-59621304 mail : chinasls@csb-battery.com shanghai office. (china) csb battery logistic (shanghai) co., ltd. tel : +86-21-5046-1622/5046-0833 fax : +86-21-5064-3314 mail : chinasls@csb-battery.com shenzhen office.( china ) csb battery logistic ( shanghai ) co., ltd. tel : +86-755-8831-6488/6396/6356 fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of GP12340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X