Part Number Hot Search : 
C3357 1N2070A 2M100Z LTC23 LA1S1 SII4723 D1595 2SB822R
Product Description
Full Text Search
 

To Download GMKP3000-XXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 13103 revision 14-jan-02 www.vishay.com 54 gmkp vishay esta standard capacitors in cylindrical casing, oil impregnated, self-healing, with fuse dc capacitors series gmkp 1000v - 3000v, higher voltages upon request. capacitance range 1-400 f, in relation to rated voltage and dimension. other capacitance values, upon request. general vishay esta dc-capacitors may be loaded with a comparatively high component of alternating voltage or alternating current due to the low ohmic and low dielectric losses. thus the capacitors can equally be employed for all dc applications. the capacitors can also be applied as ac capacitors at a rated frequency of 50 hz for the quoted root-mean-square voltages. technical data operating mode continuous operation class of application hsf (refer to general information impregnating agent oil (non pcb, refer to general information) permissible temperature range min./max. casing temperature: - 25 /70 c min./max. storage temperature: - 40 /85 c self-discharge time constant > 10.000s permissible relative air humidity 95% life expectancy with 3% failure rate 100.000h number of discharges upon request time interval between 2 discharges with a periodic discharge: 2 sec. with oscillating discharge: upon request terminals amp plugs 6.3 x 0.8 or threaded bolts m10 mounting position vertical/horizontal upside down position, upon request only protection overpressure tear-off fuse, refer to general information loss factor (50hz) 1.5 x 10 - 4 (14khz) 2.0 x 10 - 4 capacitance tolerance 10 % overvoltages 1.1 x un 1.15 x un 30% operation 30 min./day 1.2 x un 1.3 x un 1.5 x un 5min./day 1min./day 100ms/day test voltages terminal/ terminal 1.5 x un dc/10 sec. terminal/casing 2.0 x un/2 + 1.000 vac/10 sec. peak current (periodical) du/dt x c [a] standard iec 61071-1 en 61071 dielectric metallized polypropylene film (refer to general information) power electronic, dc capacitors .com .com .com 4 .com u datasheet
www.vishay.com 55 gmkp vishay esta document number: 13103 revision 14-jan-02 dc capacitors series gmkp 1000v - 3000v rated voltage 1000vdc u rms = 470 v model c i du / dt l dimensions weight figure* fav / snh ? ? ? ? ? d x h (mm) kg gmkp 1000 - 2 ia 2.0 12.0 500 < 150 30 x 52 0.04 1 gmkp 1000 - 4 ia 4.0 12.0 500 < 150 30 x 52 0.05 1 gmkp 1000 - 8 ia 8.0 12.0 500 < 150 40 x 72 0.09 1 gmkp 1000 - 10 ia 10.0 15.0 500 < 150 50 x 72 0.09 1 gmkp 1000 - 16 ia 16.0 15.0 500 < 150 50 x 72 0.14 4 gmkp 1000 - 20 ia 20.0 15.0 300 < 150 50 x 97 0.18 4 gmkp 1000 - 32 ia 32.0 18.0 200 < 150 50 x 127 0.25 4 gmkp 1000 - 40 ia 40.0 18.0 200 < 150 50 x 127 0.25 4 gmkp 1000 - 64 ia 64.0 20.0 200 < 150 64 x 140 0.45 4 gmkp 1000 - 80 ia 80.0 20.0 200 < 200 64 x 190 0.61 6 i gmkp 1000 - 100 ia 100.0 20.0 150 < 200 84 x 140 0.78 4 gmkp 1000 - 200 ia 200.0 35.0 70 < 220 84 x 240 1.34 5 gmkp 1000 - 400 ia 400.0 35.0 50 < 250 84 x 340 1.88 5 model c i du / dt l dimensions weight figure* fav / snh ? ? ? ? ? d x h (mm) kg gmkp 1800 - 4 ia 4.0 12.0 500 < 150 50 x 72 0.14 4 gmkp 1800 - 8 ia 8.0 12.0 500 < 150 50 x 127 0.25 4 gmkp 1800 - 10 ia 10.0 15.0 500 < 150 50 x 127 0.25 4 gmkp 1800 - 16 ia 16.0 15.0 500 < 150 60 x 127 0.36 4 gmkp 1800 - 20 ia 20.0 18.0 300 < 150 64 x 140 0.41 4 gmkp 1800 - 32 ib 32.0 20.0 200 < 200 84 x 140 0.78 6 i gmkp 1800 - 40 ib 40.0 25.0 200 < 120 84 x 190 1.05 6 i rated voltage 1800vdc rated voltage 3000vdc model c i du / dt l dimensions weight figure* fav / snh ? ? ? ? ? d x h (mm) kg gmkp 3000 - 2 ia 2.0 15.0 500 < 150 50 x 97 0.18 4 gmkp 3000 - 4 ia 4.0 15.0 500 < 150 50 x 127 0.25 4 gmkp 3000 - 8 ia 8.0 15.0 500 < 150 64 x 140 0.41 4 gmkp 3000 - 8 ib 8.0 15.0 500 < 150 64 x 140 0.41 6 gmkp 3000 - 10 ia 10.0 18.0 400 < 200 64 x 190 0.61 4 gmkp 3000 - 16 ib 16.0 25.0 300 < 200 64 x 240 1.05 6 ii gmkp 3000 - 20 ib 20.0 35.0 300 < 200 84 x 190 1.05 6 ii gmkp 3000 - 28 ib 28.0 35.0 200 < 250 84 x 240 1.33 6 ii u rms = 640 v other values available upon request. standard capacitors types usually, available ex stock. non-standard and custom styles to be manufactured in accordance with specific orders. minimum order quantities are applicable depending on the various capacitor types. vishay reserve the right to change any dimensions without notice. *see dimensional drawings document number : 13105 power electronic, dc capacitors .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of GMKP3000-XXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X