Part Number Hot Search : 
CPDER24V FR024 KST9015 BZT5233B ADV7170 3004M D1975 FS50SM
Product Description
Full Text Search
 

To Download FDS6680S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2000 ? 2000 fairchild semiconductor corporation FDS6680S rev c (w) FDS6680S 30v n - channel powertrench ? ? ? ? syncfet ? general description the FDS6680S is designed to replace a single so-8 mosfet and schottky diode in synchronous dc:dc power supplies. this 30v mosfet is designed to maximize power conversion efficiency, providing a low r ds(on) and low gate charge. the FDS6680S includes an integrated schottky diode using fairchild?s monolithic syncfet technology. the performance of the FDS6680S as the low-side switch in a synchronous rectifier is indistinguishable from the performance of the fds6680 in parallel with a schottky diode. applications ? dc/dc converter ? motor drives features ? 11.5 a, 30 v. r ds(on) = 0.011 ? @ v gs = 10 v r ds(on) = 0.017 ? @ v gs = 4.5 v ? includes syncfet schottky body diode ? low gate charge (17nc typical) ? high performance trench technology for extremely low r ds(on) and fast switching ? high power and current handling capability s d s s so-8 d d d g 4 3 2 1 5 6 7 8 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d drain current ? continuous (note 1a) 11.5 a ? pulsed 50 power dissipation for single operation (note 1a) 2.5 (note 1b) 1.2 p d (note 1c) 1 w t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 50 c/w r jc thermal resistance, junction-to-case (note 1) 25 c/w package marking and ordering information device marking device reel size tape width quantity FDS6680S FDS6680S 13?? 12mm 2500 units FDS6680S
FDS6680S rev c (w) electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = 1 ma 30 v ? bv dss === ? t j breakdown voltage temperature coefficient i d = 1 ma, referenced to 25 c 19 mv/ c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 500 a i gssf gate?body leakage, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?20 v, v ds = 0 v ?100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = 1 ma 1 2 3 v ? v gs(th) === ? t j gate threshold voltage temperature coefficient i d = 1 ma, referenced to 25 c -3.3 mv/ c r ds(on) static drain?source on?resistance v gs = 10 v, i d = 11.5 a v gs = 4.5 v, i d = 9.5 a v gs =10 v, i d =11.5a, t j =125 c 9.5 13.5 17 11 17 23 m ? i d(on) on?state drain current v gs = 10 v, v ds = 5 v 50 a g fs forward transconductance v ds = 15 v, i d = 11.5 a 27 s dynamic characteristics c iss input capacitance 2010 pf c oss output capacitance 526 pf c rss reverse transfer capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 186 pf switching characteristics (note 2) t d(on) turn?on delay time 10 18 ns t r turn?on rise time 10 18 ns t d(off) turn?off delay time 34 55 ns t f turn?off fall time v ds = 15 v, i d = 1 a, v gs = 10 v, r gen = 6 ? 14 23 ns q g total gate charge 17 24 nc q gs gate?source charge 6.2 nc q gd gate?drain charge v ds = 15 v, i d = 11.5 a, v gs = 5 v 5.5 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current 3.5 a v sd drain?source diode forward voltage v gs = 0 v, i s = 3.5 a (note 2) v gs = 0 v, i s = 7 a (note 2) 0.45 0.6 0.7 v t rr diode reverse recovery time 20 ns q rr diode reverse recovery charge i f = 11.5a, d if /d t = 300 a/s (note 3) 19.7 nc notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a) 50/w when mounted on a 1 in 2 pad of 2 oz copper b) 105/w when mounted on a .04 in 2 pad of 2 oz copper c) 125/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0% 3. see ?syncfet schottky body diode characteristics? below. FDS6680S
FDS6680S rev c (w) typical characteristics 0 10 20 30 40 50 0123 v ds , drain-source voltage (v) i d , drain current (a ) 5.0v 4.5v 4.0v 3.5v 3.0v v gs = 10v 7.0v 0.8 1 1.2 1.4 1.6 1.8 2 0 1020304050 i d , drain current (a) r ds(on) , normalized drain-source on-resistanc e v gs = 4.0v 6 . 0 v 8.0v 10v 5.0v 4.5v 7.0v figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. 0.2 0.6 1 1.4 1.8 -50 -25 0 25 50 75 100 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistanc e i d = 11.5a v gs = 10v 0 0.01 0.02 0.03 0.04 246810 v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = 6a t a = 100 o c t a = 25 o c figure 3. on-resistance variation with temperature. figure 4. on-resistance variation with gate-to-source voltage. 0 10 20 30 40 50 12345 v gs , gate to source voltage (v) i d , drain current (a ) t a = -55 o c 25 o c 100 o c v ds = 5v 0.001 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 v sd , body diode forward voltage (v) i s , reverse drain current (a ) t a = 100 o c 25 o c -55 o c v gs = 0v figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. FDS6680S
FDS6680S rev c (w) typical characteristics (continued) 0 2 4 6 8 10 0 10203040 q g , gate charge (nc) v gs , gate-source voltage (v) i d =11.5a v ds = 5v 15v 10v 0 500 1000 1500 2000 2500 3000 0 102030 v ds , drain to source voltage (v) capacitance (pf ) c iss c rss c oss f = 1mhz v gs = 0 v figure 7. gate charge characteristics. figure 8. capacitance characteristics. 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage (v) i d , drain current (a ) dc 10s 1s 100ms 100 ja = 125 o c/w t a = 25 o c 10ms 1ms 0 10 20 30 40 50 0.01 0.1 1 10 100 1000 t 1 , time (sec) p(pk), peak transient power (w ) single pulse r ja = 125c/w t a = 25c figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r ja (t) = r(t) + r ja r ja = 125 c/w t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 p (p k ) t 1 t 2 single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1c. transient thermal response will change depending on the circuit board design. FDS6680S
FDS6680S rev c (w) typical characteristics (continued) syncfet schottky body diode characteristics fairchild?s syncfet process embeds a schottky diode in parallel with powertrench mosfet. this diode exhibits similar characteristics to a discrete external schottky diode in parallel with a mosfet. figure 12 shows the reverse recovery characteristic of the FDS6680S. current: 3a/div 10ns/div 0 figure 12. FDS6680S syncfet body diode reverse recovery characteristic. for comparison purposes, figure 13 shows the reverse recovery characteristics of the body diode of an equivalent size mosfet produced without syncfet (fds6680). current: 3a/div 10ns/div 0 figure 13. non-syncfet (fds6680) body diode reverse recovery characteristic. schottky barrier diodes exhibit significant leakage at high temperature and high reverse voltage. this will increase the power in the device. 0.0001 0.001 0.01 0.1 0 10 20 30 v ds , reverse voltage (v) i dss , reverse le akage current (a) 100 o c 25 o c figure 14. syncfet body diode reverse leakage versus drain-source voltage and temperature. FDS6680S
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification p roduct status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. qfet? qs? qt optoelectronics? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? fastr? globaloptoisolator? gto? hisec? isoplanar? microwire? optologic? optoplanar? pop? powertrench ? rev. f1 acex? bottomless? coolfet? crossvolt? dome? e 2 cmos tm ensigna tm fact? fact quiet series? fast ? vcx?


▲Up To Search▲   

 
Price & Availability of FDS6680S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X