Part Number Hot Search : 
KRA316E ASI10715 A1108 ZL30415 T28C64B 00030 D0200YR UN222
Product Description
Full Text Search
 

To Download FDS6680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 1998 f ds6680 single n-channel logic level pwm optimized powertrench tm mosfet general description features absolute maximum ratings t a = 25 o c unless other wise noted symbol parameter f ds6680 units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d drain current - continuous (note 1a) 11 .5 a - pulsed 50 p d power dissipation for single operation (note 1a) 2.5 w (note 1b) 1.2 (note 1c) 1 t j ,t stg operating and storage temperature range -55 to 150 c thermal characteristics r q ja thermal resistance, junction-to-ambient (note 1a ) 50 c/w r q jc thermal resistance, junction-to-case (note 1) 25 c/w FDS6680 rev.e1 11 .5 a, 3 0 v. r ds(on ) = 0.010 w @ v gs = 10 v r ds(on ) = 0.015 w @ v gs = 4.5 v . optimized for use in switching dc/dc converters with pwm controllers. very fast switching . low gate charge (typical qg = 19 nc). sot-23 supersot t m -8 soic-16 so-8 sot-223 supersot t m -6 this n-channel logic level mosfet has been designed specifically to improve the overall efficiency of dc/ dc converters using either synchronous or conventional switching pwm controllers. the mosfet features faster switching and lower gate charge than other mosfets with comparable r ds(on ) specifications. the result is a mosfet that is easy and safer to drive (even at very high frequencies), and dc/ dc power supply designs with higher overall efficiency . 1 6 7 8 2 4 3 5 ? 1998 fairchild semiconductor corporation
electrical characteristics ( t a = 25 o c unless otherwise noted ) symbol parameter conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 v d bv dss / d t j breakdown voltage temp. coefficient i d = 250 a , referenced to 25 o c 23 mv/ o c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a t j = 5 5c 10 a i gssf gate - body leakage, forward v gs = 20 v, v ds = 0 v 100 na i gssr gate - body leakage, reverse v gs = -20 v, v ds = 0 v -100 na on characteristics (note 2 ) v gs (th) gate threshold voltage v ds = v gs , i d = 250 a 1 1.7 3 v d v gs(th) / d t j gate threshold voltage temp.coefficient i d = 250 a , referenced to 25 o c -5 mv/ o c r ds(on) static drain-source on-resistance v gs = 10 v, i d = 11 .5 a 0.0085 0.01 w t j =12 5c 0.014 0.017 v gs = 4.5 v, i d = 9 .5 a 0.0125 0.015 i d(on) on-state drain current v gs = 10 v, v ds = 5 v 50 a g fs forward transconductance v ds = 15 v, i d = 11.5 a 40 s dynamic characteristics c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 2070 pf c oss output capacitance 510 pf c rss reverse transfer capacitance 235 pf switching ch aracteristics (note 2) t d(on ) turn - on delay time v ds = 15 v, i d = 1 a 13 21 ns t r turn - on rise time v gs = 10 v , r gen = 6 w 10 18 ns t d(off) turn - off delay time 36 58 ns t f turn - off fall time 13 23 ns q g total gate charge v ds = 15 v, i d = 11.5 a, 19 27 nc q gs gate-source charge v gs = 5 v 7 nc q gd gate-drain charge 6 nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 2.1 a v sd drain-source diode forward voltage v gs = 0 v, i s = 2.1 a (note 2 ) 1.2 v notes: 1 . r q ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. FDS6680 rev.e1 c. 125 o c/w on a 0.006 in 2 pad of 2oz copper. b . 10 5 o c/w on a 0.04 in 2 pad of 2oz copper. a . 50 o c/w on a 1 in 2 pad of 2oz copper.
FDS6680 rev.e1 0 0.5 1 1.5 2 2.5 0 10 20 30 40 50 v , drain-source voltage (v) i , drain-source current (a) 3.5 4.0 4.5 ds d v = 10v gs 5.0 6.0 3.0 0 10 20 30 40 50 0.5 1 1.5 2 2.5 3 i , drain current (a) drain-source on-resistance v = 3.5v gs d r , normalized ds(on) 10 6.0 4.0 5.0 4.5 typical electrical characteristics figure 1. on-region characteristics . figure 2. on-resistance variation with drain current and gate voltage . -50 -25 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 1.8 t , junction temperature (c) drain-source on-resistance j v =10v gs i = 11.5a d r , normalized ds(on) figure 3. on-resistance variation with temperature . 0 1 2 3 4 5 0 10 20 30 40 50 v , gate to source voltage (v) i , drain current (a) 25c 125c v = 10v ds gs d t = -55c j figure 5 . transfer characteristics. 0.2 0.4 0.6 0.8 1 1.2 0.0001 0.001 0.01 0.1 1 10 50 v , body diode forward voltage (v) i , reverse drain current (a) t = 125c j 25c -55c v =0v gs sd s figure 6 . body diode forward voltage varia tion with source current and temperature. 2 4 6 8 10 0 0.01 0.02 0.03 0.04 v ,gate-source voltage (v) drain-source on-resistance i = 11.5a d gs r ,( ohm ) ds(on) t = 125 c a o t = 25 c a o figure 4 . on-resistance variation with gate-to -source voltage.
FDS6680 rev.e1 0 10 20 30 40 0 2 4 6 8 10 q , gate charge (nc) v , gate-source voltage (v) g gs i = 11.5a d v = 10v ds 15v 20v 0.1 0.2 0.5 1 2 5 10 30 50 0.01 0.1 1 3 10 20 50 100 v , drain-source voltage (v) i , drain current (a) ds d 1s 100ms 10s 10ms rds(on) limit 1ms 100us dc v = 10v single pulse r = see note 1c t = 25c gs a q ja 0.001 0.01 0.1 1 10 100 300 0 10 20 30 40 50 single pulse time (sec) power (w) single pulse r =see note 1c t = 25c q ja a figure 10. single pulse maximum power dissipation . 0.1 0.2 0.5 1 2 5 10 20 30 100 200 500 1000 2000 3000 v , drain to source voltage (v) capacitance (pf) ds c iss f = 1 mhz v = 0v gs c oss c rss figure 8. capacitance characteristics . figure 7 . gate charge characteristics. figure 9. maximum safe operating area . typical electrical and thermal characteristics 0.0001 0.001 0.01 0.1 1 10 100 300 0.001 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1 t , time (sec) transient thermal resistance r(t), normalized effective 1 single pulse d = 0.5 0.1 0.05 0.02 0.01 0.2 duty cycle, d = t /t 1 2 r (t) = r(t) * r r =see note 1c q ja q ja q ja t - t = p * r (t) q ja a j p(pk) t 1 t 2 figure 11 . transient thermal response curve . thermal characterization performed using the conditions described in n ote 1c. transient thermal response will change depending on the circuit board design.
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench? qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8


▲Up To Search▲   

 
Price & Availability of FDS6680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X