Part Number Hot Search : 
MAX97000 P40N03 SP612607 BTM7750G 1036026 FESF16HT IL223AT MBZ52
Product Description
Full Text Search
 

To Download DDTA142TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30405 rev. 2 - 2 1 of 3 ddta (lo-r1) e www.diodes.com  diodes incorporated ddta (lo-r1) e pnp pre-biased 100 ma sot-523 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors  lead free product features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g n 3 out top view in gnd 2 1 mechanical data  case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: finish - matte tin (note 1) solderable per mil-std-202, method 208  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.002 grams (approx.)  ordering information (see page 2) (2) in r 1 r 2 gnd (1) out (3) p/n r1 (nom) r2 (nom) marking ddta122le ddta142je ddta122te DDTA142TE 0.22k  0.47k  0.22k  0.47k  10k  10k  open open p81 p82 p83 p84 characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta122le ddta142je v in +5 to -6 +5 to -6 v input voltage, (1) to (2) ddta122te DDTA142TE v ebo (max) -5 v output current all i c -100 ma power dissipation (note 2) p d 150 mw thermal resistance, junction to ambient air (note 2) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm note: 1. if lead-bearing terminal plating is required, please contact your diodes inc. sales representative for availabilit y and minimum order details. 2. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. t c u d o r p w e n
ds30405 rev. 2 - 2 2 of 3 ddta (lo-r1) e www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta122le ddta142je v l(off) -0.3 -0.3  v v cc = -5v, i o = -100  a ddta122le ddta142je v l(on)  -2.0 -2.0 v v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma output voltage v o(on)  -0.3v v i o /i l = -5ma/-0.25ma input current ddta122le ddta142je i l  -28 -13 ma v i = -5v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain ddta122le ddta142je g l 56 56  v o = -5v, i o = -10ma gain-bandwidth product* f t  200  mhz v ce = -10v, i e = -5ma, f = 100mhz electrical characteristics r1, r2 types @ t a = 25  c unless otherwise specified * transistor - for reference only characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -40  v i c = -1ma emitter-base breakdown voltage ddta122te DDTA142TE bv ebo -5   v i e = -50  a i e = -50  a collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current ddta122te DDTA142TE i ebo    -0.5 -0.5  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c = -5ma, i b = -0.25ma dc current transfer ratio ddta122te DDTA142TE h fe 100 100 250 250 600 600  i c = -1ma, v ce = -5v gain-bandwidth product* f t  200  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics r1-only types @ t a = 25  c unless otherwise specified * transistor - for reference only xxx = product type marking code (see page 1) ym = date code marking y = year ex: p = 2003 m = month ex: 9 = september xxxym device packaging shipping ddta122le-7 sot-523 3000/tape & reel ddta142je-7 sot-523 3000/tape & reel ddta122te-7 sot-523 3000/tape & reel DDTA142TE-7 sot-523 3000/tape & reel ordering information (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key notes: 1. if lead-bearing terminal plating is required, please contact your diodes inc. sales representative for availabilit y and minimum order details. 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. t c u d o r p w e n marking information
ds30405 rev. 2 - 2 3 of 3 ddta (lo-r1) e www.diodes.com -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g .1 powerderatin g curve p , power dissipation (mw) d t c u d o r p w e n


▲Up To Search▲   

 
Price & Availability of DDTA142TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X