Part Number Hot Search : 
D25XB100 3021F GR8837M MCH3144 AO8816L 2N2907A SMA16 MC33349
Product Description
Full Text Search
 

To Download DA08-11YWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsab5115 rev no: v.9 date: may/24/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000173 20.3mm (0.8inch) dual digit numeric display part number: DA08-11YWA yellow features z 0.8 inch digit height. z excellent character appearance. z easy mounting on p.c. boards or sockets. z two digit package simplifies alignments & assembly. z i.c. compatible. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the yellow source color devices are made with gallium arsenide phosphide on galliu m phosphide yellow light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsab5115 rev no: v.9 date: may/24/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000173 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. DA08-11YWA yellow (gaasp/gap) white diffused 1200 4700 common anode ,rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength yellow 590 nm i f =20ma d [1] dominant wavelength yellow 588 nm i f =20ma ? 1/2 spectral line half-width yellow 35 nm i f =20ma c capacitance yellow 20 pf v f =0v;f=1mhz v f [2] forward voltage yellow 2.1 2.5 v i f =20ma i r reverse current yellow 10 ua v r =5v parameter yellow units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 140 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsab5115 rev no: v.9 date: may/24/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000173 yellow DA08-11YWA
spec no: dsab5115 rev no: v.9 date: may/24/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1302000173 packing & label specifications DA08-11YWA


▲Up To Search▲   

 
Price & Availability of DA08-11YWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X