Part Number Hot Search : 
C424450A A17555 F1005 M86291 ML4812IQ OP11A TC405 L5983
Product Description
Full Text Search
 

To Download BYT78 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability case: jedec do--27,molded plastic polarity: color band denotes cathode weight: 0.041ounces, 1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,50hz,resistive or inductive load. for capacitive load,derate by 20%. units maximum recurrent peak reverse voltage v rrm v max imum rms v oltage v rms v maximum dc blocking voltage v dc v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 10ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 3.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =125 max imum rev er s e r ec ov er y time ( note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg note:1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1.0mh z and applied rev erse v oltage of 4.0v dc. 3. thermal resistance f rom junction to ambient. BYT78 800 560 1000 700 -55-----+150 -55-----+150 5.0 150 32 25 300 voltage range: 800 --- 1000 v current: 3.0 a do - 27 maximum ratings and electrical characteristics easily cleaned with freon alcohol,isopropanol and s im ilar s olvents i f(av) byt77 100 800 1000 3.0 a i fsm i r a a 1.1 dimensions in millimeters byt77-BYT78 fast recovery rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
-1.0a -0.25a 0 +0.5a t rr 1cm pulse generator (note2) d.u.t. 1 n.1. 50 n.1. oscilloscope (note 1) (+) 50vdc (approx) (-) 10 n.1. (-) (+) 0.6 0.8 1.0 1.2 1.4 1.6 0.1 0.2 0.6 0.4 1.0 2.0 4.0 10 20 40 100 200 t j =25 pulse width=300 s 1.8 2.0 0 1 100 10 246 2 0 406 0 t j =125 10ms single half sine-wave 20 100 80 60 40 0.6 1.2 1.8 2.4 3.0 025 100 150 0 175 50 125 75 single phase half walf 50hz resistive or inductive load amperes amperes amperes junction capacitance pf instantaneous forward voltage,volts reverse voltage,volts fig.5-- typical junction capacitance 2. rise time=10ns ma x. source impeda nce=5o average forward rectified curren t fi g. 3 --peak forward surge current notes:1.rise time =7ns max. input impedance=1m .22pf fig.1 -- reverse recovery time characteristic and test circuit diagram fig.2 --forward derating curve fi g. 4--typi cal forward characteri sti c peak forward surge current instantaneous reverse current set time base for 50/100 ns /cm ambi ent temperature, number of cycles at 50 hz .1 .2 .4 1.0 2 4 10 20 40 100 1 2 4 10 20 40 60 100 t j =25 f=1mhz byt77-BYT78 fast recovery rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BYT78

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X