Part Number Hot Search : 
TVV030 2SJ479 MC7815A 015C2 34262P CMZ5351B 91ER1KLF AX168
Product Description
Full Text Search
 

To Download BUZ102SLE3045A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  buz 102sl data book 1 05.99 product summary drain source voltage 55 v ds v drain-source on-state resistance ? 0.015 r ds(on) i d continuous drain current 47 a features ? n channel ? enhancement mode ? avalanche rated ? logic level ? d v /d t rated ? 175 ?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code buz102sl tube p-to220-3-1 q67040-s4010-a2 buz102sl e3045a tape and reel q67040-s4010-a6 p-to263-3-2 tube buz102sl e3045 p-to263-3-2 q67040-s4010-a5 maximum ratings, at t j = 25 ?c unless otherwise specified parameter symbol unit value continuous drain current t c = 25 ?c t c = 100 ?c 47 33 i d a pulsed drain current t c = 25 ?c i dpulse 188 avalanche energy, single pulse i d =47a, v dd =25v, r gs =25 ? mj e as 245 avalanche energy, periodic limited by t jmax 12 e ar reverse diode d v /d t i s =47a, v ds =40v, d i /d t = 200 a/ s, t jmax = 175 ?c d v /d t 6 kv/ s gate source voltage v gs ?0 v power dissipation t c = 25 ?c p tot 120 w operating and storage temperature t j , t stg ?c -55... +175 55/175/56 iec climatic category; din iec 68-1
buz 102sl data book 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - - 1.25 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 62 - - - - 62 40 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma - v (br)dss 55 - v gate threshold voltage, v gs = v ds i d = 90 a v gs(th) 2 1.6 1.2 zero gate voltage drain current v ds = 50 v, v gs = 0 v, t j = 25 ? c v ds = 50 v, v gs = 0 v, t j = 150 ? c - - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 4.5 v, i d = 33 a v gs = 10 v, i d = 33 a r ds(on) - - 0.021 0.0135 0.024 0.015 ? 1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
buz 102sl data book 3 05.99 electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 2* i d * r ds(on)max , i d = 33 a g fs 10 40 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 1380 1730 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 410 515 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 230 290 turn-on delay time v dd = 30 v, v gs = 4.5 v, i d = 47 a, r g = 3.6 ? t d(on) - 15 25 ns rise time v dd = 30 v, v gs = 4.5 v, i d = 47 a, r g = 3.6 ? t r - 30 45 turn-off delay time v dd = 30 v, v gs = 4.5 v, i d = 47 a, r g = 3.6 ? t d(off) - 30 45 fall time v dd = 30 v, v gs = 4.5 v, i d = 47 a, r g = 3.6 ? t f - 20 30
buz 102sl data book 4 05.99 electrical characteristics , at t j = 25 ? c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 40 v, i d = 47 a 10.5 nc 7 q gs - - 23 q gd gate to drain charge v dd = 40 v, i d = 47 a 34.5 gate charge total v dd = 40 v, i d = 47 a, v gs = 0 to 10 v - 60 90 q g gate plateau voltage v dd = 40 v, i d = 47 a v (plateau) 4.1 - v - reverse diode inverse diode continuous forward current t c = 25 ? c i s - - 47 a inverse diode direct current,pulsed t c = 25 ? c i sm - - 188 inverse diode forward voltage v gs = 0 v, i f = 94 a v sd - 1.1 v 1.7 reverse recovery time v r = 30 v, i f = i s , d i f /d t = 100 a/s t rr - 75 ns 115 reverse recovery charge v r = 30 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.15 0.25
buz 102sl data book 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ? c 190 t c 0 10 20 30 40 50 60 70 80 90 100 110 w 130 buz102sl p tot drain current i d = f ( t c ) parameter: v gs 10 v 0 20 40 60 80 100 120 140 160 ? c 190 t c 0 5 10 15 20 25 30 35 40 45 a 55 buz102sl i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w buz102sl z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ? c 10 -1 10 0 10 1 10 2 v v ds 0 10 1 10 2 10 3 10 a buz102sl i d r d s ( o n ) = v d s / i d dc 10 ms 1 ms 100 s t p = 21.0 s
buz 102sl data book 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0 10 20 30 40 50 60 70 80 90 100 a 120 buz102sl i d v gs [v] a a2.5 b b3.0 c c3.5 d d4.0 e e4.5 f f5.0 g g5.5 h h6.0 i i6.5 j j7.0 k k8.0 l p tot = 120 w l 10.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 10 20 30 40 50 60 70 80 a 100 i d 0.000 0.010 0.020 0.030 0.040 0.050 0.060 ? 0.080 buz102sl r ds(on) v gs [v] = b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 6.5 j j 7.0 k k 8.0 l l 10.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 2 x i d x r ds(on)max 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v gs 0 20 40 a 80 i d typ. forward transconductance g fs = f ( i d ) ; t j = 25 ? c parameter: g fs 0 10 20 30 40 50 a 65 i d 0 5 10 15 20 25 30 35 s 45 g fs
buz 102sl data book 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 33 a, v gs = 4.5 v -60 -20 20 60 100 140 ? c 200 t j 0.000 0.010 0.020 0.030 0.040 0.050 0.060 0.070 ? 0.085 buz102sl r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 90 a -60 -20 20 60 100 140 ? c 200 t j 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v 3.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 10 20 v 40 v ds 2 10 3 10 4 10 pf c ciss coss crss forward characteristics of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd 0 10 1 10 2 10 3 10 a buz102sl i f t j = 25 ? c typ t j = 25 ? c (98%) t j = 175 ? c typ t j = 175 ? c (98%)
buz 102sl data book 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 47 a 0 10 20 30 40 50 60 70 80 nc 100 q gate 0 2 4 6 8 10 12 v 16 buz102sl v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 47 a, v dd = 25 v r gs = 25 ? 20 40 60 80 100 120 140 ? c 180 t j 0 20 40 60 80 100 120 140 160 180 200 220 mj 260 e as drain-source breakdown voltage v (br)dss = f (t j ) -60 -20 20 60 100 140 ? c 200 t j 50 52 54 56 58 60 62 64 v 66 buz102sl v (br)dss


▲Up To Search▲   

 
Price & Availability of BUZ102SLE3045A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X