Part Number Hot Search : 
TDP1603 AN606 030406 EDB103S SAA71 MC600 AC100 MC74VHC1
Product Description
Full Text Search
 

To Download BAS40-04-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features sot-23 package for surface mount application protects from line to v cc and line to ground low forward voltage and reverse recovery characteristics bidirectional- low-forward available with ? - 04? suffix (figure 2) tape & reel eia standard 481. mechanical data mounting position: any weight: .008 grams (approx.) maximum ratings operating temperature: -55 o c to +125 o c storage temperature: -55 o c to +150 o c power dissipation: 200 m watts @ t amb =25 o c forward continuous current: surge forward current: 6 00ma @ t p <1s, t amb =25 o c description various configurations of schottky barrier? s diodes in sot-23 package are provided for general-purpose use in high-speed switching ,mixers and detector applications. they may also be used for signal integrity and counteract the transmission-line effects with (pc) board trances by clamping over/and undershoot from signal reflections with the schottky-low- threshold voltages. this type of termination also does not depend on matching the transmission line characteristic impedance, making it particularly useful where line impendance is unknown or a variable. this methode of termination can control distortions of clock, data, address, and control lines as well as provides a stabilizing effect on signal jitter. it can also significantly reduce power consumption compared to standard resistor-based termination methods. bas40 thru bas70 surface mount schottky barrier diode 200 mwatt suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 .079 2.000 in c h es mm .031 .800 .035 .900 . 03 7 .950 .037 .950 k a b c d e f g h j sot-23  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: a 2011/01/01 tm micro commercial components 1 of 4 @ i fm bas40 =200ma t a =25 o c @ i fm bas70 =70ma t a =25 o c epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
bas40 and bas70 figure 1 figure 2 figure 3 figure 4 electrical characteristics per diode @ 25 0 c unless otherwise specified repetitive peak reverse voltage v rrm (volts) reverse breakdown voltage tested with 10a pulse v (br)r (volts) leakage current pulse test tp < 300s @ for bas40 v r = 30 v for bas70 v r = 50 v i r (na) forward voltage pulse test tp < 300s at i f = 1 ma at i f = 40 ma v f (mv) reverse recovery time from i f = 10 ma through i r =10ma to i r =1ma t rr (ns) thermal resistance junction to ambient air r thja (k/w) capacitance at v r = 0v f = 1 mhz c tot pf device type device marking figure typ min typ max i f =1ma i f =15ma i f =40ma max max max bas40 43 1 40 40 10 200 380 1000 5 430 5 bas40-04 44 2 40 40 10 200 380 1000 5 430 5 bas40-05 45 3 40 40 10 200 380 1000 5 430 5 bas40-06 46 4 40 40 10 200 380 1000 5 430 5 bas70 73 1 70 70 10 200 410 1000 5 430 2 bas70-04 74 2 70 70 10 200 410 1000 5 430 2 bas70-05 75 3 70 70 10 200 410 1000 5 430 2 bas70-06 76 4 70 70 10 200 410 1000 5 430 2 mcc www. mccsemi .com revision: a 2011 /01/01 tm micro commercial components 2 of 4
t ypical characteristics revision: a 2011/01/01 www. mccsemi .com 3 of 4 mcc tm micro commercial components bas40 and bas70 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .1 t y pical forward volta g e t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a 0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f=1mhz 0 100 200 t , ambient temperature (oc) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d 0 50 10 0 150 200 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fi g .2 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 1 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BAS40-04-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X